Part Number Hot Search : 
ZM39B 1236A GC1512 5KE11A 2N681 FC101 CMPT3410 GC1512
Product Description
Full Text Search
 

To Download LM2CY20W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
LM2CY20W
OVAL SOLID STATE LAMP
PRELIMINARY SPEC
Features
OUTSTANDING MATERIAL EFFICIENCY. RELIABLE AND RUGGED. I.C. COMPATIBLE. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg M2CY (AlInGaP) 5 30 140 84 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CY (AlInGaP) 2.3 2.8 10 Unit V V uA
P
590
nm
D
589
nm
245C For 3 Seconds 245C For 5 Seconds
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 1790
Wavelength nm P
Viewing Angle 2 1/2
LM2CY20W
Yellow
AlInGaP
Water Clear
900
590
70(H) 30(V)
Published Date : MAR 17, 2008
Drawing No : SDSA6521
V1
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part Number:
LM2CY20W
OVAL SOLID STATE LAMP
M2CY
Published Date : MAR 17, 2008
Drawing No : SDSA6521
V1
Checked : B.L.LIU
P.2/4
www.SunLED.com
Part Number:
LM2CY20W
OVAL SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 17, 2008
Drawing No : SDSA6521
V1
Checked : B.L.LIU
P.3/4
www.SunLED.com
Part Number:
LM2CY20W
OVAL SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LM2CY20W
Published Date : MAR 17, 2008
Drawing No : SDSA6521
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LM2CY20W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X