Part Number Hot Search : 
74HC7540 LBS13701 HYB31 24101 RTL8201 C2008 10EL5 5BR10
Product Description
Full Text Search
 

To Download LM2CR20W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
LM2CR20W
OVAL SOLID STATE LAMP
PRELIMINARY SPEC
Features
OUTSTANDING MATERIAL EFFICIENCY. RELIABLE AND RUGGED. I.C. COMPATIBLE. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 30 150 84 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA
P
640
nm
D
630
nm
245C For 3 Seconds 245C For 5 Seconds
25
nm
C
27
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 4490
Wavelength nm P
Viewing Angle 2 1/2
LM2CR20W
Red
AlInGaP
Water Clear
2500
640
70(H) 30(V)
Published Date : MAR 17, 2008
Drawing No : SDSA6520
V1
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part Number:
LM2CR20W
OVAL SOLID STATE LAMP
M2CR
Published Date : MAR 17, 2008
Drawing No : SDSA6520
V1
Checked : B.L.LIU
P.2/4
www.SunLED.com
Part Number:
LM2CR20W
OVAL SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 17, 2008
Drawing No : SDSA6520
V1
Checked : B.L.LIU
P.3/4
www.SunLED.com
Part Number:
LM2CR20W
OVAL SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LM2CR20W
Published Date : MAR 17, 2008
Drawing No : SDSA6520
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LM2CR20W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X