Part Number Hot Search : 
LPD6803 P756E90 EL3021 MAX1537A 0MFFI01 0MFFI01 74ABT540 00BGI
Product Description
Full Text Search
 

To Download LM2CR20DLSDLCR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
LM2CR20DLSDLCR
OVAL SOLID STATE LAMP
PRELIMINARY SPEC
Features
OUTSTANDING MATERIAL EFFICIENCY. RELIABLE AND RUGGED. IC COMPATIBLE. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 30 150 84 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA
P
640
nm
245C For 3 Seconds 245C For 5 Seconds
D
630
nm
25
nm
C
27
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 2990
Wavelength nm P
Viewing Angle 2 1/2
LM2CR20DLSDLCR
Red
AlInGaP
Red Semi Diffused
1500
640
100(H) 50(V) P. 1/4
Published Date : MAR 17,2008
Drawing No : SDSA6525
V1
Checked : B.L.LIU
Part Number:
www.SunLED.com
LM2CR20DLSDLCR
OVAL SOLID STATE LAMP
M2CR
Published Date : MAR 17,2008
Drawing No : SDSA6525
V1
Checked : B.L.LIU
P. 2/4
Part Number:
www.SunLED.com
LM2CR20DLSDLCR
OVAL SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 17,2008
Drawing No : SDSA6525
V1
Checked : B.L.LIU
P. 3/4
Part Number:
www.SunLED.com
LM2CR20DLSDLCR
OVAL SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LM2CR20DLSDLCR
Published Date : MAR 17,2008
Drawing No : SDSA6525
V1
Checked : B.L.LIU
P. 4/4


▲Up To Search▲   

 
Price & Availability of LM2CR20DLSDLCR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X