Part Number Hot Search : 
01700 74122 STR30134 MCP40D17 XC6214 MAX3011E 1550A SK118
Product Description
Full Text Search
 

To Download KP-3216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbright
Features
(R)
3.2x1.6mm SMD CHIP LED LAMPS
KP-3216
Package Dimensions
SMT LED. 1.1mm THICKNESS. POWER CONSUMPTION. lWIDE VIEWING ANGLE. lIDEAL FOR BACKLIGHT AND INDICATOR. lVARIOUS COLORS AND LENS TYPES AVAILABLE.
l3.2mmx1.6mm lLOW
1
Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diodes.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2.(0.0079") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
Selection Guide
Part No. KP-3216HD KP-3216HC KP-3216HT KP-3216ID KP-3216EC KP-3216IT KP-3216YD KP-3216YC KP-3216YT KP-3216SRD KP-3216SRC KP-3216SRT KP-3216SGD KP-3216SGC KP-3216SGT Dice BRIGHT RED (GaP) BRIGHT RED (GaP) BRIGHT RED (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP)
Lens Type RED DIFFUSED WATER CLEAR RED TRAS. RED DIFFUSED WATER CLEAR RED TRANS. YELLOW DIFFUSED WATER CLEAR YELLOW TRANS. RED DIFFUSED WATER CLEAR RED TRANS. GREEN DIFFUSESD WATER CLEAR GREEN TRNS.
Iv (mcd) @ 20 mA Min. 0.8 0.8 0.8 5 5 5 3.2 3.2 3.2 40 40 40 3.2 3.2 3.2 Typ. 1.25 1.25 1.2 12.5 12.5 12.5 8 8 8 70 70 70 12.5 12.5 12.5
Viewing Angle 21/2 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
1-KP-3216
Electrical / Optical Characteristics at T A=25C
Symbol Parameter Device
Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green All
Typ.
700 625 590 660 565 45 45 35 20 30 40 12 10 95 45 2.0 2.0 2.1 1.85 2.2 10
Max.
Units
Test Conditions
peak
Peak Wavelength
nm
IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
vF IR
Forward Voltage
2.5 2.5 2.5 2.5 2.5
V
IF=20mA
Reverse Current
uA
VR = 5V
Absolute Maximum Ratings at T A=25C
Parameter
Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Soldering Temperature [2]
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Bright Red
105 25 150 5
High Efficiency Red
105 30 150 5
Yellow
105 30 150 5
Super Bright Red
100 30 150 5
Super Bright Green
105 25 150 5
Units
mW mA mA V
-40 C To +85 C 230 C For 3 Seconds
1-KP-3216
Bright Red KP-3216HD, KP-3216HC, KP-3216HT
1
High Efficiency Red KP-3216ID, KP-3216EC, KP-3216IT
1-KP-3216
Yellow KP-3216YD, KP-3216YC, KP-3216YT
Super Bright Red KP-3216SRD, KP-3216SRC, KP-3216SRT
1-KP-3216
Super Bright Green KP-3216SGD, KP-3216SGC, KP-3216SGT
1
KP-3216 Series SMT Reflow Soldering Instructions
1-KP-3216
KP-3216 Series Recommended Soldering Pattern
KP-3216 Series Tape Specifications
(Units : mm)
1-KP-3216


▲Up To Search▲   

 
Price & Availability of KP-3216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X