Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download KP-2012SYC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbright
Features
!2.0mmx1.2mm !LOW !WIDE !IDEAL
(R)
2.0x1.2mm SMD CHIP LED LAMPS
KP-2012SYC SUPER BRIGHT YELLOW
SMT LED, 1.1mm THICKNESS.
KP-2012SYCK SUPER BRIGHT YELLOW
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES AVAILABLE.
!VARIOUS
Package Dimensions
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
Selection Guide
Par t No . Di c e L en s Ty p e Iv (mc d ) @ 20 mA Min . KP-2012SYC KP-2012SYCK SUPER BRIGHT YELLOW (InGaAlP) SUPER BRIGHT YELLOW (InGaAlP) WATER CLEAR WATER CLEAR 40 30 Ty p . 60 50 View in g An g l e 21/2 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
KP-2012SY-1
Kingbright
Sy m b o l peak 1/2 C VF IR
(R)
Electrical / Optical Characteristics at T)=25C
Par ameter Peak Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current Dev ic e Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow All Ty p . 590 20 33 2.0 2.4 10 Max . Un i t s nm nm pF V uA Tes t Co n d itio n s IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Su p er B r ig h t Yello w 125 30 150 5 -40C To +85C
Un i t s mW mA mA V
KP-2012SY-2
Kingbright
(R)
Super Bright Yellow KP-2012SYC,KP-2012SYCK
KP-2012SY SERIES SMT Reflow Soldering Instructions
KP-2012SY-3
Kingbright
(R)
KP-2012SY SERIES Recommended Soldering Pattern (Units : mm)
KP-2012SY SERIES Tape Specifications (Units : mm)
KP-2012SY-4


▲Up To Search▲   

 
Price & Availability of KP-2012SYC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X