Part Number Hot Search : 
MAX4635 CXA3812M T6316A RU1HE4H BY44810 CLL4756A 015020 75M12
Product Description
Full Text Search
 

To Download IRFP460A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFP460A, SiHFP460A
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 105 26 42 Single
D
FEATURES
500 0.27
* Low Gate Charge Qg Results in Simple Drive Requirement * Improved Gate, Avalanche and Dynamic dV/dt Ruggedness * Fully Characterized Capacitance and Avalanche Voltage and Current * Effective Coss Specified * Lead (Pb)-free Available
Available
RoHS*
COMPLIANT
TO-247
APPLICATIONS
* Switch Mode Power Supply (SMPS) * Uninterruptable Power Supply * High Speed Power Switching
G
TYPICAL SMPS TOPOLOGIES
S D G S N-Channel MOSFET
* Full Bridge * PFC Boost
ORDERING INFORMATION
Package Lead (Pb)-free SnPb TO-247 IRP460APbF SiHFP460A-E3 IRP460A SiHFP460A
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM EAS IAR EAR TC = 25 C PD dV/dt TJ, Tstg for 10 s 6-32 or M3 screw LIMIT 500 30 20 13 80 2.2 960 20 28 280 3.8 - 55 to + 150 300d 10 1.1 W/C mJ A mJ W V/ns C lbf * in N*m A UNIT V
Linear Derating Factor Single Pulse Avalanche Energyb Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 C, L = 4.3 mH, RG = 25 , IAS = 20 A (see fig. 12). c. ISD 20 A, dI/dt 125 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91234 S-81360-Rev. A, 28-Jul-08 www.vishay.com 1
IRFP460A, SiHFP460A
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.24 MAX. 40 0.45 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 30 V VDS = 500 V, VGS = 0 V VDS = 400 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 12 Ab Ab
500 2.0 11
0.61 -
4.0 100 25 250 0.27 -
V V/C V nA A S
VDS = 50 V, ID = 12
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V, f = 1.0 MHz VGS = 0 V VDS = 400 V, f = 1.0 MHz VDS = 0 V to 400 Vc
-
3100 480 18 4430 130 140
pF
VGS = 10 V ID = 20 A, VDS = 400 V, see fig. 6 and 13b VDD = 250 V, ID = 20 A, RG = 4.3 , RD = 13 , see fig. 10b -
18 55 45 39
105 26 42 ns nC
-
480 5.0
20 A 80 1.8 710 7.5 V ns C
G
S
TJ = 25 C, IS = 20A, VGS = 0 Vb TJ = 25 C, IF = 20 A, dI/dt = 100 A/sb
-
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
www.vishay.com 2
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
IRFP460A, SiHFP460A
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
102
VGS
102
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
Top
10
15 V 10 V 8.0 V 7.0 V 6.0 V 5.5 V 5.0 V Bottom 4.5 V
150 C 10 25 C
1
4.5 V
1
0.1 0.1
91234_01
20 s Pulse Width TC = 25 C 1 10 102
0.1 4.0
91234_03
20 s Pulse Width VDS = 50 V 5.0 6.0 7.0 8.0 9.0
VDS, Drain-to-Source Voltage (V)
Fig. 1 - Typical Output Characteristics
VGS, Gate-to-Source Voltage (V)
Fig. 3 - Typical Transfer Characteristics
RDS(on), Drain-to-Source On Resistance (Normalized)
102
VGS
Top 15 V 10 V 8.0 V 7.0 V 6.0 V 5.5 V 5.0 V Bottom 4.5 V
3.0 2.5 2.0 1.5 1.0 0.5
ID, Drain-to-Source Current (A)
ID = 20 A VGS = 10 V
10
4.5 V
1 1
91234_02
20 s Pulse Width TC = 150 C 10 102
0.0 - 60 - 40 - 20
0
20 40 60 80 100 120 140 160
VDS, Drain-to-Source Voltage (V)
Fig. 2 - Typical Output Characteristics
91234_04
TJ, Junction Temperature (C)
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
www.vishay.com 3
IRFP460A, SiHFP460A
Vishay Siliconix
105
104
ISD, Reverse Drain Current (A)
Capacitance (pF)
VGS = 0 V, f = 1 MHz Ciss = Cgs + Cgd, Cds Shorted Crss = Cgd Coss = Cds + Cgd Ciss
102
10
150 C 25 C
103
102
Coss
1
10 Crss 1 1
91234_05
0.1 10 102 103
91234_07
VGS = 0 V 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VDS, Drain-to-Source Voltage (V)
VSD, Source-to-Drain Voltage (V)
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
20
VGS, Gate-to-Source Voltage (V)
ID = 20 A VDS = 400 V VDS = 250 V
103
Operation in this area limited by RDS(on)
16
ID, Drain Current (A)
102 10 s 100 s 10 1 ms TC = 25 C TJ = 150 C Single Pulse 10 102 10 ms 103 104
12
VDS = 100 V
8
4
For test circuit see figure 13
0 0
91234_06
1
20
40
60
80
100
91234_08
QG, Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig. 8 - Maximum Safe Operating Area
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
www.vishay.com 4
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
IRFP460A, SiHFP460A
Vishay Siliconix
RD VDS VGS D.U.T. + - VDD 10 V
Pulse width 1 s Duty factor 0.1 %
20
RG
ID, Drain Current (A)
15
10
Fig. 10a - Switching Time Test Circuit
VDS 90 %
5
0 25
91234_09
50
75
100
125
150
TC, Case Temperature (C)
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
1
Thermal Response (ZthJC)
0 - 0.5 0.1 0.2 0.1 0.05 10-2 0.02 0.01 Single Pulse (Thermal Response) PDM t1 t2 Notes: 1. Duty Factor, D = t1/t2 2. Peak Tj = PDM x ZthJC + TC 10-4 10-3 10-2 0.1 1
10-3 10-5
91234_11
t1, Rectangular Pulse Duration (S)
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
15 V
VDS tp
VDS
L
Driver
RG 20 V tp
D.U.T. IAS 0.01
+ A - VDD
IAS
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
www.vishay.com 5
IRFP460A, SiHFP460A
Vishay Siliconix
EAS, Single Pulse Avalanche Energy (mJ)
2400 2000 1600 1200 800 400 0 25 50 75 100 125 150 Starting TJ, Junction Temperature (C)
VDSav, Avalanche Voltage (V)
ID Top 8.9 A 13 A Bottom 20 A
620
600
580
560
540 0
91234_12d
4
8
12
16
20
91234_12c
IAV, Avalanche Current (A)
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 12d - Typical Drain-to-Source Voltage vs. Avalanche Current
Current regulator Same type as D.U.T.
50 k
12 V
10 V QGS
QG
0.2 F
0.3 F
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
IRFP460A, SiHFP460A
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T.
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91234.
Document Number: 91234 S-81360-Rev. A, 28-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFP460A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X