Part Number Hot Search : 
NCP4300A 2127A V2010 SST25VF HSBD135 MT2022 C1100 C1100
Product Description
Full Text Search
 

To Download HLB123SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200601 Issued Date : 2006.12.01 Revised Date : 2006.12.28 Page No. : 1/5
HLB123SA
NPN EPITAXIAL PLANAR TRANSISTOR
Description
* High Voltage, High Speed Power Switch * Switch Regulators * PWM Inverters and Motor Controls * Solenoid and Relay Drivers * Deflection Circuits
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature .............................................................................................................................................. -50 ~ +150 C Junction Temperature ....................................................................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (TC=25C) ....................................................................................................................................... 20 W * Maximum Voltages and Currents (TC=25C) VCBO Collector to Emitter Voltage ........................................................................................................................................ 700 V VCEO Collector to Emitter Voltage ........................................................................................................................................ 400 V VEBO Emitter to Base Voltage................................................................................................................................................... 9 V IC Collector Current ........................................................................................................................................... Continuous 1.2 A IB Base Current................................................................................................................................................... Continuous 0.3A
Electrical Characteristics (TC=25C)
Symbol BVCBO BVCEO IEBO ICEX *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *VBE(sat) *hFE1 *hFE2 Min. 700 400 8 5 Typ. Max. 1 1 500 1 3 1 1.2 40 25 Unit V V mA mA mV V V V V IB=1mA IC=10mA VEB=9V VCE=700V, VBE(off)=1.5V IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1.5A, IB=0.5A IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=0.3A, VCE=5V IC=1A, VCE=5V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Test Conditions
HLB123SA
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
IC & hFE
100 10
Spec. No. : HA200601 Issued Date : 2006.12.01 Revised Date : 2006.12.28 Page No. : 2/5
IC & VBE(sat)
VCE=5V
VBE(sat) (V)
hFE
10
1 VBE(sat) @ IC=5IB
1 0.001
0.01
0.1
1
10
0.1 0.001
0.01
0.1
1
10
IC (A)
IC (A)
IC & VBE(sat)
10 100
IC & VCE(sat)
10
VBE(sat) (V)
VCE(sat) (V)
VCE(sat) @ IC=5IB 1
1 VBE(sat) @ IC=4IB
0.1
0.1 0.001
0.01
0.1
1
10
0.01 0.001
0.01
0.1
1
10
IC (A)
IC (A)
IC & VCE(sat)
10 100
Capacitance & Reverse-Biased Voltage
1
Capacitance (pF)
VCE(sat) @ IC=4IB
VCE(sat) (V)
10
0.1
0.01 0.001
1 0.01 0.1 1 10 0.1 1 10 100
IC (A)
Reverse-Biased Voltage (V)
HLB123SA
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200601 Issued Date : 2006.12.01 Revised Date : 2006.12.28 Page No. : 3/5
IC & Ton
10 10
IC & Ts
1
Ton (us)
1 VCE=125V IC=5IB1=-5IB2
TS (us)
VCE=125V IC=5IB1=-5IB2 0.1 0.1 1 10
0.1 0.1 1 10 0.01
IC (A)
IC (A)
IC & Toff
1
TS (us)
VCE=125V IC=5IB1=-5IB2
0.1 0.1 1 10
IC (A)
HLB123SA
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
2
Marking:
Pb Free Mark
Pb-Free: " . " (Note) Normal: None
Spec. No. : HA200601 Issued Date : 2006.12.01 Revised Date : 2006.12.28 Page No. : 4/5
A B
1 2 3
H LB 123SA Control Code
3
Date Code
Note: Green label is used for pb-free packing
C
D
Pin Style: 1.Emitter 2.Collector 3.Base Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I 1 2 3
Min. 4.33 4.33 12.70 0.36 3.36 0.36 -
Max. 4.83 4.83 0.56 *1.27 3.76 0.56 *2.54 *1.27 *5 *2 *2
H I E F
G
*: Typical, Unit: mm
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
TO-92 Taping Dimension
DIM A D D1 D2 F1,F2 H H1 H2 H2A H3 H4 L L1 P P1 P2 T T1 T2 W W1 Min. 4.33 3.80 0.36 4.33 2.40 15.50 8.50 2.50 12.50 5.95 50.30 0.36 17.50 5.00 Max. 4.83 4.20 0.53 4.83 2.90 16.50 9.50 1 1 27 21 11 12.90 6.75 51.30 0.55 1.42 0.68 19.00 7.00
Unit: mm
H2
H2
H2A H2A
D2
A
H3
H4 H L L1 H1 F1F2 T2 T T1 P1 P P2 D1
D
W1 W
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HLB123SA HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HA200601 Issued Date : 2006.12.01 Revised Date : 2006.12.28 Page No. : 5/5
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec
o
Pb-Free Assembly <3oC/sec
o 100 C
o 150 C
150oC 60~120 sec
200oC 60~180 sec
<3oC/sec
<3oC/sec
o 183 C
217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o
Peak temperature 245 C 5 C
o o o o 260 C 5 C
Dipping time 10sec 1sec 10sec 1sec
HLB123SA
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB123SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X