|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2.54mm Connector Directly Mounted on Board HIF2E Series sFeatures 1. Directly Mounted on Board This connector can be directly mounted on the board using the 1.27mm pitch flat cable. 2. Variation in Number of Contacts 10, 14, 16, 20, 26, 30, 34, 40, 50, and 60 contacts, are available 3. Applicable Cable The applicable cable is UL2651 AWG#28 flat cable (7 cores/0.127mm, jacket dia. :0.8 to 1.0mm). sApplications Computers, terminal equipment, PPC, various kinds of electronic equipment, office automation machines, etc. sProduct Specifications Rating Current rating : 1A Operating Temperature Range : -55 to +85c (Note 1) Storage Temperature Range : -10 to +60c (Note 2) Storage Humidity Range Condition 500V DC 650V AC/1 minute 0.1A : 40 to 70% (Note 2) Voltage rating : 200V AC Operating Moisture Range : 40 to 80% Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 4. Vibration 1000M ohms min Specification No flashover or insulation breakdown. 15m ohms max No electrical discontinuity of 1s or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-65c: 30 minutes 15 to 35c: 5 minutes max. 125c: 30 minutes 15 to 35c: 5 minutes max.) 5 cycles 5. Humidity (Steady state) Insulation resistance: 1000M ohms min. 6. Temperature Cycle No damage, cracks, or parts looseness. 7. Resistance to Soldering heat No deformation of components affecting performance. Flow: 260c for 10 seconds Manual soldering: 300c for 3 seconds Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. sMaterial Part Insulator Contact Material PBT Copper alloy Black Gray Mount area Connection area Finish HIF2E-*D-2.54R(S) B HIF2E-*D-2.54R(S) A Gold plated Tin plated Remarks UL94V-0 ------ sOrdering Information HIF 2E - * D - 2.54 R(S)B q q Series Name w Number of Contacts e Contact alignment r Contact Pitch w e r t t Connection method and contact plating type : HIF 2E RB : Universal type circuit plated with gold : 10, 14, 16, 20, 26, 30, 34, 40, 50, and 60 RSB : Universal type circuit plated with tin : D : Double RA : Hirose original circuit plated with gold : 2.54mm RSA : Hirose original circuit plated with tin B9 sCombination Pattern Unit: mm 10 contacts 14 contacts 16 contacts 20 contacts 26 contacts 30 contacts 34 contacts 40 contacts 50 contacts 60 contacts A B 17.17 10.16 22.25 15.24 24.79 17.78 29.87 22.86 37.49 30.48 42.57 35.56 47.65 40.64 55.27 48.26 67.97 60.96 80.67 73.66 BPCB mounting pattern A: Total pitch of connectors n: Number of contacts Through-hole finish hole diameter on printed board: 0.9 +0.1 +0 B10 sUniversal Circuit Type (Mold color: black) Unit:mm Part Number HIF2E-10D-2.54RB HIF2E-14D-2.54RB HIF2E-16D-2.54RB HIF2E-20D-2.54RB HIF2E-26D-2.54RB HIF2E-30D-2.54RB HIF2E-34D-2.54RB HIF2E-40D-2.54RB HIF2E-50D-2.54RB HIF2E-60D-2.54RB CL No. Number of Contacts 561-0601-1 10 561-0602-4 14 561-0603-7 16 561-0604-0 20 561-0605-2 26 561-0606-5 30 561-0607-8 34 561-0608-0 40 561-0609-3 50 561-0610-2 60 A 17.17 22.25 24.79 29.87 37.49 42.57 47.65 55.27 67.97 80.67 B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 Part Number HIF2E-10D-2.54RSB HIF2E-14D-2.54RSB HIF2E-16D-2.54RSB HIF2E-20D-2.54RSB HIF2E-26D-2.54RSB HIF2E-30D-2.54RSB HIF2E-34D-2.54RSB HIF2E-40D-2.54RSB HIF2E-50D-2.54RSB HIF2E-60D-2.54RSB CL No. Number of Contacts 561-0651-0 10 561-0652-2 14 561-0653-5 16 561-0654-8 20 561-0655-0 26 561-0656-3 30 561-0657-6 34 561-0658-9 40 561-0659-1 50 561-0660-0 60 A 17.17 22.25 24.79 29.87 37.49 42.57 47.65 55.27 67.97 80.67 Unit:mm B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 sHirose Original Circuit Type (Mold color: gray) Unit:mm Part Number HIF2E-10D-2.54RA HIF2E-14D-2.54RA HIF2E-16D-2.54RA HIF2E-20D-2.54RA HIF2E-26D-2.54RA HIF2E-30D-2.54RA HIF2E-34D-2.54RA HIF2E-40D-2.54RA HIF2E-50D-2.54RA HIF2E-60D-2.54RA CL No. Number of Contacts 561-0501-7 10 561-0502-0 14 561-0503-2 16 561-0504-5 20 561-0505-8 26 561-0506-0 30 561-0507-3 34 561-0508-6 40 561-0509-9 50 561-0510-8 60 A 17.17 22.25 24.79 29.87 37.49 42.57 47.65 55.27 67.97 80.67 B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 Part Number HIF2E-10D-2.54RSA HIF2E-14D-2.54RSA HIF2E-16D-2.54RSA HIF2E-20D-2.54RSA HIF2E-26D-2.54RSA HIF2E-30D-2.54RSA HIF2E-34D-2.54RSA HIF2E-40D-2.54RSA HIF2E-50D-2.54RSA HIF2E-60D-2.54RSA CL No. Number of Contacts 561-0551-5 10 561-0552-8 14 561-0553-0 16 561-0554-3 20 561-0555-6 26 561-0556-9 30 561-0557-1 34 561-0558-4 40 561-0559-7 50 561-0560-6 60 A 17.17 22.25 24.79 29.87 37.49 42.57 47.65 55.27 67.97 80.67 Unit:mm B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 B11 BConnection Circuit Diagram HIF2E-*D-2.54RB (RSB) qType A-A qType A-B HIF2E-*D-2.54RA (RSA) qType A-A qType A-B Note: In the above circuit connection diagram, the mark and character marking directions are optional. B12 |
Price & Availability of HIF2E-34D-254RB |