Part Number Hot Search : 
UG1111C C3225 74HC533 MT9042C 215800 G23AS2 107M01 LA1833N
Product Description
Full Text Search
 

To Download HD74LS85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS85
4-bit Magnitude Comparator
REJ03D0421-0200 Rev.2.00 Feb.18.2005 This four bit magnitude comparator performs comparison of straight binary and straight BCD (8-4-2-1) codes. Three fully decoded decisions about two 4-bit words (A, B) are made and are externally available at three outputs. This device is fully expandable to any number of bits without external gates. Words of greater length may be compared by connecting comparators in cascade. The A > B, A < B, and A = B outputs of a stage handling less-significant bits. The stage handling the least- significant bits must have a high-level voltage applied to the A B input. The cascading path is implemented with only a two-gate-level delay to reduce overall comparison times for long words.
Features
* Ordering Information
Part Name HD74LS85P HD74LS85FPEL Package Type DILP-16 pin SOP-16 pin (JEITA) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) Package Abbreviation P FP Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Pin Arrangement
B3 Data Input AB A>B Outputs A=B A1 B3 2 3 4 5 6 7 8 AB A>B A3 B2 A2 A1
16 15 14 13 12 11 10 9
VCC A3 B2 A2 A1 B1 A0 B0 Data Inputs
A=B Out B1 A(Top view)
Rev.2.00, Feb.18.2005, page 1 of 6
HD74LS85
Function Table
A3, B3 A3 > B3 A3 < B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 A3 = B3 Inputs A2, B2 A1, B1 X X X X A2 > B2 X A2 < B2 X A2 = B2 A1 > B1 A2 = B2 A1 < B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A2 = B2 A1 = B1 A0, B0 X X X X X X A0 > B0 A0 < B0 A0 = B0 A0 = B0 A0 = B0 A0 = B0 A0 = B0 Cascading Inputs A>B AB H L H L H L H L H L L L H Outputs AH; high level, L; low level, X; irrelevant
Block Diagram
A3 B3
A>B A2 B2 AB A1 B1 AA0 B0
Absolute Maximum Ratings
Item Symbol Ratings Supply voltage VCC 7 Input voltage VIN 7 Power dissipation PT 400 Storage temperature Tstg -65 to +150 Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Unit V V mW C
Rev.2.00, Feb.18.2005, page 2 of 6
HD74LS85
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Symbol VCC IOH IOL Topr Min 4.75 -- -- -20 Typ 5.00 -- -- 25 Max 5.25 -400 8 75 Unit V A mA C
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Symbol VIH VIL VOH Output voltage VOL A < B, A > B inputs Other inputs Input current A < B, A > B inputs Other inputs A < B, A > B inputs Other inputs Short-circuit output current Supply current** Input clamp voltage min. 2.0 -- 2.7 -- -- -- -- IIL -- -- II -- -- IOS ICC VIK -20 -- -- typ.* -- -- -- -- -- -- -- -- -- -- -- -- 10.4 -- max. -- 0.8 -- 0.4 0.5 20 60 -0.4 -1.2 0.1 0.3 -100 20 -1.5 mA mA V VCC = 5.25 V VCC = 5.25 V VCC = 4.75 V, IIN = -18 mA mA VCC = 5.25 V, VI = 7 V mA VCC = 5.25 V, VI = 0.4 V Unit V V V V A Condition
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = -400 A IOL = 4 mA VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V IOL = 8 mA VCC = 5.25 V, VI = 2.7 V
IIH
Note: * VCC = 5 V, Ta = 25C ** ICC is measured with outputs open, A = B grounded, and all other inputs at 4.5 V.
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Symbol Inputs Outputs Number of gate levels 1 2 3 4 1 2 3 4 1 1 2 2 1 1 min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- typ. 14 19 24 27 11 15 20 23 14 11 13 13 14 11 max. -- -- 36 45 -- -- 30 45 22 17 20 26 22 17 ns CL = 15 pF, RL = 2 k Unit Condition
tPLH
Any A or B data input
A < B, A > B A=B
Propagation delay time
tPHL
Any A or B data input A < B or A=B A=B A > B or A=B
A < B, A > B A=B
tPHL tPHL tPLH tPHL tPLH tPHL
A>B A=B ARev.2.00, Feb.18.2005, page 3 of 6
HD74LS85
Testing Method
Test Circuit
VCC Output
4.5V
Input P.G. Zout = 50
See Testing Table
A3 B3 A2 B2 A1 B1 A0 B0 AB
RL A>B CL Output A=B Output ALoad circuit 1
Same as Load Circuit 1. Same as Load Circuit 1.
Notes:
1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H).
Waveform
tTLH 90% 1.3 V 10% tPLH tTHL 90% 1.3 V 10% tPHL VOH In phase output (A) tPHL 1.3 V tPLH VOH Out of phase output (B) 1.3 V 1.3 V VOL 1.3 V VOL 3V 0V
Input
Note:
Input pulse; tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle = 50%
Rev.2.00, Feb.18.2005, page 4 of 6
HD74LS85 Testing Table
Item A3 IN 4.5 v GND GND GND GND GND GND GND GND GND GND GND B3 4.5 v IN GND GND GND GND GND GND GND GND GND GND GND A2 4.5 v GND IN 4.5 v GND GND GND GND GND GND GND GND GND B2 GND 4.5 v 4.5 v IN GND GND GND GND GND GND GND GND GND Inputs A1 B1 GND GND GND GND 4.5 v GND GND 4.5 v IN 4.5 v 4.5 v IN GND GND GND GND GND GND GND GND GND GND GND GND GND GND A0 GND GND GND GND 4.5 v GND IN 4.5 v IN 4.5 v GND GND GND B0 GND GND GND GND GND 4.5 v 4.5 v IN 4.5 v IN GND GND GND A>B GND GND GND GND GND GND 4.5 v GND GND GND IN GND GND A=B GND GND GND GND GND GND GND GND 4.5 v 4.5 v GND IN GND Output waveforms AB A=B AtPLH tPHL
Rev.2.00, Feb.18.2005, page 5 of 6
HD74LS85
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
JEITA Package Code P-SOP16-5.5x10.06-1.27
RENESAS Code PRSP0016DH-B
Previous Code FP-16DAV
MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
Reference Symbol
*2
c
Dimension in Millimeters Min Nom 10.06 5.50 Max 10.5
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c
0.00
0.10
0.20 2.20
0.34
0.40
0.46
0.15
1
0.20
0.25
A
c
HE
0 7.50 7.80 1.27
8 8.00
A1
y L
e x y
0.12 0.15 0.80 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.2.00, Feb.18.2005, page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LS85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X