Part Number Hot Search : 
AT73C240 0CTFP AD8184AR LTC2355 SKM200 500T010Z IXLD429Y TMXAT12
Product Description
Full Text Search
 

To Download HD74LS645FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS645
Octal Bus Transceivers (non-inverted 3-state outputs)
REJ03D0491-0200 Rev.2.00 Feb.18.2005 This octal bus transceivers is designed for asynchronous two-way communication between data buses. The devices transmit data from the A bus to the B bus or from the B bus to the A bus depending upon the level at the direction control (DIR) input. The enable input (G) can be used to disable the device so that the buses are effectively isolated.
Features
* Ordering Information
Part Name HD74LS645P HD74LS645FPEL Package Type DILP-20 pin SOP-20 pin (JEITA) Package Code (Previous Code) PRDP0020AC-B (DP-20NEV) Package Abbreviation P Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel)
PRSP0020DD-B FP (FP-20DAV) Note: Please consult the sales office for the above package availability.
Pin Arrangement
DIR 1A 2A 3A 4A 5A 6A 7A 8A GND
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC Enable G 1B 2B 3B 4B 5B 6B 7B 8B
(Top view)
Function Table
Enable G L L H Note: H; high level, L; low level, X; irrelevant Direction Control DIR L H X Operation B data to A bus A data to B bus Isolation
Rev.2.00, Feb.18.2005, page 1 of 6
HD74LS645
Block Diagram
Enable G Transceiver (1/8)
B
A
Direction Control DIR
Absolute Maximum Ratings
Item Supply voltage Input voltage Power dissipation Storage temperature Symbol VCC VIN PT Tstg Ratings 7 7 400 -65 to +150 Unit V V mW C
Note: Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Symbol VCC IOH IOL Topr Min 4.75 -- -- -20 Typ 5.00 -- -- 25 Max 5.25 -15 24 75 Unit V mA mA C
Rev.2.00, Feb.18.2005, page 2 of 6
HD74LS645
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Hysteresis Symbol VIH VIL VT+ - VT- VOH Output voltage VOL Output current IOZH IOZL IIH IIL A or B II IOS*** ICCH ICCL ICCZ VIK min. 2.0 -- 0.2 2.4 2 -- -- -- -- -- -- -- -- -40 -- -- -- typ.* -- -- -- -- -- -- -- -- -- -- -- -- -- -- 48 62 64 max. -- 0.8 -- -- -- 0.4 0.5 20 -400 20 -400 0.1 0.1 -225 70 90 95 Unit V V V V A A A mA mA mA VCC = 4.75 V IOH = -3 mA VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V IOH = -15 mA IOL = 12 mA VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V IOL = 24 mA VO = 2.7 V VCC = 5.25 V, G input = 2 V VO = 0.4 V VCC = 5.25 V, VI = 2.7 V VCC = 5.25 V, VI = 0.4 V VI = 5.5 V VCC = 5.25 V VI = 7 V VCC = 5.25 V VCC = 5.25 V, Output open Condition
Input current
DIR or G Short-circuit output current Supply current**
Input clamp voltage -- -- -1.5 V VCC = 4.75 V, IIN = -18 mA Notes: * VCC = 5 V, Ta = 25C ** ICC is measured with all outputs open. *** Not more than one output shall be shorted at a time. the duration of the short circuit shall not exceed one second.
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Symbol tPLH Propagation delay time tPHL tZL Output enable time tZH tLZ Output disable time tHZ Inputs A B A B G G G G G G G G Outputs B A B A A B A B A B A B min. -- -- -- -- -- -- -- -- -- -- -- -- typ. 8 8 11 11 31 31 26 26 15 15 15 15 max. 15 15 15 15 40 40 40 40 25 25 25 25 Unit ns ns ns ns ns ns ns ns ns ns ns ns CL = 5 pF, RL = 667 Condition
CL = 45 pF, RL = 667
Rev.2.00, Feb.18.2005, page 3 of 6
HD74LS645
Testing Method
Test Circuit
VCC 4.5V G Input P.G. Zout = 50 RL Output S1 1A 1B 5k DIR CL S2 S3
Notes:
1. 2. 3. 4.
CL includes prove and jig capacitance. 2A-2B, 3A-3B, 4A-4B, 5A-5B, 6A-6B, 7A-7B, 8A-8B, are identical to abobe load circuit. S3 is a input-output switch. All diodes are 1S2074(H).
Waveforms 1
tTLH 90 % Input A (or B) 1.3 V 90 % 1.3 V 10 % 0V tTHL 3V
10 %
tPLH Output B (or A) S1, S2 close 1.3 V tPHL 1.3 V
See Testing Table
VOH
VOL
Note:
Input pulse: tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle 50%
Rev.2.00, Feb.18.2005, page 4 of 6
HD74LS645 Waveforms 2
G 90 % 1.3 V 10 % tZL Waveform-a S1 close S2 open ~ 4.5 V ~ 1.3 V VOL tHZ tZH Waveform-b S1 open S2 close VOH 0.5 V 1.3 V ~0V ~ S1, S2 close ~ ~ 1.5 V VOH tLZ S1, S2 close ~ ~ 1.5 V VOL 0V 10 % tTHL 3V tTLH 90 % 1.3 V 0V 3V
0.5 V
Notes:
1. Input pulse: tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle 50% 2. Waveform a is an output by internal conditions like "L" except for the case where an output is disabled by output control. 3. Waveform b is an output by internal conditions like "H" except for the case where an output is disabled by output control.
Rev.2.00, Feb.18.2005, page 5 of 6
HD74LS645
Package Dimensions
JEITA Package Code P-DIP20-6.3x24.5-2.54 RENESAS Code PRDP0020AC-B Previous Code DP-20NEV MASS[Typ.] 1.26g
D
20
11
1 0.89 b3
10
Z
E
Reference Symbol
Dimension in Millimeters Min Nom 7.62 24.50 6.30 25.40 7.00 5.08 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.27 2.54 0.56 Max
A
A1
e D E
L
1
A A1 b
p 3
e
bp
e1
c
b c
e Z
( Ni/Pd/Au plating )
L
JEITA Package Code P-SOP20-5.5x12.6-1.27
RENESAS Code PRSP0020DD-B
Previous Code FP-20DAV
MASS[Typ.] 0.31g
*1
D 11
F
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
20
bp
E
HE
Index mark
Reference Symbol
*2
c
Dimension in Millimeters Min Nom 12.60 5.50 Max 13.0
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2 A1 0.00
10 bp x M L1
0.10
0.20 2.20
A bp b1 c c
1
0.34
0.40
0.46
0.15
0.20
0.25
A
HE
0 7.50 7.80 1.27
8 8.00
y
e x y
A1
L
0.12 0.15 0.80 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.2.00, Feb.18.2005, page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LS645FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X