Part Number Hot Search : 
C2E00 C9S12 MV311 TM100 1N4753A TA0872A 24422 CDSFR355
Product Description
Full Text Search
 

To Download HD74HCT620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HCT620, HD74HCT623
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
REJ03D0671-0200 (Previous ADE-205-561) Rev.2.00 Mar 30, 2006
Description
This octal bus transceiver is designed for asynchronous two-way communication between data buses. The control function implementation allows for maximum flexibility in timing. This device allows data transmission from the A bus to the B bus or from the B bus to the A bus depending upon the logic levels at the enable inputs (GBA and GAB). The enable inputs can be used to disable the device so that the buses are effectively isolated. The dual-enable configuration gives these devices the capability to store data by simultaneous enabling of GBA and GAB. Each output reinforces its input in this transceiver configuration. Thus, when both control inputs are enabled and all other data sources to the two sets of bus lines are at high impedance, both sets of bus lines (16 in all) will remain at their last states. The 8-bit codes appearing on the two sets of buses will be identical for the HD74HCT623 or complementary for the HD74HCT620.
Features
* * * * * * * LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility High Speed Operation: tpd (Bus to Bus) = 15 ns typ (CL = 50 pF) High Output Current: Fanout of 15 LSTTL Loads (QA to QH outputs) Wide Operating Voltage: VCC = 4.5 to 5.5 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) Ordering Information
Part Name HD74HCT623FPEL HD74HCT620RPEL HD74HCT623RPEL Package Type SOP-20 pin (JEITA) SOP-20 pin (JEDEC) Package Code (Previous Code) PRSP0020DD-B (FP-20DAV) PRSP0020DC-A (FP-20DBV) Package Abbreviation FP RP Taping Abbreviation (Quantity) EL (2,000 pcs/reel) EL (1,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Enable Inputs GBA L H H L GAB L H L H Operation HD74HCT620 HD74HCT623 B data to A bus B data to A bus A data to B bus A data to B bus Isolation Isolation B data to A bus, A data to B bus B data to A bus, A data to B bus
Rev.2.00 Mar 30, 2006 page 1 of 8
HD74HCT620, HD74HCT623
Pin Arrangement
Enable GAB A1 A2 A3 A4 A5 A6 A7 A8 1 2 3 4 5 6 7 8 9 20 VCC 19 Enable GBA 18 B1 17 B2 16 B3 15 B4 14 B5 13 B6 12 B7 11 B8 (Top view)
GND 10
Logic Diagram
HD74HCT620
GAB GBA VCC A1 VCC B1
A2 A3 A4 A5 A6 A7 A8
B2 B3 B4 B5 B6 B7 B8
Rev.2.00 Mar 30, 2006 page 2 of 8
HD74HCT620, HD74HCT623 HD74HCT623
GAB GBA VCC A1 VCC B1
A2 A3 A4 A5 A6 A7 A8
B2 B3 B4 B5 B6 B7 B8
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Storage temperature Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 35 75 500 -65 to +150 Unit V V mA mA mA mW
C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Symbol Ratings Supply voltage VCC 4.5 to 5.5 Input / Output voltage VIN, VOUT 0 to VCC Operating temperature Ta -40 to 85 Input rise / fall time*1 tr, tf 0 to 500 Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics. Unit V V Conditions
C
ns VCC = 4.5 V
Rev.2.00 Mar 30, 2006 page 3 of 8
HD74HCT620, HD74HCT623
Electrical Characteristics
Item Input voltage Output voltage Symbol VCC (V) VIH VIL VOH VOL Off-state output current Input current Quiescent supply current IOZ Iin ICC Ta = 25C Min Typ Max 4.5 to 5.5 2.0 -- -- 4.5 to 5.5 -- -- 0.8 4.5 4.4 -- -- 4.5 4.18 -- -- 4.5 -- -- 0.1 4.5 -- -- 0.26 5.5 -- -- 0.5 5.5 5.5 -- -- -- -- 0.1 4.0 Ta = -40 to+85C Min Max 2.0 -- -- 0.8 4.4 -- 4.13 -- -- 0.1 -- 0.33 -- 5.0 -- -- 1.0 40 Unit V V V V A A A Test Conditions
Vin = VIH or VIL IOH = -20 A IOH = -6 mA Vin = VIH or VIL IOL = 20 A IOL = 6 mA Vin = VIH or VIL, Vout = VCC or GND Vin = VCC or GND Vin = VCC or GND, Iout = 0 mA
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Item Propagation delay time Output enable time Output disable time Output rise/fall time Input capacitance Symbol VCC (V) tPLH tPHL tZH tZL tHZ tLZ tTLH tTHL Cin 4.5 4.5 4.5 4.5 4.5 4.5 4.5 -- Ta = 25C Min Typ Max -- 13 20 -- -- -- -- -- -- -- 16 16 16 19 21 4 5 20 30 30 30 30 12 10 Ta = -40 to +85C Min Max -- 25 -- -- -- -- -- -- -- 25 38 38 38 38 15 10 Unit ns ns ns ns pF Test Conditions
Rev.2.00 Mar 30, 2006 page 4 of 8
HD74HCT620, HD74HCT623
Test Circuit
HD74HCT620
VCC VCC
GBA
See Function Table
Input Pulse Generator Zout = 50
Output A1 B1 CL = 50 pF GAB TEST tPLH / tPHL tZH / tHZ tZL / tLZ S2 OPEN GND VCC S1 1 k S2 OPEN GND VCC
Note : 1. CL includes probe and jig capacitance. 2. A2-B2, A3-B3, A4-B4, A5-B5, A6-B6, A7-B7, A8-B8 are identical to above load circuit. 3. S1 is a input / output swich.
HD74HCT623
VCC VCC
GBA
See Function Table
Input Pulse Generator Zout = 50
Output A1 B1 CL = 50 pF GAB TEST tPLH / tPHL tZH / tHZ tZL / tLZ S2 OPEN GND VCC S1 1 k S2 OPEN GND VCC
Note : 1. CL includes probe and jig capacitance. 2. A2-B2, A3-B3, A4-B4, A5-B5, A6-B6, A7-B7, A8-B8 are identical to above load circuit. 3. S1 is a input / output swich.
Rev.2.00 Mar 30, 2006 page 5 of 8
HD74HCT620, HD74HCT623
Waveforms
HD74HCT620
* Waveform - 1
tr 90 % 1.3 V 10 % tPHL 90 % 1.3 V 10 % tTHL 90 % 1.3 V
tf VCC 10 % tPLH 90 % 1.3 V 10 % tTLH 0V
Input A or B
VOH VOL
Output B or A
Notes : 1. Input waveform : PRR 1 MHz, duty cycle 50%, tr 6 ns, tf 6 ns 2. The output are measured one at a time with one transition per measurement.
HD74HCT623
* Waveform - 1
tr 90 % 1.3 V 10 % t PLH 90 % 1.3 V 10 % tTLH 90 % 1.3 V
tf VCC 10 % tPHL 90 % 1.3 V 10 % tTHL 0V
Input A or B
VOH VOL
Output B or A
Notes : 1. Input waveform : PRR 1 MHz, duty cycle 50%, tr 6 ns, tf 6 ns 2. The output are measured one at a time with one transition per measurement.
Rev.2.00 Mar 30, 2006 page 6 of 8
HD74HCT620, HD74HCT623 HD74HCT620, HD74HCT623
* Waveform - 2
tf Enable Input GBA 90 % 1.3 V 10 % tZL Waveform - A 1.3 V tZH Waveform - B 1.3 V tHZ 90 % 10 % tLZ tr 90 % 1.3 V VCC 0V VOH 10 % VOL VOH VOL
* Waveform - 3
tr Enable Input GAB 90 % 1.3 V 10 % tZL Waveform - A 1.3 V tZH Waveform - B 1.3 V tHZ 90 % 90 % 1.3 V 10 % tLZ tf VCC 0V VOH 10 % VOL VOH VOL
Notes : 1. Input waveform : PRR 1 MHz, duty cycle 50%, tr 6 ns, tf 6 ns 2. Waveform- A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform- B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
Rev.2.00 Mar 30, 2006 page 7 of 8
HD74HCT620, HD74HCT623
Package Dimensions
JEITA Package Code P-SOP20-7.5x12.8-1.27 RENESAS Code PRSP0020DC-A Previous Code FP-20DBV MASS[Typ.] 0.52g
*1
D
F 11
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" @ DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT @ INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
Reference Dimension in Millimeters Symbol
10 bp x M L1
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.80 13.2 7.50
0.10 0.20 0.30 2.65 0.34 0.40 0.46 0.20 0.25 0.30 0 8 10.00 10.40 10.65 1.27 0.12 0.15 0.935 0.40 0.70 1.27 1.45
JEITA Package Code P-SOP20-5.5x12.6-1.27
RENESAS Code PRSP0020DD-B
Previous Code FP-20DAV
MASS[Typ.] 0.31g
*1
D 11
A
F
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
10 bp x M L1
c
Reference Dimension in Millimeters Symbol
y
A1
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.60 13.0 5.50
0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
Rev.2.00 Mar 30, 2006 page 8 of 8
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HCT620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X