Part Number Hot Search : 
MR82C N5401 MSZ5241 30452 GCM155R PA81C 00236 MAX87
Product Description
Full Text Search
 

To Download HD74AC157TELL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC157
Quad 2-Input Multiplexer
REJ03D0252-0200Z (Previous ADE-205-371 (Z)) Rev.2.00 Jul.16.2004
Description
The HD74AC157 is a high-speed quad 2-input multiplexer. Four bits of data from two sources can be selected using the common Select and Enable inputs. The four outputs present the selected data in the true (noninverted) form. The HD74AC157 can also be used as a function generator.
Features
* Outputs Source/Sink 24 mA * Ordering Information
Part Name Package Type Package Code Package Abbreviation Taping Abbreviation (Quantity) FP-16DAV TTP-16DAV FP RP T EL (2,000 pcs/reel) EL (2,500 pcs/reel) ELL(2,000 pcs/reel)
HD74AC157AFPEL SOP-16 pin (JEITA) HD74AC157TELL TSSOP-16 pin
HD74AC157ARPEL SOP-16 pin (JEDEC) FP-16DNV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
S1 I0a 2 I1a 3 Za 4 I0b 5 I1b 6 Zb 7 GND 8 (Top view) 16 VCC 15 E 14 I0c 13 I1c 12 Zc 11 I0d 10 I1d 9 Zd
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC157
Logic Symbol
E S
I0a I1a I0b I1b I0c
I1c Iod I1d
Za
Zb
Zc
Zd
Pin Names
I0a to I0d I1a to I1d E S Za to Zd Source 0 Data Inputs Source 1 Data Inputs Enable Input Select Input Outputs
Functional Description
The HD74AC157 is a quad 2-input multiplexer. It selects four bits of data from two sources under the control of a common Select input (S). The Enable input (E) is active-Low. when E is High, all of the outputs (Z) are forced Low regardless of all other inputs. The HD74AC157 is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The logic equations for the outputs are shown below: Za = E*(I1a*S + I0a*S) Zb = E*(I1b*S + I0b*S) Zc = E*(I1c*S + I0c*S) Zd = E*(I1d*S + I0d*S) A common use of the HD74AC157 is the moving of data from two groups of register to four common output busses. The particular register from which the data comes is determined by the state of the Select input. A less obvious use is as a function generator. The HD74AC157 can generate any four of the sixteen different functions of two variables with one variable common. This is useful for implementing gating functions.
Truth Table
Inputs E H L L L L H: L: X: X H H L L High Voltage Level Low Voltage Level Immaterial S X X X L H I0 X L H X X I1 L L H L H Output Z
Rev.2.00, Jul.16.2004, page 2 of 7
HD74AC157
Logic Diagram
I0a I1a I0b I1b I0c I1c I0d I1d E S
Za
Zb
Zc
Zd
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V Condition
Recommended Operating Conditions
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
Rev.2.00, Jul.16.2004, page 3 of 7
HD74AC157
DC Characteristics
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* Quiescent supply current IIN IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- 8.0 Ta = -40 to +85C min. max. 2.1 -- 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC157
Ta = +25C CL = 50 pF Min Typ Max 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 7.0 5.5 6.5 5.0 7.0 5.5 6.5 5.5 5.0 4.0 5.0 4.0 11.5 9.0 11.0 8.5 11.5 9.0 11.0 9.0 8.5 6.5 8.0 6.5 Ta = -40C to +85C CL = 50 pF Min Max 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 13.0 10.0 12.0 9.5 13.0 10.0 12.0 9.5 9.0 7.0 9.0 7.0 ns ns ns ns ns ns
Item Propagation delay S to Zn Propagation delay S to Zn Propagation delay E to Zn Propagation delay E to Zn Propagation delay In to Zn Propagation delay In to Zn Note:
Symbol tPLH tPHL tPLH tPHL tPLH tPHL
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 4 of 7
HD74AC157
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 50.0 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 5 of 7
HD74AC157
Package Dimensions
As of January, 2003
10.06 10.5 Max 16 9
5.5
Unit: mm
1
*0.20 0.05
8
0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
As of January, 2003
Unit: mm
9.9 10.3 Max 16 9
3.95
1 1.27 0.635 Max
8
0.11 0.14 + 0.04 - 1.75 Max
*0.20 0.05
0.10 6.10 + 0.30 -
1.08
0 - 8
+ 0.67 0.60 - 0.20
*0.40 0.06
0.15 0.25 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-16DNV Conforms Conforms 0.15 g
Rev.2.00, Jul.16.2004, page 6 of 7
HD74AC157
As of January, 2003
Unit: mm
5.00 5.30 Max 16 9
4.40
1
*0.20 0.05
8 0.65 0.13 M 0.65 Max
*0.15 0.05
1.0 6.40 0.20 0 - 8 0.50 0.10
1.10 Max
0.10
0.07 +0.03 -0.04
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
TTP-16DAV -- -- 0.05 g
Rev.2.00, Jul.16.2004, page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC157TELL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X