Part Number Hot Search : 
GP210 RN740 27M21 7805LS T5000780 5ETTTS SMAJ220A GBU410C
Product Description
Full Text Search
 

To Download HD74AC125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC125/HD74ACT125
Quad Buffer/Line Driver with 3-State Output
REJ03D0246-0300 Rev.3.00 Nov.12.2004
Description
The HD74AC125/HD74ACT125 is an quad buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter/receiver which provides improved PC board density.
Features
* 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers * Outputs Source/Sink 24 mA * HD74ACT125 has TTL-Compatible Inputs * Ordering Information: Ex. HD74AC125
Part Name HD74AC125P HD74AC125FPEL HD74AC125RPEL Package Type DIP-14 pin SOP-14 pin (JEITA) SOP-14 pin (JEDEC) Package Code Package Abbreviation Taping Abbreviation (Quantity) DP-14, -14AV FP-14DAV FP-14DNV P FP RP -- EL (2,000 pcs/reel) EL (2,500 pcs/reel)
HD74AC125TELL TSSOP-14 pin TTP-14DV T ELL (2,000 pcs/reel) Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
E D O E D O GND 1 2 3 4 5 6 7 (Top view) 14 VCC 13 E 12 D 11 O 10 E 9 8 D O
Rev.3.00, Nov.12.2004, page 1 of 8
HD74AC125/HD74ACT125
Logic Symbol
D
O
E
Pin Names
D E O Data Inputs 3-State Output Enable Inputs (Active Low) Outputs
Truth Table
Inputs E L L H H L X Z L H X : : : : High Voltage Level Low Voltage Level Immaterial High Impedance D L H Z Output
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions: HD74AC125
Item Supply voltage Input and Output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 Unit V V C ns/V Condition
VCC = 3.0V VCC = 4.5 V VCC = 5.5 V
Rev.3.00, Nov.12.2004, page 2 of 8
HD74AC125/HD74ACT125
DC Characteristics: HD74AC125
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 0.5 Ta = -40 to +85C min. max. 2.1 -- 3.15 -- 3.85 -- -- 0.9 -- 1.35 -- 1.65 2.9 -- 4.4 -- 5.4 -- 2.48 -- 3.80 -- 4.80 -- -- 0.1 -- 0.1 -- 0.1 -- 0.37 -- 0.37 -- 0.37 -- 1.0 -- 5.0 Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
VIL
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
V
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA
VOL
VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA
Input leakage current 3 State current
IIN IOZ
A A
VIN = VCC or GND VIN(OE) = VIL, VIH VIN = VCC or GND VOUT = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
Dynamic output current* Quiescent supply current
IOLD IOHD ICC
5.5 5.5 5.5
-- -- --
-- -- --
-- -- 8.0
86 -75 --
-- -- 80
mA mA A
*Maximum test duration 2.0 ms, one output loaded at a time.
Recommended Operating Conditions: HD74ACT125
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 0.8 to 2.0 V Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 Unit V V C ns/V Condition
VCC = 4.5V VCC = 5.5V
Rev.3.00, Nov.12.2004, page 3 of 8
HD74AC125/HD74ACT125
DC Characteristics : HD74ACT125
Item Symbol VIH VIL Output voltage VOH VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 min. 2.0 2.0 -- -- 4.4 5.4 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 1.5 1.5 1.5 4.49 5.49 -- -- 0.001 0.001 -- -- -- -- 0.6 -- -- -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.32 0.32 0.1 0.5 -- -- -- 8.0 Ta = -40 to +85C min. max. 2.0 -- 2.0 -- -- 0.8 -- 0.8 4.4 -- 5.4 -- 3.80 -- 4.80 -- -- 0.1 -- 0.1 -- 0.37 -- 0.37 -- 1.0 -- 5.0 -- 86 -75 -- 1.5 -- -- 80 Unit Condition
Input voltage
V
VOUT = 0.1 V or VCC-0.1 V VOUT = 0.1 V or VCC -0.1 V
V
VIN = VIL or VIH IOUT = -50 A VIN = VIL VIN = VIL or VIH IOUT = 50 A VIN = VIL IOL = 24 mA IOL = 24 mA IOH = -24 mA IOH = -24 mA
VOL
Input current 3 State current ICC/input current Dynamic output current* Quiescent supply current
IIN IOZ ICCT IOLD IOHD ICC
A A mA mA mA A
VIN = VCC or GND VIN = VIL, VIH VOUT = VCC or GND VIN = VCC-2.1 V VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC125
Ta = +25C CL = 50 pF Min Typ Max 1.0 6.5 9.0 1.0 5.5 7.0 1.0 6.5 9.0 1.0 5.0 7.0 1.0 6.0 10.5 1.0 5.0 7.0 1.0 7.5 10.0 1.0 5.5 8.0 1.0 7.0 10.0 1.0 6.5 9.0 1.0 7.5 10.5 1.0 6.5 9.0 Ta = -40C to +85C CL = 50 pF Min Max 1.0 10.0 1.0 7.5 1.0 10.0 1.0 7.5 1.0 11.0 1.0 8.0 1.0 11.0 1.0 8.5 1.0 10.5 1.0 9.5 1.0 11.5 1.0 9.5
Item Propagation delay Propagation delay Enable time Enable time Disable time Disable time Note:
Symbol tPLH tPHL tZH tZL tHZ tLZ
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit ns
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.3.00, Nov.12.2004, page 4 of 8
HD74AC125/HD74ACT125
AC Characteristics: HD74ACT125
Ta = +25C CL = 50 pF Min Typ Max 1.0 6.5 9.0 1.0 7.0 9.0 1.0 6.0 8.5 1.0 7.0 9.5 1.0 7.0 9.5 1.0 7.5 10.0 Ta = -40C to +85C CL = 50 pF Min Max 1.0 10.0 1.0 10.0 1.0 9.5 1.0 10.5 1.0 10.5 1.0 10.5
Item Propagation delay Propagation delay Enable time Enable time Disable time Disable time Note:
Symbol tPLH tPHL tZH tZL tHZ tLZ
VCC (V)*1 5.0 5.0 5.0 5.0 5.0 5.0
Unit ns
1. Voltage Range 5.0 is 5.0 V 0.5 V
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD Typ 4.5 45.0 pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.3.00, Nov.12.2004, page 5 of 8
HD74AC125/HD74ACT125
Package Dimensions
As of January, 2003
19.20 20.32 Max 14 8
6.30 7.40 Max
Unit: mm
1
2.39 Max
1.30
7 7.62
0.51 Min
2.54 Min 5.06 Max
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.10
Package Code JEDEC JEITA Mass (reference value)
DP-14 Conforms Conforms 0.97 g
19.20 20.32 Max 14 8
6.30 7.40 Max
Unit: mm
1
2.39 Max
1.30
7 7.62
0.51 Min
2.54 Min 5.06 Max
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
*NI/Pd/AU Plating
Package Code JEDEC JEITA Mass (reference value)
DP-14AV Conforms Conforms 0.97 g
Rev.3.00, Nov.12.2004, page 6 of 8
HD74AC125/HD74ACT125
As of January, 2003
Unit: mm
10.06 10.5 Max 14 8
1
7
5.5
*0.20 0.05
2.20 Max
0.20 7.80 + 0.30 -
1.42 Max
1.15 0 - 8 0.70 0.20
1.27 *0.40 0.06
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-14DAV -- Conforms 0.23 g
*Ni/Pd/Au plating
0.10 0.10
0.15
As of January, 2003
Unit: mm
8.65 9.05 Max 14 8
1
1.75 Max
*0.20 0.05
7
3.95
6.10 - 0.30 1.08
+ 0.10
0.635 Max
0 - 8
+ 0.11
1.27 *0.40 0.06
0.14 - 0.04
0.67 0.60 + 0.20 -
0.15 0.25 M
Package Code JEDEC JEITA Mass (reference value) FP-14DNV Conforms Conforms 0.13 g
*Ni/Pd/Au plating
Rev.3.00, Nov.12.2004, page 7 of 8
HD74AC125/HD74ACT125
As of January, 2003
Unit: mm
5.00 5.30 Max 14 8
1
7 0.65 1.0 0.13 M 6.40 0.20 0.83 Max 0 - 8 0.50 0.10
*0.20 0.05
4.40
*0.15 0.05
1.10 Max
0.10
0.07 +0.03 -0.04
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
TTP-14DV -- -- 0.05 g
Rev.3.00, Nov.12.2004, page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74AC125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X