Part Number Hot Search : 
1N4744A HD66002 PAD50 12DH6 1N4744A 1N4744A D00469 2SB794
Product Description
Full Text Search
 

To Download HD151015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD151015
9 bit Level Shifter/Transceiver With 3 State Outputs
REJ03D0300-0500 Rev.5.00 May 10, 2006
Description
The HD151015 is an IC which consists of 9 bus transceivers (three state output) in a 24 pin package. Signals are transmitter from A to B when the direction control input (DiR) is at a high level, and from B to A when DiR is at a low level. When the enable input (G) is high, A and B are isolated. And this product has two terminals (VCCA, VCCB), VCCA is connected with control input and A bus side, VCCB is connected with B bus side. VCCA and VCCB are isolated. Consequently, it is best to change the level in case of two supply voltage coexist on one board and application of power management.
Features
* This product function as level shift transceiver that change VCCA input level to VCCB output level, VCCB input level to VCCA output level by providing different supply voltages to VCCA and VCCB. * This product is able to the power management : Turn on and off the supply on VCCB side with providing the supply of VCCA. (Enable input (G) : High level) * Inputs and outputs are CMOS level, and the power dissipation is the same as CMOS standard logic. * Wide operating supply voltage range: VCCA = VCCB = 2 to 6 V (VCCB VCCA - 0.5 V) * Wide operating temperature range: Ta = -40 to 85C * Ordering Information
Part Name HD151015TEL Package Type TSSOP-24 pin Package Code (Previous Code) PTSP0024JB-A (TTP-24DBV) T Package Abbreviation Taping Abbreviation (Quantity) EL (1,000 pcs/reel)
Rev.5.00, May 10, 2006, page 1 of 10
HD151015
Pin Arrangement
V CCA 1 DIR 2 A0 3 A1 4 A2 5 A3 6 A4 7 A5 8 A6 9 A7 10 A8 11 GND 12
24 VCCB 23 G 22 B0 21 B1 20 B2 19 B3 18 B4 17 B5 16 B6 15 B7 14 B8 13 GND
(Top view)
Function Table
Inputs G L L H H L Z X L H X : : : : High level Low level High Impedance Immaterial DIR B data to A bus A data to B bus Z Outputs
Absolute Maximum Ratings
Item Supply Voltage Input Diode Current Input Voltage Output Diode Current Output Voltage Output Current VCC or Ground Current Storage Temperature Note: Symbol VCCA, VCCB IIK VIN IOK VOUT IO ICC or IGND Tstg Rating -0.5 to +7.0 -20 20 -0.5 to VCC + 0.5 -50 50 -0.5 to VCC + 0.5 50 50 -65 to + 150 Unit V mA mA V mA mA V mA mA C Conditions VI = -0.5 VI = VCC + 0.5 VO = -0.5 VO = VCC + 0.5
per output pin
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Rev.5.00, May 10, 2006, page 2 of 10
HD151015
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage Operating Temperature Input Rise and Fall Time*1 Symbol VCCA, B VIN VOUT TA tr, tf Rating 2.0 to 6.0 0 to VCC 0 to VCC -40 to +85 8 Unit V V V C ns/V Conditions VCCB VCCA - 0.5 V
VCC@3.0 V (Input DiR, G, A) VCC@4.5 V (Input B) VCC@5.5 V (Input B)
Note:
1. The item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Logick Diagram
DIR Transceiver(1/9) A
Level Change System
B
G
VCCA System
VCCB System
Electrical Characteristics
Sym- VCCA Item bol (V) Input Voltage VIH 3.0 4.5 5.5 VIL 3.0 4.5 5.5 Output VOH 2.7 Voltage 2.7 2.7 2.7 VOL 2.7 Input Current IIN IOZ Off State Output Current Supply Current Note: 2.7 3.3 3.3 VCCB (V) 3.0 4.5 5.5 3.0 4.5 5.5 4.5 4.5 4.5 4.5 4.5 4.5 5.5 5.5 Ta = 25C Min Typ Max 2.1 1.5 -- 3.15 2.25 -- 3.85 2.75 -- -- 1.5 0.9 -- 2.25 1.35 -- 2.75 1.65 2.6 2.69 -- 4.4 4.49 -- 2.3 -- -- 3.9 -- -- -- 0.001 0.1 -- -- -- -- -- -- 0.32 0.1 0.5 Ta = -40 to 85C Min Max 2.1 -- 3.15 -- 3.85 -- -- 0.9 -- 1.35 -- 1.65 2.6 -- 4.4 -- 2.2 -- 3.8 -- -- 0.1 -- -- -- 0.37 1.0 5.0
Unit Conditions V VOUT = 0.1 V or VCC - 0.1 V
V
VOUT = 0.1 V or VCC - 0.1 V
V V V V A A
VIN = VIL or VIH, IOH = -50 A VIN = VIL or VIH, IOH = -50 A VIN = IOH = -4 mA VIL or VIH IOH = -12 mA VIN = VIL or VIH, IOL = 50 A VIN = VIL or VIH, IOL = 12 mA VIN = VCC or GND VIN(G) = VIH, VIN = VCC or GND, VOUT = VCC or GND
A*1 B A B A.B A.B
ICCA.B 3.3 ICCA 5.5
5.5 0
-- --
-- --
8.0 8.0
-- --
80 80
A A
VIN = VCC or GND VIN = VCC or GND, B Input OPEN
1. A: Output A, B: Output B, A.B: Output A.B
Rev.5.00, May 10, 2006, page 3 of 10
HD151015
Switching Characteristics
Ta = 25C VCCA = 3.0 V, VCCB = 5.0 V Item Symbol Min Typ Max Propagation Delay Time tPLH 1.0 5.0 10.0 1.0 5.0 10.0 tPHL 1.0 5.0 10.0 1.0 5.0 10.0 Output Enable Time tZH 1.0 8.0 16.0 1.0 8.0 16.0 tZL 1.0 9.0 16.0 1.0 9.0 16.0 Output Disable Time tHZ 1.0 9.0 16.0 1.0 9.0 16.0 tLZ 1.0 8.0 16.0 1.0 8.0 16.0 Ta = -40 to 85C VCC = 2.7 V, VCCB = 4.5 V Min Max 1.0 12.0 1.0 12.0 1.0 12.0 1.0 12.0 1.0 20.0 1.0 20.0 1.0 20.0 1.0 20.0 1.0 20.0 1.0 20.0 1.0 20.0 1.0 20.0
Unit Conditions ns BA AB ns BA AB ns GA GB ns GA GA ns GA GB ns GA GB
Input and Output Equivalent Circuit
BUS A VCCA BUS B VCCB
A
B
Input DIR,G VCCA DIR G
Rev.5.00, May 10, 2006, page 4 of 10
HD151015
Switching Time Test Method
Test Circuit
VCC VCCA VCCB G Output A0 B0 CL = 50 pF DIR S1 500 450 50 Scope
*4
Input Pulse Generator Zout = 50
See Function Table
OPEN 2 x VCCA or 2 x VCCB
Notes:
1. 2. 3. 4.
CL includes probe and jig capacitance. A1-B1, A2-B2, A3-B3, A4-B4, A5-B5, A6-B6, A7-B7, A8-B8 are identical to above circuit. S1 is a input/output switch. When A B: 2 x VCCB, B A: 2 x VCCA
Rev.5.00, May 10, 2006, page 5 of 10
HD151015 Waveforms-1
tr 90 % 50 % 10 % t PLH tf 90 % 50 % 10 % t PHL VOH 50 % Output 50 % VOL
*5 VCCA or VCCB
Input
GND
Waveforms-2
tf G 90 % 50 % 10 % t ZL Waveform - a 10 % t ZH Waveform - b 50 % GND t HZ 90 % tr 90 % 50 % 10 % t LZ VCCA GND VCCA or VCCB VOL VOH
*6
Notes:
1. 2. 3. 4. 5. 6.
tr = tf = 2.5 ns. Input Waveform: PRR = 1 MHz, duty cycle 50% Waveform-a is set as outputs are "Low" when enable input is "Low". Waveform-b is set as outputs are "High" when enable input is "Low". When A B: VCCA, B A : VCCB When G A: VCCA, G B : VCCB
Rev.5.00, May 10, 2006, page 6 of 10
HD151015
Typical Characteristic Curves
Propagation Delay Times vs Power Supply (VCCA, VCCB)
t PLH (B to A) 20 Ta = 25 C V CCA = 2 V =3V =4V =5V 20 t PHL (B to A) Ta = 25 C V CCA = 2 V =3V =4V =5V
15 t PLH (B to A) (ns)
15 t PHL (B to A) (ns)
10
10
5
5
0
2
3
4 VCCB (V)
5
6
0
2
3
4 VCCB (V)
5
6
t PLH (A to B) 20 Ta = 25 C V CCA = 2 V =3V =4V =5V 20
t PHL (A to B) Ta = 25 C V CCA = 2 V =3V =4V =5V
15 t PLH (A to B) (ns)
15 t PHL (A to B) (ns)
10
10
5
5
0
2
3
4 VCCB (V)
5
6
0
2
3
4 VCCB (V)
5
6
Rev.5.00, May 10, 2006, page 7 of 10
HD151015 Output Voltage vs Output Current
VOH (A) 5 Ta = 25 C 4 V CCA = 4 V VOH (V) 3 V CCA = 3 V 2 1 0 V CCA = 2 V VOL 0.6 (V) 0.4 0.2 VCCB = 5 V 0 -3 -6 -9 -12 -15 0 0 3 6 9 12 15 VCCB = 4 V VCCB = 3 V V CCA = 5 V 0.8 1.0 Ta = 25 C VCCB = 2 V VOL (A)
*1
I OH (mA)
I OL (mA)
VOH (B) 5 Ta = 25 C 4 VCCB = 4 V VOH (V) 3 VCCB = 3 V 2 1 0 VCCB = 2 V VOL 0.6 (V) 0.4 0.2 VCCB = 4 V VCCB = 5 V 0.8 1.0 Ta = 25 C
VOL (B) VCCB = 2 V
VCCB = 3 V
VCCB = 5 V 0 -3 -6 -9 -12 -15 0 0 3 6 9 12 15
I OH (mA)
I OL (mA)
Note:
1. VOL (A) does not depend on VCCA
Rev.5.00, May 10, 2006, page 8 of 10
HD151015
Application
For power management system (1)
VCCA system VCCA HD151015
Be able to set up variable power supply voltage from 2 V to 6 V
VCCB system V CCB
Be able to set up variable power supply voltage from 2 V to 6 V Be able to turn on and off
Note:
HD151015 is also used for power management system. We show some Examples. 1. For VCCA side Be able to switch fast mode (VCCA = 5 V) and power save mode (VCCA = 3 V) 2. For VCCB side Be able to switch normal mode (VCCB = 5 V) and suspend mode (VCCB = 0 V) 3. For both side Be able to switch fast mode (VCCA = 5 V) and power save mode (VCCA = 3 V) (When VCCA = VCCB, in this case, please switch VCCA and VCCB simulteneously.)
For power management system (2) (Common bus line in different power system)
VCCA system VCCB system VCCB = 0 V HD151015 VCCB =0V HD151015 i *1 X *2
"H"
"H" VCCB' system
HD151015 uses conventional CMOS input circuit. So, you have to care of designing in case of common bus line in different power block. We show one example. In this case, if VCCB become turn off, current flows from bus line to VCCB. (refer to *1) This is cause of malfunction. In order to prevent this problem, I recommend using this device for interface to each power block. (refer to *2) [Cautions on using] Please use this IC on condition of VCCA usually ON, because if you use it on condition of VCCA being OFF, VCCB being ON, it will be troubled.
Rev.5.00, May 10, 2006, page 9 of 10
HD151015
Package Dimensions
JEITA Package Code P-TSSOP24-4.4x7.8-0.65 RENESAS Code PTSP0024JB-A Previous Code TTP-24DBV MASS[Typ.] 0.08g
*1
D 13
F
24
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 12 e
*3
c
Reference Dimension in Millimeters Symbol
Z
bp
x
M
L1
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 7.80 8.10 4.40
0.03 0.07 0.10 1.10 0.15 0.20 0.25 0.10 0.15 0.20 0 8 6.20 6.40 6.60 0.65 0.13 0.10 0.65 0.4 0.5 0.6 1.0
Rev.5.00, May 10, 2006, page 10 of 10
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD151015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X