Part Number Hot Search : 
DTC144TE STU5025 ADM3251 WF380A 1N4733 00050 1346634 WF380A
Product Description
Full Text Search
 

To Download HCPL2503M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
October 2008
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M High Speed Transistor Optocouplers
Features
High speed -1 MBit/s Superior CMR - 10kV/s Dual-Channel HCPL2530M, HCPL2531M
Description
The HCPL4502M, HCPL4503M, HCPL2503M, 6N135M, 6N136M, HCPL2530M and HCPL2531M optocouplers consist of an AlGaAs LED optically coupled to a high speed photodetector transistor. A separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional phototransistor optocouplers by reducing the base-collector capacitance of the input transistor. An internal noise shield provides superior common mode rejection of up to 50,000V/s.
(Preliminary) CTR guaranteed 0-70C U.L. recognized (File # E90700, Vol. 2) 5,000Vrms (1 minute) isolation rating Superior CMR of 15,000V/s min. (HCPL4503M) >8mm creepage and clearance (option T) No base connection for improved noise immunity (HCPL4502M, HCPL4503M)
Applications
Line receivers Pulse transformer replacement Output interface to CMOS-LSTTL-TTL Wide bandwidth analog coupling
Schematics
Package Outlines
N/C 1
8 VCC
+1 V
F1
8 VCC
8 1
+2 V
F
7 VB
_
2
7 V01
8 8 1 1
_
3
6 VO
_ V
3
6 V02
F2
N/C 4
5 GND
+4
5 GND
6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Pin 7 is not connected in HCPL4502M and HCPL4503M
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
HCPL2530M/HCPL2531M
www.fairchildsemi.com
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Absolute Maximum Ratings (TA = 25C unless otherwise specified) Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
TSTG TOPR TSOL EMITTER IF (avg) IF (pk) IF (trans) VR PD DC/Average Forward Input Current Each Channel(1) Peak Forward Input Current Each Channel(2) Peak Transient Input Current Each Channel Reverse Input Voltage Each Channel Input Power Dissipation Each Channel 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M HCPL2530M, HCPL2531M(3) DETECTOR IO (avg) IO (pk) VEBR VCC VO IB PD Average Output Current Each Channel Peak Output Current Each Channel Emitter-Base Reverse Voltage Supply Voltage Output Voltage Base Current Output Power Dissipation Each Channel 6N135M, 6N136M and HCPL2503M only 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M(4) HCPL2530M, HCPL2531M Notes: 1. Derate linearly above 70C free-air temperature at a rate of 0.8mA/C. 2. Derate linearly above 70C free-air temperature at a rate of 1.6mA/C. 3. Derate linearly above 70C free-air temperature at a rate of 0.9 mW/C. 4. Derate linearly above 70C free-air temperature at a rate of 2.0 mW/C. 6N135M, 6N136M and HCPL2503M only 8 16 5 -0.5 to 30 -0.5 to 20 5 100 35 mA mA V V V mA mW mW 50% duty cycle, 1ms P.W. 1s P.W., 300pps 25 50 1.0 5 100 45 mA mA A V mW
Parameter
Storage Temperature Operating Temperature Lead Solder Temperature (Wave)
Condition
Value
-40 to +125 -40 to +100 260 for 10 sec
Units
C C C
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 2
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Electrical Characteristics (TA = 0 to 70C Unless otherwise specified)
Individual Component Characteristics Symbol EMITTER
VF BVR Input Forward Voltage Input Reverse Breakdown Voltage IF = 16mA, TA =25C IF = 16mA IR = 10 A IF = 16mA All All All All 5.0 -1.6 1.45 1.7 1.8 V mV/C V
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
VF/TA Temperature Coefficient of Forward Voltage DETECTOR IOH Logic High Output Current
IF = 0mA, VO = VCC = 5.5V, TA =25C IF = 0mA, VO = VCC = 15V, TA =25C
All 6N135M 6N136M HCPL4502M HCPL4503M HCPL2503M All 6N135M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2530M HCPL2531M 6N135M 6N136M HCPL4502M HCPL4503M HCPL2503M 6N135M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2530M HCPL2531M
0.003 0.005
0.5 1
A
IF = 0mA, VO = VCC = 15V ICCL Logic Low Supply Current IF = 16mA, VO = Open, VCC = 15V
50 145 200 A
IF1 = IF2 = 16mA, VO = Open, VCC = 15V ICCH Logic High Supply Current IF = 0mA, VO = Open, VCC = 15V, TA =25C
250
400 1 A
IF = 0mA, VO = Open, VCC = 15V
2
IF = 0mA, VO = Open, VCC = 15V *All Typicals at TA = 25C
0.02
4
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 3
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Electrical Characteristics (Continued) (TA = 0 to 70C unless otherwise specified)
Transfer Characteristics Symbol
COUPLED CTR Current Transfer Ratio(5) IF = 16mA, VO = 0.4 V, VCC = 4.5V, TA =25C 6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2531M HCPL2503M IF = 16mA, VCC = 4.5V VOL = 0.4V VOL = 0.5V VOL = 0.4V 6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2531M HCPL2503M 6N135M HCPL2530M 6N136M HCPL2503M HCPL4503M HCPL2531M IF = 16mA, IO = 0.8mA, VCC = 4.5V IF = 16mA, IO = 2.4mA, VCC = 4.5V *All Typicals at TA = 25C Note: 5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%. 6N135M HCPL2530M HCPL4502M HCPL4503M HCPL2531M 9 30 0.10 0.10 0.15 0.4 0.5 0.4 % V 15 30 % 7 19 18 30 50 50 % %
Parameter
Test Conditions
Device
Min. Typ.* Max. Unit
12 5
27 21
% %
VOL = 0.5V VOL = 0.4V VOL Logic LOW Output Voltage IF = 16mA, IO = 1.1mA, VCC = 4.5V, TA =25C IF = 16mA, IO = 3mA, VCC = 4.5V, TA =25C
0.15
0.5 0.5 0.5
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 4
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Electrical Characteristics (Continued) (TA = 0 to 70C unless otherwise specified)
Switching Characteristics (VCC = 5V) Symbol Parameter
TPHL Propagation Delay Time to Logic LOW
Test Conditions
TA = 25C, RL = 4.1k, IF = 16mA(6) (Fig. 7) RL = 1.9k, IF = 16mA, TA = 25C(7) (Fig. 7)
Device
6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2531M 6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2531M 6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2531M 6N135M HCPL2530M 6N136M HCPL4502M HCPL4503M HCPL2503M HCPL2531M 6N135M HCPL2530M 6N136M HCPL4502M HCPL2503M HCPL2531M HCPL4503M 6N135M HCPL2530M 6N136M HCPL4502M HCPL2503M HCPL2531M
Min.
Typ.*
0.45 0.45
Max.
1.5 0.8
Unit
s s
RL = 4.1k, IF = 16mA(6) (Fig. 7) RL = 1.9k, IF = 16mA(7) (Fig. 7)
2.0 1.0
s s
TPLH
Propagation Delay Time to Logic HIGH
TA = 25C, (RL = 4.1k, IF = 16mA(6) (Fig. 7) RL = 1.9k, IF = 16mA(7) (Fig. 7) TA = 25C
0.5 0.3
1.5 0.8
s s
RL = 4.1k, IF = 16mA(6) (Fig. 7) RL = 1.9k, IF = 16mA(7) (Fig. 7)
2.0 1.0
s s
|CMH|
Common Mode Transient Immunity at Logic High
IF = 0mA, VCM = 10VP-P, RL = 4.1k, TA = 25C(8) (Fig. 8) IF = 0mA, VCM = 10VP-P, RL = 1.9k, TA = 25C(8) (Fig. 8)
10,000 10,000
V/s V/s
IF = 0mA, VCM = 1,500VP-P, RL = 1.9k, TA = 25C(8) (Fig. 8) |CML| Common Mode Transient Immunity at Logic Low IF = 16mA, VCM = 10VP-P, RL = 4.1k, TA = 25C(8) (Fig. 8) IF = 16mA, VCM = 10VP-P, RL = 1.9k(8) (Fig. 8)
15,000
30,000 10,000 10,000 V/s V/s
IF = 0mA, VCM = 1,500VP-P, RL = 1.9k, TA = 25C(8) (Fig. 8) ** All Typicals at TA = 25C
HCPL4503M
15,000
30,000
Notes: 6. The 4.1k load represents 1 LSTTL unit load of 0.36mA and 6.1k pull-up resistor. 7. The 1.9k load represents 1 TTL unit load of 1.6mA and 5.6k pull-up resistor. 8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO > 2.0V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO < 0.8V).
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1 www.fairchildsemi.com 5
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Electrical Characteristics (Continued) (TA = 0 to 70C unless otherwise specified)
Isolation Characteristics (TA = 0 to 70C Unless otherwise specified) Symbol
VISO RI-O CI-O HFE II-I RI-I CI-I
Characteristics
Withstand Insulation Test Voltage Resistance (Input to Output) DC Current Gain Input-Input Insulation Leakage Current Input-Input Resistance Input-Input Capacitance
Test Conditions
RH 50%, TA = 25C, II-O 10A, t = 1 min., f = 50Hz(9)(11) VI-O = 500VDC(9) 0V(9) 500VDC(10) IO = 3mA, VO = 5V(9) RH 45%, VI-I = t = 5 s, (HCPL2530M/2531M only) VI-I = 500 VDC(10) (HCPL2530M/2531M only) f = 1MHz(10) (HCPL2530M/2531M only)
Min
5,000
Typ**
Max
Unit
VRMS
1011 1 150 0.005 1011 0.03
pF A pF
Capacitance (Input to Output) f = 1MHz, VI-O =
Notes: 9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together. 10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. 11. 5,000Vrms for 1 minute duration is equivalent to 6,000Vrms for 1 second duration.
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 6
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
1.2 1.2
Fig. 2 Normalized CTR vs. Temperature
1.0
1.0
NORMALIZED CTR
0.8
NORMALIZED CTR
0.8
0.6
0.6
0.4 Normalized to: IF = 16 mA 0.2
VO = 0.4 V VCC = 5 V TA = 25C
0.4 Normalized to: TA = 25C 0.2 IF = 16mA VCC = 4.5V VO = 0.4V
0.0 0.1
1
10
100
0.0 -40
-20
0
20
40
60
80
100
IF - FORWARD CURRENT (mA)
TA - TEMPERATURE (C)
Fig. 3 Output Current vs. Output Voltage
TA = 25C VCC = 5 V
Fig. 4 Logic High Output Current vs. Temperature
IOH - LOGIC HIGH OUTPUT CURRENT (nA)
100 IF = 0 mA VCC = 5.5V VO = 5.5V
18 16
IO - OUTPUT CURRENT (mA)
IF = 40mA 35mA
14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20
30mA 25mA 20mA 15mA 10mA 5mA
10
1
0.1 -40
-20
0
20
40
60
80
100
VO - OUTPUT VOLTAGE (V)
TA - TEMPERATURE (C)
Fig. 5 Propagation Delay vs. Temperature
800 700
Fig. 6 Propagation Delay vs. Load Resistance
Tp - PROPAGATION DELAY (ns)
600 500 400 300 200 100 0 -40
RL = 4.1k (tPLH)
TP - PROPAGATION DELAY (ns)
1000
IF = 16mA (tPLH) IF = 10mA (tPHL)
RL = 1.9k (tPLH)
RL = 1.9k (tPHL)
RL = 4.1k (tPHL) Frequency = 10kHz Duty Cycle = 10% IF = 16mA VCC = 5 V
IF = 10mA (tPLH)
IF = 16mA (tPHL) Frequency = 10kHz Duty Cycle = 10% IF = 16mA VCC = 5 V 10
100 1
-20
0
20
40
60
80
100
TA - TEMPERATURE (C)
RL - LOAD RESISTANCE (k)
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 7
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Test Circuits
1
+ Noise Shield
Pulse Generator I F tr = 5ns Z O = 50 10% D.C. I/f < 100s
8 7 6 5
VCC
+5 V
Pulse Generator tr = 5ns Z O = 50
IF
+
Noise Shield
1
VF1 -
8 7 6 5
VCC RL
+5 V
2
VF -
VB
RL
10% DUTY CYCLE I/f < 100S VO
2 3 4
V01
VO C L = 1.5 F
3
I F Monitor Rm
VO 0.1 F
IF MONITOR VF2 + Rm
V02 0.1 F
4
GND
GND
C L = 1.5 F
Test Circuit for HCPL2530M and HCPL2531M Test Circuit for 6N135M, 6N136M, HCPL2503M, HCPL4502M and HCPL4503M
IF 0
VO
5V
1.5 V
1.5 V VOL
TPHL
TPLH
Fig. 7 Switching Time Test Circuit
IF
1
+
Noise Shield
8 7 6 5
VCC
+5 V IF
+ VF1 A
Noise Shield
1 2 3 4
8 7 6 5
VCC RL V01
+5 V
2
A B VFF VF -
VB
RL
VO
3 4
+
VCM
VO
VO 0.1 F
B VFF
VF2 +
V02
0.1 F
GND
-
GND
-
Pulse Gen
+
VCM -
Pulse Gen Test Circuit for 6N135M, 6N136M, HCPL2503M, HCPL4502M and HCPL4503M Test Circuit for HCPL2530M and HCPL2531M
VCM 10 V 10% tr
90%
90% 10% tf
0V
VO Switch at A : IF = 0 mA VO Switch at A : IF = 16 mA
5V
VOL
Fig. 8 Common Mode Immunity Test Circuit
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 8
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Package Dimensions
Through Hole
PIN 1 ID.
4 3 2 1
4 3 2 1
0.4" Lead Spacing
PIN 1 ID.
0.270 (6.86) 0.250 (6.35)
5 6 7 8
0.270 (6.86) 0.250 (6.35)
0.390 (9.91) 0.370 (9.40)
5
6
7
8
SEATING PLANE
0.070 (1.78) 0.045 (1.14) 0.200 (5.08) 0.140 (3.55) 0.020 (0.51) MIN
SEATING PLANE
0.390 (9.91) 0.370 (9.40) 0.070 (1.78) 0.045 (1.14) 0.200 (5.08) 0.140 (3.55) 0.004 (0.10) MIN
0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.016 (0.40) 0.008 (0.20) 15 MAX 0.300 (7.62) TYP
0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.016 (0.40) 0.008 (0.20) 0 to 15 0.400 (10.16) TYP
Surface Mount
0.390 (9.91) 0.370 (9.40)
4 3 2 1
8-Pin DIP - Land Pattern (option S)
0.070 (1.78)
PIN 1 ID.
0.270 (6.86) 0.250 (6.35)
0.060 (1.52)
5
6
7
8
0.100 (2.54) 0.295 (7.49) 0.415 (10.54) 0.030 (0.76)
0.070 (1.78) 0.045 (1.14) 0.020 (0.51) MIN
0.300 (7.62) TYP 0.016 (0.41) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP Lead Coplanarity : 0.004 (0.10) MAX
0.045 [1.14] 0.315 (8.00) MIN 0.405 (10.30) MAX.
Note: All dimensions are in inches (millimeters)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 9
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Ordering Information
Option
No option S SD T V TV SV SDV
Example Part Number
6N135M 6N135SM 6N135SDM 6N135TM 6N135VM 6N135TVM 6N135SVM 6N135SDVM
Description
Standard through hole lead form Surface mount lead bend Surface mount; tape and reel 0.4" lead spacing IEC60747-5-2 (approval pending) IEC60747-5-2 (approval pending); 0.4" lead spacing IEC60747-5-2 (approval pending); surface mount IEC60747-5-2 (approval pending); surface mount; tape and reel
Marking Information
1
2503 V
3 4
2 6
XX YY
5
B
Definitions
1 2 3 4 5 6 Fairchild logo Device number
IEC60747-5-2 mark (Note: Only appears on parts ordered with this
option - See order entry table) Two digit year code, e.g., `08' Two digit work week ranging from `01' to `53' Assembly package code
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 10
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Carrier Tape Specifications
D0 K0
t
P0
P2
E
A0 W1 B0
F W
d
User Direction of Feed
P
D1
Symbol
W t P0 D0 E F P2 P A0 B0 K0 W1 d R Pocket Pitch Tape Width
Description
Tape Thickness Sprocket Hole Pitch Sprocket Hole Diameter Sprocket Hole Location Pocket Location
Dimension in mm
16.0 0.3 0.30 0.05 4.0 0.1 1.55 0.05 1.75 0.10 7.5 0.1 2.0 0.1 12.0 0.1 10.30 0.20 10.30 0.20 4.90 0.20
Pocket Dimensions
Cover Tape Width Cover Tape Thickness Max. Component Rotation or Tilt Min. Bending Radius
13.2 0.2 0.1 max 10 30
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 11
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
Reflow Profile
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Time (Minute) * Peak reflow temperature: 260 C (package surface temperature) * Time of temperature higher than 183 C for 160 seconds or less * One time soldering reflow is recommended Time above 183C, <160 sec Ramp up = 2-10C/sec 260 C peak 245 C, 10-30 s
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 12
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M, HCPL4502M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M -- High Speed Transistor Optocouplers
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM * TM
(R)
Fairchild (R) Fairchild Semiconductor FACT Quiet SeriesTM (R) FACT FAST(R) FastvCoreTM FlashWriter(R) * FPSTM
(R)
F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM
(R)
The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM
(R)
UHC Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
PDP SPMTM Power-SPMTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I36
(c)2008 Fairchild Semiconductor Corporation 6N13XM, HCPLXXXM Rev. 1.0.1
www.fairchildsemi.com 13


▲Up To Search▲   

 
Price & Availability of HCPL2503M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X