Part Number Hot Search : 
BCR08 ERG3S 04598 D16NF A102P 24W04 UN421D CP1578MN
Product Description
Full Text Search
 

To Download HAT3010R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT3010R
Silicon N / P Channel Power MOS FET High Speed Power Switching
REJ03G1199-1000 (Previous: ADE-208-1402H) Rev.10.00 Sep 07, 2005
Features
* Low on-resistance * Capable of 4.5 V gate drive * High density mounting
Outline
RENESAS Package code: PRSP0008DD-D (Package name: SOP-8 )
78 DD 56 DD
65 87 12 34
2 G
4 G
1, 3 2, 4 5, 6, 7, 8
Source Gate Drain
S1 Nch
S3 Pch
Rev.10.00 Sep 07, 2005 page 1 of 9
HAT3010R
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel dissipation Channel temperature Symbol VDSS VGSS ID Note 1 ID (pulse) IDR Note 2 Pch Pch Tch
Note 3
Value Nch 60 20 6 48 6 2 3 150 Pch -60 20 -5 -40 -5 2 3 150
Unit V V A A A W W C C
Storage temperature Tstg -55 to +150 -55 to +150 Notes: 1. PW 10 s, duty cycle 1% 2. 1 Drive operation: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10 s 3. 2 Drive operation: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10 s
Electrical Characteristics
N Channel (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 4. Pulse test Symbol V (BR) DSS V (BR) GSS IGSS IDSS VGS (off) RDS (on) RDS (on) |yfs| Ciss Coss Crss td (on) tr td (off) tf VDF trr Min 60 20 -- -- 1.0 -- -- 7 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 25 32 11 1050 150 90 15 15 55 10 0.85 50 Max -- -- 10 1 2.5 32 45 -- -- -- -- -- -- -- -- 1.10 -- Unit V V A A V m m S pF pF pF ns ns ns ns V ns Test Conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 60 V, VGS = 0 VDS = 10 V, ID = 1 mA Note 4 ID = 3 A, VGS = 10 V ID = 3 A, VGS = 4.5 V Note 4 ID = 3 A, VDS = 10 V VDS = 10 V VGS = 0 f = 1 MHz VGS = 10 V, ID = 3 A VDD 30 V RL = 10 Rg = 4.7 IF = 6 A, VGS = 0 IF = 6 A, VGS = 0 diF/dt = 100 A/s
Note 4 Note 4
Rev.10.00 Sep 07, 2005 page 2 of 9
HAT3010R P Channel (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 5. Pulse test Symbol V (BR) DSS V (BR) GSS IGSS IDSS VGS (off) RDS (on) RDS (on) |yfs| Ciss Coss Crss td (on) tr td (off) tf VDF trr Min -60 20 -- -- -1.0 -- -- 3 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 60 90 5 1350 135 85 20 15 55 10 -0.85 50 Max -- -- 10 -1 -2.5 76 130 -- -- -- -- -- -- -- -- -1.10 -- Unit V V A A V m m S pF pF pF ns ns ns ns V ns Test Conditions ID = -10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = -60 V, VGS = 0 VDS = -10 V, ID = -1 mA ID = -2.5 A, VGS = -10 V Note 5 ID = -2.5 A, VGS = -4.5 V ID = -2.5 A, VDS = -10 V VDS = -10 V VGS = 0 f = 1 MHz VGS = -10 V, ID = -2.5 A VDD -30 V RL = 12 Rg = 4.7 IF = -5 A, VGS = 0 IF = -5 A, VGS = 0 diF/dt = 100 A/s
Note 5 Note 5 Note 5
Rev.10.00 Sep 07, 2005 page 3 of 9
HAT3010R
Main Characteristics
N Channel
Maximum Safe Operation Area
100 10
10
Typical Output Characteristics
10 V 4V
ID (A)
DC
Op
1
Drain Current
0.1
Operation in this area is limited by RDS (on) Ta = 25C 1 shot Pulse
Drain Current
s 1m s =1 0m era tio s n( PW 1 Note 0s 6 )
PW
ID (A)
10
10
0
s
3V Pulse Test
8
6
4
0.01
2
2.5 V VGS = 2 V 0 2 4 6 8 10
0.001 0.1
0 0.3 1 3 10 30 100
Drain to Source Voltage VDS (V)
Note 6: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm)
Drain to Source Voltage
VDS (V)
Typical Transfer Characteristics
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage VDS (on) (mV)
10 VDS = 10 V Pulse Test
300
Pulse Test
ID (A)
8
200 ID = 5 A 100 2A 1A 0 5 10 15 20
6
Drain Current
4 Tc = 75C 2
25C
-25C
0 0
1
2
3
4
5
0
Gate to Source Voltage
VGS (V)
Gate to Source Voltage
VGS (V)
1.0 Pulse Test 0.5
Static Drain to Source on State Resistance RDS (on) ()
Static Drain to Source on State Resistance vs. Drain Current
Static Drain to Source on State Resistance vs. Temperature
0.10 Pulse Test 0.08 1 A, 2 A 0.06 ID = 5 A VGS = 4.5 V 1 A, 2 A, 5 A 10 V
Drain to Source on State Resistance RDS (on) ()
0.2 0.1 0.05 VGS = 4.5 V 10 V
0.04
0.02 0.01
0.02
1
3
10
30
100
0 -40
0
40
80
120
160
Drain Current
ID (A)
Case Temperature
Tc (C)
Rev.10.00 Sep 07, 2005 page 4 of 9
HAT3010R
Forward Transfer Admittance vs. Drain Current
Forward Transfer Admittance |yfs| (S) Reverse Recovery Time trr (ns)
50 1000 500
Body-Drain Diode Reverse Recovery Time
20 Tc = -25C 10 25C 5 75C
200 100 50
2 1 0.5 0.1 VDS = 10 V Pulse Test 0.3 1 3 10 30 100
20 10 0.1
di / dt = 100 A / s VGS = 0, Ta = 25C 0.3 1 3 10 30 100
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
VDS (V)
5000 2000 100
Reverse Drain Current
IDR (A)
Dynamic Input Characteristics
ID = 6 A 80 VDD = 50 V 25 V 10 V VDS 40 VGS 8 16
Capacitance C (pF)
1000 500 200 100 50 Crss 20 10 0 10 20 30 40 50 VGS = 0 f = 1 MHz Coss Ciss
Drain to Source Voltage
60
12
20
0 0 8 16
VDD = 50 V 25 V 10 V 24 32 40
4
0
Drain to Source Voltage VDS (V)
Gate Charge
Qg (nc)
Switching Characteristics
1000 300 100 30 10 3 1 0.1 td(off) td(on) tf tr
Reverse Drain Current vs. Source to Drain Voltage
10
Reverse Drain Current IDR (A)
VGS = 10 V, VDD = 30 V PW = 5 s, duty 1 %
Pulse Test 10 V
Switching Time t (ns)
8
6
5V
4
VGS = 0, -5 V
2
0 0.3 1 3 10 30 100 0 0.4 0.8 1.2 1.6 2.0
Drain Current
ID (A)
Source to Drain Voltage
VSD
(V)
Rev.10.00 Sep 07, 2005 page 5 of 9
Gate to Source Voltage
VGS (V)
20
HAT3010R P Channel
Maximum Safe Operation Area
-100
10 0 1m s DC s =1 Op 0m era s -1 tio n( PW 1 Note Operation in 0s 7 ) -0.1 this area is limited by RDS (on)
10 s
Typical Output Characteristics
-10 -10 V Pulse Test -6 V -4.5 V -6 -3.5 V
ID (A)
PW
Drain Current
Drain Current
ID (A)
-10
-8
-4 -3 V -2 VGS = -2.5 V 0
-0.01 Ta = 25C 1 shot Pulse -1 -3 -10 -30 -100
-0.001 -0.1 -0.3
0
-2
-4
-6
-8
-10
Drain to Source Voltage VDS (V)
Note 7: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm)
Drain to Source Voltage
VDS (V)
Typical Transfer Characteristics
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage VDS (on) (V)
-10 VDS = -10 V Pulse Test
-1.0
Pulse Test
ID (A)
-8
-0.8
-6
-0.6
Drain Current
-4 Tc = 75C 25C -25C 0 0 -1 -2 -3 -4 -5
-0.4 ID = -5 A -0.2 -2 A
-1 A
-2
0
0
-5
-10
-15
-20
Gate to Source Voltage
VGS (V)
Gate to Source Voltage
VGS (V)
1.0 Pulse Test 0.5
Static Drain to Source on State Resistance RDS (on) ()
Static Drain to Source on State Resistance vs. Drain Current
Static Drain to Source on State Resistance vs. Temperature
0.25 Pulse Test
Drain to Source on State Resistance RDS (on) ()
0.20 -5 V 0.15 ID = -1 A, -2 A VGS = -4.5 V 0.10 -5 V 0.05 -10 V 0 -40 0 40 80 120 160 -1 A, -2 A
0.2 0.1 0.05 VGS = -4.5 V
-10 V
0.02 0.01 -1
-3
-10
-30
-100
Drain Current
ID (A)
Case Temperature
Tc (C)
Rev.10.00 Sep 07, 2005 page 6 of 9
HAT3010R
Forward Transfer Admittance vs. Drain Current
Forward Transfer Admittance |yfs| (S) Reverse Recovery Time trr (ns)
50 1000 500
Body-Drain Diode Reverse Recovery Time
20 10 Tc = -25C 5 75C 2 1 0.5 -0.1 -0.3 VDS = -10 V Pulse Test -1 -3 -10 -30 -100 25C
200 100 50
20 10 -0.1 -0.3
di / dt = 100 A / s VGS = 0, Ta = 25C -1 -3 -10 -30 -100
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
VDS (V)
5000 2000 0
Reverse Drain Current
IDR (A)
Dynamic Input Characteristics
VDD = -10 V -25 V -50 V
Capacitance C (pF)
-20
-4
1000 500 200 100 50
Ciss
Drain to Source Voltage
-40 VDS -60 VDD = -10 V -25 V -50 V ID = -5 A 0 8 16
VGS
-8
Coss Crss
-12
-80
-16
20 10 0
VGS = 0 f = 1 MHz -10 -20 -30 -40 -50
-100
24
32
-20 40
Drain to Source Voltage VDS (V)
Gate Charge
Qg (nc)
Switching Characteristics
1000 300 100 30 10 3 td(off) td(on) tf VGS = -10 V, VDD = -30 V PW = 5 s, duty 1 % -1 -3 -10 -30 -100 tr -10
Reverse Drain Current vs. Source to Drain Voltage
Reverse Drain Current IDR (A)
Pulse Test
Switching Time t (ns)
-8 -10 V -6 -5 V
VGS = 0, 5 V
-4
-2
1 -0.1 -0.3
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Drain Current
ID (A)
Source to Drain Voltage
VSD
(V)
Rev.10.00 Sep 07, 2005 page 7 of 9
Gate to Source Voltage
VGS (V)
0
HAT3010R Common
Power vs. Temperature Derating
4.0
Pch (W)
Test Condition: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10 s
3.0
Channel Dissipation
2 Dr
2.0
1 Dr ive
1.0
Op
ive
er
Op
at
er
ion
at ion
0
0
50
100
150
200
Ambient Temperature
Normalized Transient Thermal Impedance s (t)
10
Ta (C)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
1
D=1 0.5
0.1
0.2 0.1
0.05
0.01
0.02 0.01
ls pu e
ch - f (t) = s (t) * ch - f ch - f = 125C/W, Ta = 25C When using the glass epoxy board (FR4 40 x 40 x 1.6 mm) PDM PW T 1m 10 m 100 m 1 10 100 1000 10000 D= PW T
0.001
1s
ho
t
0.0001 10
100
Pulse Width PW (S) Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
Normalized Transient Thermal Impedance s (t)
10
1
D=1 0.5
0.1
0.2 0.1
0.05
0.01
0.02 0.01
e uls
ch - f (t) = s (t) * ch - f ch - f = 166C/W, Ta = 25C When using the glass epoxy board (FR4 40 x 40 x 1.6 mm) PDM PW T 1m 10 m 100 m 1 10 100 1000 10000 D= PW T
0.001
1s
ho
tp
0.0001 10
100
Pulse Width PW (S)
Rev.10.00 Sep 07, 2005 page 8 of 9
HAT3010R
Package Dimensions
JEITA Package Code P-SOP8-3.95 x 4.9-1.27 RENESAS Code PRSP0008DD-D Package Name FP-8DAV MASS[Typ.] 0.085g
*1 D
F
8
5
*2 E HE
bp
Index mark
1
Z e
4
*3 bp xM
c
Terminal cross section (Ni/Pd/Au plating)
NOTE) 1. DIMENSIONS "*1(Nom)" AND "*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET.
Reference Symbol
Dimension in Millimeters Min Nom 4.90 3.95 Max 5.3
L1
D E A2 A1 A 0.10
0.14
0.25 1.75
A
bp b1
0.34
0.40
0.46
A1
c
0.15
0.20
0.25
L
c1 0 HE 5.80 6.10 1.27 0.25 0.1 0.75 0.40 0.60 1.08 1.27 8 6.20
y
Detail F
e x y Z L L1
Ordering Information
Part Name Quantity Shipping Container HAT3010R-EL-E 2500 pcs Taping Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.10.00 Sep 07, 2005 page 9 of 9
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of HAT3010R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X