Part Number Hot Search : 
AN201 EPF8116S 3JPXX JD44H11 US1AB K1V22 M5238 AS7C3
Product Description
Full Text Search
 

To Download GBPC50-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 50A Glass Passivated Bridge Rectifier GBPC50-005 - GBPC50-10
50A Glass Passivated Bridge Rectifier
Features
* Glass passivated chip junction * Low reverse leakage current * Low power loss; high efficiency * Electrically isolated epoxy case for Max. heat dissipation * This series is UL recognized under component index, File number E194718 * RoHS Compliant
GBPC35
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting Position Mounting Torque Weight: GBPC35, Molded plastic with heatsink, available in both low profile and standard case Plastic package has UL flammability classification 94V-0 Plated faston lugs or wire leads. As marked on case See note 2 23 cm-kg (20in.-lbs) Max. 21 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. RMS Voltage Max. DC blocking voltage Max. Average Forward Rectified Output Current Peak Forward Surge Current GBPC 50-005 50 35 50 GBPC 50-01 100 70 100 GBPC 50-02 200 140 200 GBPC 50-04 400 280 400 50.0 GBPC 50-06 600 420 600 GBPC 50-08 800 560 800 GBPC 50-10 1000 700 1000 Unit V V V A Conditions
VRRM VRMS VDC IF(AV)
Tc=50C, See Fig.1
8.3ms single half sine-wave superimposed on rated load (JEDEC method)
IFSM
450
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/DX 2007-06-03 Page 1 of 4
50A Glass Passivated Bridge Rectifier GBPC50-005 - GBPC50-10
VF
Max. Instantaneous Forward Voltage drop per leg Max. Reverse DC Current At Rated DC Blocking Voltage per leg Rating for Fusing (1msIF(AV)=25A
TC = 25C TC = 125C
IR It CJ RthJC
C / W Note 1
TJ,TSTG Storage Temperature
Range
-65 to +150
C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Mounted on 229 x 102 x 117mm Al. finned plate.
Typical Characteristics Curves
Fig.2-Max. Non-repetitive Peak Forward Surge Current Per Leg
Fig.1-Max. Output Rectified Current IFSM, Peak Forward Surge Current (A) IF, Average Forward Current (A)
Case Temperature (C)
Number of Cycles at 60Hz
Rev. A/DX 2007-06-03 www.taitroncomponents.com Page 2 of 4
50A Glass Passivated Bridge Rectifier GBPC50-005 - GBPC50-10
Fig.3-Typical Instantaneous Forward Characteristic Per Leg IR, Instantaneous Reverse current (A) VF, Instantaneous forward voltage (V) IF, Instantaneous Forward Current (A)
Fig.4-Typical Reverse Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance Per Leg
CJ, Junction Capacitance (pF)
Reverse Voltage (V) Rev. A/DX 2007-06-03 www.taitroncomponents.com Page 3 of 4
50A Glass Passivated Bridge Rectifier GBPC50-005 - GBPC50-10
Dimensions in inch (mm)
How to contact us
GBPC35
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-03 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GBPC50-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X