Part Number Hot Search : 
424J6 MA4AG 75A12E4 875331 PCA7755B SAM52701 3478M0 Q2NK60
Product Description
Full Text Search
 

To Download GBPC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0A Glass Passivated Bridge Rectifier GBPC1005 - GBPC110
3.0A Glass Passivated Bridge Rectifier
Features
* Glass passivated chip junction * High case dielectric strength 1500 VRMS * * * * Typical IR less than 0.1A High surge current capability Ideal for printed circuit boards High temperature soldering guaranteed: 260C/10 seconds 0.375" (9.5mm) lead length at 5lbs.(2.3kg) tension
GBPC1
* This series is UL recognized under component index, File number E194718 * RoHS compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting Torque: Weight: GBPC1, Molded plastic body over passivated juntions Plastic package has UL flammability classification 94V-0 Plated leads solderable per MIL-STD-750, Method 2026 As marked on case 8.8 in. - lbs. max. 0.1 ounce, 2.8 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbols Parameter Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current GBPC 1005 50 35 50 GBPC 101 100 70 100 GBPC 102 200 140 200 GBPC 104 400 280 400 3.0 GBPC 106 600 420 600 GBPC 108 800 560 800 GBPC 110 1000 700 1000 Unit V V V A TC=60 C Note 1 8.3ms Single Sine-wave Superimposed on Rated Load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV) IFSM
Peak Forward Surge Current
60
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2008-05-24 Page 1 of 4
3.0A Glass Passivated Bridge Rectifier GBPC1005 - GBPC110
Symbols Parameter Rating for Fusing (t<8.3ms) Maximum Instantaneous Forward Voltage Drop per leg Maximum DC Reverse Current at Rated DC Blocking Voltage per leg Typical Junction Capacitance per leg Typical Thermal Resistance per leg Operating Junction and Storage Temperature Range GBPC 1005 GBPC 101 GBPC 102 GBPC 104 15 1.0 5.0 A 500 21 12 C/W 8.0 -55 to +150 C Note 2 pF TA=125C VR=4V, f=1MHz GBPC 106 GBPC 108 GBPC 110 Unit Asec V IF=1.5A TA=25C Conditions
It VF IR CJ RJA RJC TJ,TSTG
Note: 1. Unit mounted on 4.0 x 4.0 x 0.11" thick (10.5 x 10.5 x 0.3cm) aluminum plate.
2. Bolt down on heat sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw.
Rating and Characteristic Curves
Fig.1- Derating Curve Output Rectified Current Average Forward Output Current (A) Peak Forward Surge Current (A) Fig.2-Maximum Non-Repetitive Peak Forward Surge Current per leg
Case Temperature (C)
Number of Cycles at 60 Hz Rev. A/AH 2008-05-23
www.taitroncomponents.com
Page 2 of 4
3.0A Glass Passivated Bridge Rectifier GBPC1005 - GBPC110
Fig.3-Typical Forward Characteristics per leg Fig.4-Typical Reverse Leakage Characteristics per leg
Instantaneous Forward Voltage (V)
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance per leg
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2008-05-23 www.taitroncomponents.com Page 3 of 4
3.0A Glass Passivated Bridge Rectifier GBPC1005 - GBPC110
Dimensions in inch (mm)
How to contact us
Case Style GBPC1
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2008-05-23 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GBPC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X