Part Number Hot Search : 
P16NB2 A2031 2N339 15KP17A A123J BZV55C33 133TQI 2SC1473A
Product Description
Full Text Search
 

To Download FSAL200QSCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
October 2007
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Features
Typical 6 Switch Connection Between Two Ports Minimal Propagation Delay Through the Switch Low ICC Zero Bounce in Flow-Through Mode Control Inputs Compatible with TTL Level Rail-to-Rail Signal Handling Route Communications Signals Include:
Description
The Fairchild Switch FSAL200 is a rail-to-rail quad 2:1 high-speed CMOS TTL-compatible analog multiplexer / de-multiplexer switch. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. When OE is low, the select pin connects the A Port to the selected B Port output. When OE is high, the switch is open and a high-impedance state exists between the two ports.
-
10/100 Ethernet 100VG--AnyLAN ATM25 SONET OCI 51.8Mbps USB1.1 T1/E1 Token Ring 4/16Mbps
Ordering Information
Part Number
FSAL200MTC FSAL200MTCX FSAL200QSC FSAL200QSCX
Package Description
16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide 16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Packing Method
Rails Tape and Reel Rails Tape and Reel
All packages are Pb-free per JEDEC standard J-SDD-020B.
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com
FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
Pin Configurations
Figure 1.
Analog Symbol
Figure 2. Connection Diagram
Control Input(s)
X Low High
OE
High Low Low
Function
Disconnected A=B1 A=B2
Pin Descriptions
Pin Names
OE S A, B1, B2
Function
Switch Enable Select Input Data Ports
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 2
FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VSW VIN IIK IOUT ICC/IGND PD TSTG TA Supply Voltage DC Switch Voltage DC Input Voltage
(1) (1)
Parameter
Min. -0.5 -0.5 -0.5
Max. 7.0 0.5 7.0 -50 120 100 0.5
Unit V V V mA mA mA W C C
DC Input Diode Current at (IIK) VIN < 0V DC Output Current DC VCC or Ground Current Power Dissipation at 85C Storage Temperature Range Ambient Temperature with Power Applied -65 -40
+150 +85
Note: 1. Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VCC VIN VSW VOUT TA tr,tf JA Supply Voltage Control Input Voltage Switch Input Voltage Output Voltage
Parameter
(2)
Min.
3.0 0
Max.
5.5 VCC VCC VCC
Unit
V V V V C ns/V C/W
Operating Temperature Input Rise and Fall Time Control Input VCC=2.3V -3.6V Control Input VCC=4.5V -5.5V
-40 0 0
+85 10 5
Thermal Resistance in Still Sir
Note: 2. Control input must be held HIGH or LOW and it must not float.
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 3
FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
DC Electrical Characteristics
Typical values are at 25C unless otherwise specified.
Symbol
Parameter
Conditions
VCC(V)
TA=-40C to +85C Min. Typ. Max.
Units
VIH VIL IOZ RON IIN ICC
Input Voltage High Input Voltage Low Off State Leakage Current Switch On Resistance
(3)
4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 0 VIN 5.5V ION=10 -30mA ION=10 -30mA VIN=VCC or GND VIN=VCC or GND VIN=VCC or GND, IOUT=0 0 to 5.5 4.5 to 5.5 3.0 to 3.6 5.5 3.6 5.5 VCC IA=-30 mA, VBN=3.15 IA=-10 mA, VBN=2.1 Bn, Bn, S-0V to 5V
(3)(5)
2.0 2.0 -0.5 -0.5 6 15 0.8 0.8 100 12 22 1 1 1 0 0.4 1.0 100 80 3 7 VCC 2.0 3.0
V V A A A V
Control Input Leakage Quiescent Supply Current, All Channels Off Analog Signal Range
RON
On Resistance Matching (3)(4) Between Channels Output Current On Resistance Flatness
4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6
IO RFLAT(ON)
m
A1, B1, B2=0V to 5V A1, B1, B2=0V to 5V
Notes: 3. Measured by the voltage drop between the A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the two (A or B ports). 4. RON = RON maximum - RON minimum measured at identical VCC, temperature, and voltage levels. 5. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified range of conditions.
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 4
FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
AC Electrical Characteristics
Typical values are at 25C unless otherwise specified.
Symbol
tON tOFF Q OIRR
Parameter
Turn-On Time Turn-Off Time Charge Injection Off Isolation
Conditions
VBn=3V VBn=1.5V VBn-3V VBn=1.5V CL=0.1nF,VGEN=0 RGEN=0 RL=100 ,f=30MHz RL=50, f=1MHz RL=100 ,f=30MHz RL=50, f=1MHz RL=100 RL=50 RL=100
VCC(V)
4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 5.0 3.3 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6
Min.
Typ.
10 28 5 4 7 3 -55 -75 -70 -75 137 110 2 3
Max.
20 40 10 20
Units
ns ns pC dB
Figure
Figure 3 Figure 4 Figure 3 Figure 4 Figure 5 Figure 6
Xtalk
Crosstalk -3db Bandwidth RON/RL
dB
Figure 7
BW D
MHz %
Figure 9 Figure 9
Notes: 6. Guaranteed by design. 7. Off Isolation =20 log10 [VA / VBn].
Capacitance
TA=+25C, f=1MHz. Capacitance is characterized, but not tested in production.
Symbol
CIN CIO-B CON
Parameter
Control Pin Input Capacitance B Port Off Capacitance A Port Off Capacitance Channel On Capacitance
Conditions
VCC=0V VCC=5.0V and 3.0V VCC=5.0V and 3.0V VCC=5.0V and 3.0V
Typ.
2.3 8 13 15
Units
pF pF pF
Figure
Figure 10 Figure 10 Figure 7
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 5
FSAL200 -- Wide Bandwidth Quad 2:! Analog Multiplexer / De-multiplexer Switch
AC Loadings and Waveforms
Figure 3. AC Waveforms
Figure 4. ton, toff Loading
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 6
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
AC Loadings and Waveforms (Continued)
Figure 5.
Charge Injection Test
Figure 6. Off Isolation
Figure 7. Channel On Capacitance
Figure 8. Crosstalk
Figure 9. Bandwidth
Figure 10.
Channel Off Capacitance
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 7
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Physical Dimensions
TOP VIEW
LAND PATTERN RECOMMENDATION
SIDE VIEW
END VIEW
DETAIL A
Figure 11.
16-lead, Quarter Size Outline Package (QSOP), JEDEC MO-137. 0.150" wide Click here for tape and reel specifications, available at: http://www.fairchildsemi.com/products/analog/pdf/qsop16_tr.pdf
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 8
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Physical Dimensions (Continued)
5.000.10 4.55 5.90 4.45 7.35
0.65
4.40.1
1.45
5.00 0.11
12
MTC16rev4
Figure 12.
16-lead, Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm wide Click here for tape and reel specifications, available at: http://www.fairchildsemi.com/products/analog/pdf/tssop16_tr.pdf
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 9
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
TRADEMARKS The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R)
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FPSTM FRFET(R) Global Power ResourceSM
Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PDP-SPMTM Power220(R)
Power247(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I31
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 10
FSAL200 -- Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
(c) 2002 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.1
www.fairchildsemi.com 11


▲Up To Search▲   

 
Price & Availability of FSAL200QSCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X