Part Number Hot Search : 
KA3843 BA6124 3N60LSD 91600 91600 1606FCT 91600 7D477
Product Description
Full Text Search
 

To Download FR201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0A Fast Recovery Rectifier
TF201 - TF207 FR201 - FR207
2.0A Fast Recovery Rectifier
Features
* * * * * Low forward voltage drop at 2A High current capability High reliability High forward surge current capability High temperature soldering guaranteed: 250C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS Compliance
DO-15
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: DO-15, molded plastic UL 94V-0 rate flame retardant Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Color band denotes cathode end 0.40 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description TF 201 FR 201 50 35 50 TF 202 FR 202 100 70 100 TF 203 FR 203 200 140 200 TF 204 FR 204 400 280 400 2.0 TF 205 FR 205 600 420 600 TF 206 FR 206 800 560 800 TF 207 FR 207 1000 700 1000 Unit Conditions
VRRM VRMS VDC IAV
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current
V V V A
Ta=55 C
8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
IFSM
60
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2008-04-29 Page 1 of 4
2.0A Fast Recovery Rectifier TF201 - TF207/FR201 -FR207
Symbol Description TF 201 FR 201 TF 202 FR 202 TF 203 FR 203 TF 204 FR 204 1.3 5.0 A 100 150 30 -55 to +125 C -55 to +150 250 500 nS pF TA=100 C IF=0.5A, IR=1A, Irr=0.25A VR=4V, f=1MHz TF 205 FR 205 TF 206 FR 206 TF 207 FR 207 Unit Conditions
VF
Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Operating Temperature range Storage Temperature Range
V
IF= 2.0 A
TA=25 C
IR
Trr CJ TJ TSTG
Typical Characteristics Curves
Fig.1-Max. Forward Current Derating Curve Fig.2-Max. Non-Repetitive Forward Surge Current Peak Forward Surge Current (A)
Average Forward Rectified Current
(A)
Ambient Temperature Ta (C)
Number of Cycles at 60Hz
Rev. B/AH 2008-04-29 www.taitroncomponents.com Page 2 of 4
2.0A Fast Recovery Rectifier TF201 - TF207/FR201 -FR207
Fig.3- Typical Forward Characteristics
Fig.4- Typical Junction Capacitance Junction Capacitance (pF)
Instantaneous Forward Current
(A)
Reverse Voltage (V)
Forward Voltage (V)
Dimensions in inches (mm)
DO-15
Rev. B/AH 2008-04-29 www.taitroncomponents.com Page 3 of 4
2.0A Fast Recovery Rectifier TF201 - TF207/FR201 -FR207
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/AH 2008-04-29 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of FR201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X