Part Number Hot Search : 
MMDF2P0 TEH7222 1N5227 K9F1208 2KBB05 MA3Z367 C324MS8 CMPTA14
Product Description
Full Text Search
 

To Download FR201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201 THRU FR207
2.0 AMPS. Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-15
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MILSTD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.40 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FR FR Type Number 201 202 Maximum Recurrent Peak Reverse Voltage 50 100 V RRM Maximum RMS Voltage 35 70 V RMS Maximum DC Blocking Voltage 50 100 V DC
Maximum Average Forward Rectified Current.375"(9.5mm) Lead Length @T A = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ T A=25 at Rated DC Blocking Voltage @ T A=100 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 )
FR 203
FR 204
FR 205
FR 206
FR 207
Units V V V A A V uA uA nS pF
O
200 140 200
400 280 400 2.0 60 1.2 5.0 100
600 420 600
800 1000 560 700 800 1000
I(AV) IFSM VF IR Trr Cj R JA R JL R JC TJ
150
Operating Temperature Range Storage Temperature Range
T STG Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
250 30 60 18 5 -65 to +150 -65 to +150
500
C/W

- 406 -
RATINGS AND CHARACTERISTIC CURVES (FR201 THRU FR207)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
2.0 70
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
60
1.5
50 40 30 20 10 0
8.3ms Single Half Sine Wave JEDEC Method
1.0
.5
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
0 25 50 75 100
o
0 125 150 175 AMBIENT TEMPERATURE. ( C)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
20 10 100
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
INSTANTANEOUS FORWARD CURRENT. (A)
60
3.0
40
1.0
Tj=25 0C
20
0.3
0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
10 1 2 4 6 10 20 40 60 100 REVERSE VOLTAGE. (V)
.03
.01 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 FORWARD VOLTAGE. (V)
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
- 407 -


▲Up To Search▲   

 
Price & Availability of FR201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X