Part Number Hot Search : 
AQW212 B39881 BD157 GF32C3 BD157 IRHM9150 SPN4972B IR1169S
Product Description
Full Text Search
 

To Download FDP090N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDP090N10 N-Channel PowerTrench(R) MOSFET
January 2008
FDP090N10
100V, 75A, 9m Features
N-Channel PowerTrench MOSFET
General Description
This N-Channel MOSFET is producedusing Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.
(R)
tm
* RDS(on) = 7.2m ( Typ.) @ VGS = 10V, ID = 75A * Fast switching speed * Low gate charge * High performance trench technology for extremely low RDS(on) * High power and current handling capability * RoHS compliant
Application
* DC to DC convertors / Synchronous Rectification
D
G G DS
TO-220
S
MOSFET Maximum Ratings TC = 25oC unless otherwise noted*
Symbol VDSS VGSS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Drain Current Single Pulsed Avalanche Energy Avalance Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25oC) - Derate above 25oC -Continuous (TC = 85oC) - Pulsed (Note 1) (Note 2) (Note 1) (Note 1) (Note 3) Ratings 100 20 75 300 309 75 20.8 5.6 208 1.39 -55 to +175 300 Units V V A A mJ A mJ V/ns W W/oC
oC oC
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol RJC RCS RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Case to Sink Typ. Thermal Resistance, Junction to Ambient Ratings 0.72 0.5 62.5
oC/W
Units
(c)2008 Fairchild Semiconductor Corporation FDP090N10 Rev. A
1
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Package Marking and Ordering Information TC = 25oC unless otherwise noted
Device Marking FDP090N10 Device FDP090N10 Package TO-220 Reel Size Tape Width Quantity 50
Electrical Characteristics
Symbol Parameter Test Conditions Min. Typ. Max. Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 250A, VGS = 0V, TC = 25oC ID = 250A, Referenced to 25oC VDS = 100V, VGS = 0V VDS = 100V, VGS = 0V, TC = 150oC VGS = 20V, VDS = 0V 100 0.1 1 500 100 V V/oC A nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 75A VDS = 10V, ID = 37.5A
(Note 4)
2.5 -
3.5 7.2 100
4.5 9 -
V m S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, VGS = 0V f = 1MHz 6185 585 235 8225 775 355 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(tot) Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = 50V, ID = 75A VGS = 10V
(Note 4, 5)
VDD = 50V, ID = 75A VGS = 10V, RGEN = 25
(Note 4, 5)
107 322 166 149 89 37 22
224 655 342 309 116 -
ns ns ns ns nC nC nC
-
Drain-Source Diode Characteristics
IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 75A VGS = 0V, ISD = 75A dIF/dt = 100A/s
(Note 4)
-
73 166
75 300 1.25 -
A A V ns nC
Notes: 1: Repetitive Rating: Pulse width limited by maximum junction temperature 2: L = 0.11mH, IAS = 75A, VDD = 50V, RG = 25, Starting TJ = 25C 3: ISD 75A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4: Pulse Test: Pulse width 300s, Duty Cycle 2% 5: Essentially Independent of Operating Temperature Typical Characteristics
FDP090N10 Rev. A
2
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
500
VGS = 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V
Figure 2. Transfer Characteristics
500
ID,Drain Current[A]
ID,Drain Current[A]
100
150 C -55 C 25 C
o o
o
100
10
*Notes: 1. VDS = 20V 2. 250s Pulse Test
*Notes: 1. 250s Pulse Test
10 70.2
2. TC = 25 C
o
2
5
1 VDS,Drain-Source Voltage[V]
4
5 6 7 VGS,Gate-Source Voltage[V]
8
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
0.020
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
500
RDS(ON) [], Drain-Source On-Resistance
0.015
IS, Reverse Drain Current [A]
100
150 C 25 C
o o
0.010
VGS = 10V
VGS = 20V
0.005
10
*Notes: 1. VGS = 0V
0.000 0
*Note: TC = 25 C
o
100 200 300 ID, Drain Current [A]
400
3 0.0
2. 250s Pulse Test
0.5 1.0 VSD, Body Diode Forward Voltage [V]
1.5
Figure 5. Capacitance Characteristics
9000 7500 Capacitances [pF] 6000 4500
Coss *Note: 1. VGS = 0V 2. f = 1MHz Ciss
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
10
VGS, Gate-Source Voltage [V]
VDS = 25V VDS = 50V VDS = 80V
8
6
4
3000 1500 0 0.1
Crss
2
*Note: ID = 75A
0
1 10 VDS, Drain-Source Voltage [V] 30
0
20 40 60 80 Qg, Total Gate Charge [nC]
100
FDP090N10 Rev. A
3
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
Figure 8. On-Resistance Variation vs. Temperature
3.0 RDS(on), [Normalized] Drain-Source On-Resistance 2.5 2.0 1.5 1.0 0.5 0.0 -100
*Notes: 1. VGS = 10V 2. ID = 75A
BVDSS, [Normalized] Drain-Source Breakdown Voltage
1.1
1.0
0.9
*Notes: 1. VGS = 0V 2. ID = 250A
0.8 -100
-50 0 50 100 150 o TJ, Junction Temperature [ C]
200
-50 0 50 100 150 o TJ, Junction Temperature [ C]
200
Figure 9. Maximum Safe Operating Area
500
20s
Figure 10. Maximum Drain Current vs. Case Temperature
120 100 ID, Drain Current [A] 80 60
Limited by package
ID, Drain Current [A]
100
100s
1ms
10
Operation in This Area is Limited by R DS(on)
10ms DC
40 20 0 25
1
*Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.1 1
10 100 VDS, Drain-Source Voltage [V]
200
50 75 100 125 o TC, Case Temperature [ C]
150
Figure 11. Transient Thermal Response Curve
1
Thermal Response [ZJC]
0.5 0.2
0.1
0.1 0.05 0.02 0.01
PDM t1 t2
0.01
Single pulse
*Notes: 1. ZJC(t) = 0.72 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
o
0.001 -5 10
10
-4
10 10 10 Rectangular Pulse Duration [sec]
-3
-2
-1
10
0
10
1
FDP090N10 Rev. A
4
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FDP090N10 Rev. A
5
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
I SD L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * ISD controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
I SD ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
VSD
VDD
Body Diode Forward Voltage Drop
FDP090N10 Rev. A
6
www.fairchildsemi.com
FDP090N10 N-Channel PowerTrench(R) MOSFET
Mechanical Dimensions
TO-220
FDP090N10 Rev. A
7
www.fairchildsemi.com
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EZSWITCHTM * TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
FPSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PDP-SPMTM Power220(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SupreMOSTM SyncFETTM
(R)
The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I33
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
(c) 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDP090N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X