Part Number Hot Search : 
7N60C PD4IOR BC868 PN4119A TUF206 0F201 AO4709L A0510
Product Description
Full Text Search
 

To Download EMRC100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
EMRC100M
8.89mmx8.89mm LED LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA. LOW CURRENT OPERATION. EASILY MOUNTED ON P.C. BOARDS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MR (GaAlAs) 1.85 2.5 10 Unit V V uA
P
660
nm
D
640
nm
260C For 3~5 Seconds
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 198
Wavelength nm P
EMRC100M
Red
GaAlAs
White Diffused
50
660
Published Date : MAR 17,2008
Drawing No :SDSA3863
V3
Checked : Shin Chi
P.1/4
Part Number:
www.SunLED.com
EMRC100M
8.89mmx8.89mm LED LIGHT BAR
MR
Published Date : MAR 17,2008
Drawing No :SDSA3863
V3
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
EMRC100M
8.89mmx8.89mm LED LIGHT BAR
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 17,2008
Drawing No :SDSA3863
V3
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
EMRC100M
8.89mmx8.89mm LED LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EMRC100M
Published Date : MAR 17,2008
Drawing No :SDSA3863
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of EMRC100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X