Part Number Hot Search : 
1M250 N1A30209 PIC16C RK410 1N4104C 2R350A PIC16C 30001
Product Description
Full Text Search
 

To Download DP80390XP03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DP80390XP
Pipelined High Performance 8-bit Microcontroller ver 3.10
OVERVIEW
DP80390XP is an ultra high performance, speed optimized soft core of a singlechip 8-bit embedded controller dedicated for operation with fast (typically on-chip) and slow (off-chip) memories. The core has been designed with a special concern about performance to power consumption ratio. This ratio is extended by an advanced power management unit PMU. DP80390XP soft core is 100% binarycompatible with the industry standard 80390 & 8051 8-bit microcontroller. There are two configurations of DP80390XP: Harward where internal data and program buses are separated, and von Neumann with common program and external data bus. DP80390XP has Pipelined RISC architecture 10 times faster compared to standard architecture and executes 85-200 million instructions per second. This performance can also be exploited to great advantage in low power applications where the core can be clocked over ten times more slowly than the original implementation for no performance penalty. DP80390XP is fully customizable, which means it is delivered in the exact configuration to meet users' requirements. There is no need to pay extra for not used features and wasted silicon. It includes fully automated testbench with complete set of tests allowing easy package validation at each stage of SoC design flow.
All trademarks mentioned in this document are trademarks of their respective owners.
CPU FEATURES

100% software compatible with industry standard 80390 & 8051
LARGE mode - 8051 instruction set FLAT mode - 80390 instruction set
Pipelined RISC architecture enables to execute instructions 10 times faster compared to standard 8051 24 times faster multiplication 12 times faster addition 2 Data Pointers (DPTR) for faster memory blocks copying


Advanced INC & DEC modes Auto-switch of current DPTR


Up to 256 bytes of internal (on-chip) Data Memory Up to 16M bytes of linear Program Memory
64 kB of internal (on-chip) Program Memory 16 MB external (off-chip) Program Memory

Up to 16M bytes of external (off-chip) Data Memory User programmable Program Memory Wait States solution for wide range of memories speed
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
User programmable External Data Memory Wait States solution for wide range of memories speed De-multiplexed Address/Data bus to allow easy connection to memory Dedicated signal for Program Memory writes. Interface for additional Special Function Registers Fully synthesizable, static synchronous design with positive edge clocking and no internal tri-states Scan test ready
2.0 GHz virtual clock frequency in a 0.35u technological process
Stop mode

Extended Interrupt Controller
2 priority levels Up to 7 external interrupt sources Up to 8 interrupt sources from peripherals


Four 8-bit I/O Ports
Bit addressable data direction for each line Read/write of single line and 8-bit group

Three 16-bit timer/counters
Timers clocked by internal source Auto reload 8/16-bit timers Externally gated event counters


Full-duplex serial port
Synchronous mode, fixed baud rate 8-bit asynchronous mode, fixed baud rate 9-bit asynchronous mode, fixed baud rate 9-bit asynchronous mode, variable baud rate
PERIPHERALS
DoCDTM debug unit
Processor execution control
Run Halt Step into instruction Skip instruction

I2C bus controller - Master
7-bit and 10-bit addressing modes NORMAL, FAST, HIGH speeds Multi-master systems supported Clock arbitration and synchronization User defined timings on I2C lines Wide range of system clock frequencies Interrupt generation
Read-write all processor contents
Program Counter (PC) Program Memory Internal (direct) Data Memory Special Function Registers (SFRs) External Data Memory
Hardware execution breakpoints
Program Memory Internal (direct) Data Memory Special Function Registers (SFRs) External Data Memory

I2C bus controller - Slave
NORMAL speed 100 kbs FAST speed 400 kbs HIGH speed 3400 kbs Wide range of system clock frequencies User defined data setup time on I2C lines Interrupt generation
Hardware breakpoints activated at a certain
Program address (PC) Address by any write into memory Address by any read from memory Address by write into memory a required data Address by read from memory a required data
SPI - Master and Slave Serial Peripheral Interface
Supports speeds up 1/4 of system clock
Mode fault error Write collision error
Three wire communication interface

Power Management Unit
Power management mode Switchback feature
Four transfer formats supported System errors detection Allows operation from a wide range of system clock frequencies (build-in 5-bit timer)
http://www.DigitalCoreDesign.com http://www.dcd.pl
All trademarks mentioned in this document are trademarks of their respective owners.
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
Interrupt generation


Programmable Watchdog Timer 16-bit Compare/Capture Unit
Events capturing Pulses generation Digital signals generation Gated timers Sophisticated comparator Pulse width modulation Pulse width measuring
There is no need to change any parts of the code.
* Internal Program Memory * * * * Internal Program ROM Memory size Internal Program RAM Memory size Internal Program Memory fixed size Second Data Pointer (DPTR1) - synchronous - asynchronous 0 - 64kB 0 - 64kB - true - false - used - unused - used - unused - used - unused - used - unused subroutines location

Fixed-Point arithmetic coprocessor
Multiplication - 16bit * 16bit Division - 32bit / 16bit Division - 16bit / 16bit Left and right shifting - 1 to 31 bits Normalization
* DPTR0 decrement * DPTR1 decrement * Data Pointers auto-switch * Interrupts * Timing access protection * Power Management Mode * Stop mode * DoCD debug unit

Floating-Point arithmetic coprocessor IEEE-754 standard single precision
FADD, FSUB - addition, subtraction FMUL, FDIV- multiplication, division FSQRT- square root FUCOM - compare FCHS - change sign FABS - absolute value
- used - unused - used - unused - used - unused - used - unused
Floating-Point math coprocessor - IEEE754 standard single precision real, word and short integers

FADD, FSUB- addition, subtraction FMUL, FDIV- multiplication, division FSQRT- square root FUCOM- compare FCHS - change sign FABS - absolute value FSIN, FCOS- sine, cosine FTAN, FATAN- tangent, arcs tangent
Besides mentioned above parameters all available peripherals and external interrupts can be excluded from the core by changing appropriate constants in package file.
DELIVERABLES
Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environment Active-HDL automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application
http://www.DigitalCoreDesign.com http://www.dcd.pl
CONFIGURATION
The following parameters of the DP80390XP core can be easy adjusted to requirements of dedicated application and technology. Configuration of the core can be prepared by effortless changing appropriate constants in package file.
All trademarks mentioned in this document are trademarks of their respective owners.
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
Technical support IP Core implementation support 3 months maintenance

Delivery the IP Core updates, minor and major versions changes Delivery the documentation updates Phone & email support
External Program Memory can be implemented as ROM or RAM located in address range between ROMsize / 16 MB excluding area occupied by RAMsize. INTERNAL DATA MEMORY: The DP80390XP can address Internal Data Memory of up to 256 bytes The Internal Data Memory can be implemented as Single-Port synchronous RAM. EXTERNAL DATA MEMORY: The DP80390XP soft core can address up to 16 MB of External Data Memory. Extra DPX (Data Pointer eXtended) register is used for segments swapping. USER SPECIAL FUNCTION REGISTERS: Up to 60 External (user) Special Function Registers (ESFRs) may be added to the DP80390XP design. ESFRs are memory mapped into Direct Memory between addresses 80 hex and FF hex in the same manner as core SFRs and may occupy any address that is not occupied by a core SFR. WAIT STATES SUPPORT: The DP80390XP soft core is dedicated for operation with wide range of Program and Data memories. Slow Program and External Data memory may assert a memory Wait signal to hold up CPU activity.
LICENSING
Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows use IP Core in single FPGA bitstream and ASIC implementation. Unlimited Designs, One Year licenses allow use IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time restriction except One Year license where time of use is limited to 12 months.

Single Design license for
VHDL, Verilog source code called HDL Source Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only

Unlimited Designs license for
HDL Source Netlist

Upgrade from
HDL Source to Netlist Single Design to Unlimited Designs
DESIGN FEATURES
PROGRAM MEMORY: The DP80390 soft core is dedicated for operation with Internal and External Program Memory. It maximal linear size is equal to 16 MB. Internal Program Memory can be implemented as:
ROM located in address range between
0000h / (ROMsize-1)
RAM located in address range between
(64kB-RAMsize) / FFFFh
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
SYMBOL
clk reset ramdatai(7:0)
BLOCK DIAGRAM
clk reset
Opcode Decoder
sfrdatai(7:0)
ramdatao(7:0) ramaddr(7:0) ramoe ramwe sfrdatao(7:0) sfraddr(7:0) sfroe sfrwe prgdatao(7:0) prgaddr(15:0) prgramwr xdatao(7:0) xaddr(23:0) xdataz xdatard xdatawr xprgrd xprgwr
ALU
prgromdatai(7:0) prgramdatai(7:0) xdatai(7:0) ready iprgromsize(2:0) iprgramsize(2:0)
prgromdatai(7:0) prgramdatai(7:0) prgdatao(7:0) prgaddr(15:0) prgramwr xdatai(7:0) xdatao(7:0) xramaddr(23:0) xramdataz xdatard xdatawr xprgrd xprgwr ready ramdatai(7:0) ramdatao(7:0) ramaddr(7:0) ramoe ramwe sfrdatai(7:0) sfrdatao(7:0) sfraddr(7:0) sfroe sfrwe docddatai docddatao docdclk
Program Memory Interface
Control Unit
iprgromsize(2:0) iprgramsize(2:0)
External Memory Interface
Interrupt Controller
int0 int1 int2 int3 int4 int5 int6 port0i(7:0) port1i(7:0) port2i(7:0) port3i(7:0) port0o(7:0) port1o(7:0) port2o(7:0) port3o(7:0)
Internal Data Memory Interface I/O Ports User SFR Interface
int0 int1 int2 int3 int4 int5 int6 docddatai docddatao docdclk stop pmm port0o(7:0) port1o(7:0) port2o(7:0) port3o(7:0)
DoCDTM Debug Unit
Power Management Unit
stop pmm
port0i(7:0) port1i(7:0) port2i(7:0) port3i(7:0) t0 gate0 t1 gate1 t2 t2ex capture0 capture1 capture2 capture3 rxd0i rxd1i mscli msdai sscli ssdai ss si mi scki
Floating Point Unit
Multiply Divide Unit
t2 t2ex
Timers 0 & 1 Timer 2
t0 gate0 t1 gate1
capture0 capture1 capture2 capture3 rxd1o rxd1i txd1
Compare Capture Unit
Watchdog Timer
UART 0 UART 1
rxd0o rxd0i txd0 so si mo mi scko scki sckz ss sso(7:0)
rxd0o txd0 rxd1o txd1 msclhs msclo msdao ssclo ssdao sso(7:0) so mo scko sckz
msclhs mscli msclo msdai msdao sscli ssclo ssdai ssdao
Master I2C Unit
SPI Unit
Slave I2C Unit
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
PINS DESCRIPTION
PIN
clk reset port0i[7:0] port1i[7:0] port2i[7:0] port3i[7:0] iprgramsize[2:0] iprgromsize[2:0] prgramdata[7:0] prgromdata[7:0] xdatai[7:0] ready ramdatai[7:0] sfrdatai[7:0] int0 int1 int2 int3 int4 int5 int6 t0 t1 t2 gate0 gate1 t2ex capture0 capture1 capture2 capture3 rxdi0 rxdi1 mscli msdai sscli ssdai ss si mi scki docddatai port0o[7:0] port1o[7:0] port2o[7:0] port3o[7:0] prgaddr[15:0]
prgdatao[7:0] prgramwr xaddr[23:0] xdatao[7:0] xdataz xprgrd xprgwr xramrd xramwr ramaddr[7:0] ramdatao[7:0] ramoe ramwe sfraddr[6:0] sfrdatao[7:0] sfroe sfrwe docddatao docdclk pmm stop rxd0o rxd1o txd0 txd1 msclo msclhs msdao msclo msdao sso[7:0] so mo scko sckz
output Data bus for internal program memory output Internal program memory write output Address bus for external memories output Data bus for external memories output Turn xdata bus into `Z' state output External program memory read output External program memory write output External data memory read output External data memory write output Internal Data Memory address bus output Data bus for internal data memory output Internal data memory output enable output Internal data memory write enable output Address bus for user SFR's output Data bus for user SFR's output User SFR's read enable output User SFR's write enable output DoCDTM data output output DoCDTM clock line output Power management mode indicator output Stop mode indicator output Serial receiver output 0 output Serial receiver output 1 output Serial transmitter output 0 output Serial transmitter output 1 output Master I2C clock output output High speed Master I2C clock line output Master I2C data output output Slave I2C clock output output Slave I2C data output output SPI slave select lines output SPI slave output output SPI master output output SPI clock output output SPI clock line tri-state buffer control
TYPE
input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input input
DESCRIPTION
Global clock Global reset Port 0 input Port 1 input Port 2 input Port 3 input Size of on-chip RAM CODE Size of on-chip ROM CODE Data bus from int. RAM prog. memory Data bus from int. ROM prog. memory Data bus from external memories External memory data ready Data bus from internal data memory Data bus from user SFR's External interrupt 0 External interrupt 1 External interrupt 2 External interrupt 3 External interrupt 4 External interrupt 5 External interrupt 6 Timer 0 input Timer 1 input Timer 2 input Timer 0 gate input Timer 1 gate input Timer 2 gate input Timer 2 capture 0 line Timer 2 capture 1 line Timer 2 capture 2 line Timer 2 capture 3 line Serial receiver input 0 Serial receiver input 1 Master I2C clock line input Master I2C data input Slave I2C clock line input Slave I2C data input SPI slave select SPI slave input SPI master input SPI clock input DoCDTM data input
UNITS SUMMARY
ALU - Arithmetic Logic Unit performs the arithmetic and logic operations during execution of an instruction. It contains accumulator (ACC), Program Status Word (PSW), (B) registers and related logic such as arithmetic unit, logic unit, multiplier and divider. Opcode Decoder - Performs an instruction opcode decoding and the control functions for all other blocks. Control Unit - Performs the core synchronization and data flow control. This module is directly connected to Opcode Decoder and manages execution of all microcontroller tasks.
http://www.DigitalCoreDesign.com http://www.dcd.pl
output Port 0 output output Port 1 output output Port 2 output output Port 3 output output Internal program memory address bus
All trademarks mentioned in this document are trademarks of their respective owners.
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
Program Memory Interface - Contains Program Counter (PC) and related logic. It performs the instructions code fetching. Program Memory can be also written. This feature allows usage of a small boot loader loading new program into ROM, RAM, EPROM or FLASH EEPROM storage via UART, SPI, I2C or DoCDTM module. External Memory Interface - Contains memory access related registers such as Data Page High (DPH), Data Page Low (DPL) and Data Pointer eXtended (DPX) registers. It performs the external Program and Data Memory addressing and data transfers. Program fetch cycle length can be programmed by user. This feature is called Program Memory Wait States, and allows core to work with different speed program memories. Internal Data Memory Interface - Internal Data Memory interface controls access into the internal 256 bytes memory. It contains 8-bit Stack Pointer (SP) register and related logic. User SFRs Interface - Special Function Registers interface controls access to the special registers. It contains standard and used defined registers and related logic. User defined external devices can be quickly accessed (read, written, modified) using all direct addressing mode instructions. Interrupt Controller - Interrupt control module is responsible for the interrupt manage system for the external and internal interrupt sources. It contains interrupt related registers such as Interrupt Enable (IE), Interrupt Priority (IP), Extended Interrupt Enable (EIE), Extended Interrupt priority (EIP) and (TCON) registers. I/O Ports - Block contains 8051's general purpose I/O ports. Each of port's pin can be read/write as a single bit or as an 8-bit bus called P0, P1, P2, P3. Power Management Unit - Block contains advanced power saving mechanisms with switchback feature, allowing external clock control logic to stop clocking (Stop mode) or run core in lower clock frequency (Power Management Mode) to significantly reduce power consumption. Switchback feature allows UARTs, and interrupts to be processed in full speed mode if enabled. It is very desired when microcontroller is planned to use in portable and power critical applications.
DoCDTM Debug Unit - it's a real-time hardware debugger provides debugging capability of a whole SoC system. In contrast to other onchip debuggers DoCDTM provides non-intrusive debugging of running application. It can halt, run, step into or skip an instruction, read/write any contents of microcontroller including all registers, internal, external, program memories, all SFRs including user defined peripherals. Hardware breakpoints can be set and controlled on program memory, internal and external data memories, as well as on SFRs. Hardware breakpoint is executed if any write/read occurred at particular address with certain data pattern or without pattern. The DoCDTM system includes three-wire interface and complete set of tools to communicate and work with core in real time debugging. It is built as scalable unit and some features can be turned off to save silicon and reduce power consumption. A special care on power consumption has been taken, and when debugger is not used it is automatically switched in power save mode. Finally whole debugger is turned off when debug option is no longer used. Floating Point Unit - Block contains floating point arithmetic IEEE-754 compliant instructions (C float, int, long int types supported). It is used to execute single precision floating point operations such as: addition, subtraction, multiplication, division, square root, comparison absolute value of number and change of sign. Basing on specialized CORDIC algorithm a full set of trigonometric operations are also allowed: sine, cosine, tangent, arctangent. It also has built-in integer to floating point and vice versa conversion instructions. FPU supports single precision real numbers, 16-bit and 32-bit signed integers. This unit has included standard software interface allows easy usage and interfacing with user C/ASM written programs. Multiply Divide Unit - It's a fixed point fast 16-bit and 32-bit multiplication and division unit. It provides shift and normalize operations, additionally. All operations are performed using unsigned integer numbers. The MDU contains MD0 to MD5 operands, the result registers and one control register called ARCON. This unit has included standard software interface allows easy usage and interfacing with user C/ASM written programs. Timers - System timers module. Contains two 16 bits configurable timers: Timer 0 (TH0,
http://www.DigitalCoreDesign.com http://www.dcd.pl
All trademarks mentioned in this document are trademarks of their respective owners.
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
TL0), Timer 1 (TH1, TL1) and Timers Mode (TMOD) registers. In the timer mode, timer registers are incremented every 12 CLK periods when appropriate timer is enabled. In the counter mode the timer registers are incremented every falling transition on their corresponding input pins (T0, T1), if gates are opened (GATE0, GATE1). T0, T1 input pins are sampled every CLK period. It can be used as clock source for UARTs. Timer 2 - Second system timer module contains one 16-bit configurable timer: Timer 2 (TH2, TL2), capture registers (RLDH, RLDL) and Timer 2 Mode (T2MOD) register. It can work as a 16-bit timer / counter, 16-bit autoreload timer / counter. It also supports compare capture unit if it's presented in system. It can be used as clock source for UART0. Compare Capture Unit - The compare / capture / reload unit is one of the most powerful peripheral units of the core. It can be used for all kinds of digital signal generation and event capturing such as pulse generation, pulse width modulation, measurements etc. Watchdog Timer - The watchdog timer is a 27-bit counter which is incremented every system clock periods (CLK pin). It performs system protection against software upsets. UART0 - Universal Asynchronous Receiver & Transmitter module is full duplex, meaning it can transmit and receive concurrently. Includes Serial Configuration register (SCON), serial receiver and transmitter buffer (SBUF) registers. Its receiver is double-buffered, meaning it can commence reception of a second byte before a previously received byte has been read from the receive register. Writing to SBUF0 loads the transmit register, and reading SBUF0 reads a physically separate receive register. Works in 3 asynchronous and 1 synchronous modes. UART0 can be synchronized by Timer 1 or Timer 2. UART1 - Universal Asynchronous Receiver & Transmitter module is full duplex, meaning it can transmit and receive concurrently. Includes Serial Configuration register (SCON1), serial receiver and transmitter buffer (SBUF1) registers. Its receiver is double-buffered, meaning it can commence reception of a second byte before a previously received byte has been read from the receive register. Writing to SBUF1 loads the transmit register, and reading SBUF1 reads a physically separate receive
All trademarks mentioned in this document are trademarks of their respective owners.
register. Works in 3 asynchronous and 1 synchronous modes. UART1 is synchronized by Timer 1. Master I2C Unit - I2C bus controller is a Master module. The core incorporates all features required by I2C specification. Supports both 7bit and 10-bit addressing modes on the I2C bus. It works as a master transmitter and receiver. It can be programmed to operate with arbitration and clock synchronization to allow it operate in multi-master systems. Built-in timer allows operation from a wide range of the input frequencies. The timer allows to achieve any non-standard clock frequency. The I2C controller supports all transmission modes: Standard, Fast and High Speed up to 3400 kbs. Slave I2C Unit - I2C bus controller is a Slave module. The core incorporates all features required by I2C specification. It works as a slave transmitter/receiver depending on working mode determined by a master device. The I2C controller supports all transmission modes: Standard, Fast and High Speed up to 3400 kbs. SPI Unit - it's a fully configurable master/slave Serial Peripheral Interface, which allows user to configure polarity and phase of serial clock signal SCK. It allows the microcontroller to communicate with serial peripheral devices. It is also capable of interprocessor communications in a multi-master system. A serial clock line (SCK) synchronizes shifting and sampling of the information on the two independent serial data lines. SPI data are simultaneously transmitted and received. SPI system is flexible enough to interface directly with numerous standard product peripherals from several manufacturers. Data rates as high as CLK/4. Clock control logic allows a selection of clock polarity and a choice of two fundamentally different clocking protocols to accommodate most available synchronous serial peripheral devices. When the SPI is configured as a master, software selects one of four different bit rates for the serial clock. SPI automatically drives slave select outputs SSO[7:0], and address SPI slave device to exchange serially shifted data. Error-detection logic is included to support interprocessor communications. A writecollision detector indicates when an attempt is made to write data to the serial shift register while a transfer is in progress. A multiplemaster mode-fault detector automatically disables SPI output drivers if more than one SPI
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
devices simultaneously attempts to become bus master.
PROGRAM CODE SPACE IMPLEMENTATION
The figure below shows an example Program Memory space implementation in systems with DP80390XP Microcontroller core. The On-chip Program Memory located in address space between 0kB and 1kB is typically used for BOOT code with system initialization functions. This part of the code is typically implemented as ROM. The On-chip Program Memory located in address space between 60kB and 64kB is typically used for timing critical part of the code e.g. interrupt subroutines, arithmetic functions etc. This part of the code is typically implemented as RAM and can be loaded by the BOOT code during initialization phase from Off-chip memory or through RS232 interface from external device. From the two mentioned above spaces program code is executed without wait-states and can achieve a top performance up to 200 million instructions per second (many instructions executed in one clock cycle). The Off-chip Program Memory located in address space between 1kB and 60kB, and above 64 kB is typically used for main code and constants. This part of the code is usually implemented as ROM, SRAM or FLASH device. Because of relatively long access time the program code executed from mentioned above devices must be fetched with additional Wait-States. Number of required Wait-States depends on memory access time and DP80390XP clock frequency. In most cases the proper number of Wait-States cycles is between 2-5. The READY pin can be also dynamically modulated e.g. by SDRAM controller.
0xFFFFFF
The figure below shows a typical Program Memories connections in system with DP80390XP Microcontroller core.
prgramdatai prgdatao prgramwr prgaddr 10 prgromdata i 8 ASIC or FPGA chip 8 Off-chip Memory 24
(implemented as FLASH, or SRAM) eg. 2-5 Wait-State access
8 8 12 On-chip Memory
(implemented as RAM) 0 Wait-State access
On-chip Memory
(implemented as ROM) 0 Wait-State access
DP80390XP
xdatai xdatao xaddr xprgrd xprgwr
ready
Wait-States manager
The described above implementation should be treated as an example. All Program Memory spaces are fully configurable. For timing-critical applications whole program code can be implemented as on-chip ROM and (or) RAM and executed without Wait-States, but for some other applications whole program code can be implemented as off-chip ROM or FLASH and executed with required number Wait-State cycles.
Off chip Memory
(implemented as ROM, SRAM or FLASH)
0x00FFFF 0x00F000
On chip Memory
(implemented as RAM)
Off chip Memory
(implemented as ROM, SRAM or FLASH)
0x000400 0x000000
On-chip Memory
(implemented as ROM)
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
PERFORMANCE
The following tables give a survey about the Core area and performance in ASICs Devices (CPU features and peripherals have been included):
Device 0.25u typical 0.25u typical Optimization area speed Fmax 100 MHz 200 MHz
45000 40000 35000 30000 25000 20000 15000 10000 5000 0 80C51 (12MHz) DP80390XP (200MHz) 268 1550
41850
Core performance in ASIC devices
For a user the most important is application speed improvement. The most commonly used arithmetic functions and theirs improvement are shown in table below. Improvement was computed as {80C51 clock periods} divided by {DP80390XP clock periods} required to execute an identical function. More details are available in core documentation.
Function 8-bit addition (immediate data) 8-bit addition (direct addressing) 8-bit addition (indirect addressing) 8-bit addition (register addressing) 8-bit subtraction (immediate data) 8-bit subtraction (direct addressing) 8-bit subtraction (indirect addressing) 8-bit subtraction (register addressing) 8-bit multiplication 8-bit division 16-bit addition 16-bit subtraction 16-bit multiplication 32-bit addition 32-bit subtraction 32-bit multiplication Average speed improvement: Improvement 9,00 9,00 9,00 12,00 9,00 9,00 9,00 12,00 16,00 9,60 12,00 12,00 13,60 12,00 12,00 12,60 11,12
80C310 (33MHz)
Area utilized by the each unit of DP80390XP core in vendor specific technologies is summarized in table below.
Component CPU*
DPTR1 register DPTR0 decrement DPTR1 decrement DPTR0 & DPTR1 auto-switch Timed Access protection
Area
[Gates] [FFs]
6500
300 100 100 50 100
310
32 8 10
Interrupt Controller
INT2-INT6
500
350
40
25
Dhrystone Benchmark Version 2.1 was used to measure Core performance. The following table gives a survey about the DP80390XP performance in terms of Dhrystone/sec and VAX MIPS rating.
Device 80C51 80C310 DP80390XP Target 0.25u Clock Dhry/sec frequency (VAX MIPS) 12 MHz 268 (0.153) 33 MHz 1550 (0.882) 200 MHz 41850 (23,800)
Power Management Unit I/O ports Timers Timer 2 UART0 UART1 Master I2C Unit Slave I2C Unit SPI Unit Compare Capture Unit Watchdog Timer Multiply Divide Unit Total area
50 400 600 600 700 700 900 550 450 550 400 1700 15600
5 35 50 60 60 60 120 70 55 60 45 105 1155
*CPU - consisted of ALU, Opcode Decoder, Control Unit, Program & Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization
Core performance in terms of Dhrystones
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
The main features of each DP80390 family member have been summarized in table below. It gives a briefly member characterization helping user to select the most suitable IP Core for its application. User can specify its own peripheral set (including listed below and the others) and requests the core modifications.
Architecture speed grade Program Memory space Stack space size on-chip ROM on-chip RAM Power Management Unit
Internal Data Memory space External Data Memory space External Data / Program Memory Wait States
Compare/Capture
Interrupt sources
Interface for additional SFRs
Timer/Counters
Interrupt levels
Master I2C Bus Controller Slave I2C Bus Controller
Data Pointers
Design
DP80390CPU DP80390 DP80390XP
10 10 10
64k 64k 16M 256 256 16M 64k 64k 16M 256 256 16M 64k 64k 16M 256 256 16M
2 5 15
2 2 2
1 1 2
2 3
1 2
4 4
-
-
-
-
-
DP80390 family of Pipelined High Performance Microcontroller Cores
The main features of each DP8051 family member have been summarized in table below. It gives a briefly member characterization helping user to select the most suitable IP Core for its application. User can specify its own peripheral set (including listed below and the others) and requests the core modifications.
Architecture speed grade Program Memory space Stack space size on-chip ROM on-chip RAM Power Management Unit
Internal Data Memory space External Data Memory space External Data / Program Memory Wait States
Compare/Capture
Interrupt sources
Interface for additional SFRs
Timer/Counters
Interrupt levels
Master I C Bus Controller Slave I2C Bus Controller
Data Pointers
Design
off-chip
DP8051CPU DP8051 DP8051XP
10 10 10
64k 64k 64k 256 256 16M 64k 64k 64k 256 256 16M 64k 64k 64k 256 256 16M
2 5 15
2 2 2
1 1 2
2 3
1 2
4 4
-
-
-
-
-
DP8051 family of Pipelined High Performance Microcontroller Cores
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.
Fixed Point Coprocessor Floating Point Coprocessor -
Watchdog
I\O Ports
UART
2
SPI
Fixed Point Coprocessor Floating Point Coprocessor -
Watchdog
I\O Ports
off-chip
UART
SPI
CONTACTS
For any modification or special request contact to DCD. Headquarters: Wroclawska 94 41-902 Bytom, POLAND e-mail: iinffo@dcd..pll n o@dcd p tel. fax : +48 32 282 82 66 : +48 32 282 74 37
Field Office: Texas Research Park 14815 Omicron Dr. suite 100 San Antonio, TX 78245, USA
n oUS@dcd p e-mail: iinffoUS@dcd..pll
tel. fax : +1 210 422 8268 : +1 210 679 7511
Distributors: Please check htttp::///www..dcd..pll//aparrttn..php h p www dcd p apa n php
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2003 DCD - Digital Core Design. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of DP80390XP03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X