Part Number Hot Search : 
SP2526 ADE5566 50N60 1N4570 WP711 EA30QS09 C2882A SFBFY77
Product Description
Full Text Search
 

To Download DIP05-1A72-11D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MEDER electronic
DIP Series
Molded DIP Reed Relays
DESCRIPTION
The DIP series is a very compact design having a low profile package and a high profile package. This series is compatible with all DIP relays.
FEATURES
* High resistance option available * Diode option available
CHARACTERISTICS
* Low profile package * Standard pin configurations * IC-pin compatible * 4.25 kVDC breakdown voltage for pin out 13 * UL approval
All dimensions in mm [inches]
DIMENSIONS
www.meder.com
139
DIP Series
Molded DIP Reed Relays
MEDER electronic
ORDER INFORMATION
Part Number Example DIP12 - 1A75 - 13L 12 is the nominal voltage 1A is the contact form 75 is the switch model 13 is the pin out L is the option
Series Nominal Voltage XX Contact Form XX Switch Model XX Pin Out Option () Version with magn. Shield X
DIP
XX
1A 05, 12, 15, 24
Options
72, 75 72 72 90
11, 13* 19 21 51
1B 2A
L(M), D(Q),E(R), F(S)
05, 12,15. 24
1C
*Selects 4-25 (3.0 kVRMS) breakdown voltage contact to coil.
PIN OUT
www.meder.com
140
MEDER electronic
DIP Series
Molded DIP Reed Relays
OPTIONS
( ) Versions with magnetic shield
+
+
OPTIONS DEPENDENCE ON CASE SIZES
Contact Form Package Size Pin Out L 11 13 11 13 19 21 51
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
Options D E
X
F
M
Q
R
S
Low Profile
1A
High Profile
1B 2A 1C
High Profile High Profile Low Profile High Profile
L D E F M Q R S
= = = = = = = =
No option With Diode between pin 2 and 6 (Pin 2 is positive) Internal shield on pin 9 With Diode between pin 2 and 6 (Pin 2 is positive) and Internal shield on pin 9 External magnetic shield External magnetic shield and diode between pin 2 and 6 (Pin 2 is positive) External magnetic shield and internal shield on pin 9 External magnetic shield and with diode between pin 2 and 6 (Pin 2 is positive) and internal shield on pin 9
www.meder.com
141
DIP Series
Molded DIP Reed Relays
MEDER electronic
RELAY DATA
All Data at 20 C Contact Ratings
Switching Power
Switch Model Contact Form Conditions
Any DC combination of V & A not to exceed their individual max.`s DC or peak AC DC or peak AC DC or peak AC w/ 0.5 V & 10mA Measured w/ 0.5 V & 50mA , 1.5 ms after closure 100 volts applied Across contacts Contact to coil Measured w/ 100 % overdrive Measured w/ no coil suppression at 10 kHz cross contact
Switch 72 Form A / B
Switch 75 Form A
Switch 90 Form C
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit
15 10 3 W
Switching Voltage Switching Current Carry Current Static Contact Resistance Dynamic Contact Resistance Insulation Resistance across Contacts Breakdown Voltage across Contact Operation Time incl. Bounce Release Time Capacitance Life Expectancies Switching 5 V - 10 mA
200 1.0 1.25 150 200 1012 1012
250 1500**
500 0.5 1.0 200 200 1012 1012
1500* 1500**
175 0.25 1.2 150 250 109 1012 200 1500
V A A m m VDC
0.5 0.1 0.2 2.0 0.4 2.0
0.5 0.1 1.0 3.0
0.7 1.0
ms ms pF
DC only & <10 pF stray cap.
1000
500
100
106 Cycles
For other load requirements please see our life test section on P. 112.
Environmental Data Shock Resistance Vibration Resistance Ambient Temperature Stock Temperature Soldering Temperature 1/2 sinus wave duration 11 ms From 10 - 2000 Hz 10C/ minute max. allowable 10C/ minute max. allowable 5 sec. -20 -35 50 20 70 95 260 -20 -35 50 20 70 95 260 -20 -35 30 10 70 95 260 g g
o
C C C
o
o
* 600 VDC with 5V coil, 1000 VDC with 12V coil. ** Selects Pin out 13 and 425 kVDC (3.0 kVRMS) breakdown voltage contact to coil.
www.meder.com
142
MEDER electronic
DIP Series
Molded DIP Reed Relays
COIL DATA
Contact Form Switch Model Coil Voltage VDC Nom. 5 Max. 7.5 16 20 30 7.5 16 20 30 7.5 16 20 30 7.5 16 20 30 Min. 450 (180) 900 1800 1800 450 900 1800 1800 180 450 1800 1800 180 450 1800 1800 Coil Resistance Pull-in Voltage VDC Max. 550 (220) 1100 2200 2200 550 1100 2200 2200 220 550 2200 2200 220 550 2200 2200 Max. 3.5 8.4 10.5 16.8 3.5 8.4 10.5 16.8 3.5 8.4 10.5 16.8 3.5 8.4 10.5 16.8 Drop-out Volage VDC Min. 0.75 1.8 2.2 3.6 0.75 1.8 2.2 3.6 0.75 1.8 2.2 3.6 0.75 1.8 2.2 3.6 Nominal Coil Powe mW Typ. 50 145 115 290 50 145 115 290 125 290 115 290 125 290 115 290
All Data at 20 C
Typ. 500 (200) 1000 2000 2000 500 1000 2000 2000 200 500 2000 2000 200 500 2000 2000
1A
72 75
12 15 24 5
1B **
72
12 15 24 5
2A
72
12 15 24 5
1C
90
12 15 24
() For Switch 75. * The pull-in / drop-out voltage and coil resistance will change at rate of 0.4% per C. ** Re-closure of Form B may occur if the max. coil voltage is exceeded. Coil polarity on Form B must be observed. Pin 2 is positive.
www.meder.com
143


▲Up To Search▲   

 
Price & Availability of DIP05-1A72-11D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X