Part Number Hot Search : 
29400 SPD24060 29400 47100 IRF5305L X5168 CA506 47100
Product Description
Full Text Search
 

To Download DG2753DN-T1-E4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2753
Vishay Siliconix
Low Voltage, 0.7 , Triple SPDT Analog Switch
DESCRIPTION
The DG2753 is a low voltage, low on-resistance, triple single-pole/double-throw (SPDT) monolithic CMOS analog switch. The device is designed for operation from 1.65 V to 4.3 V single supply. The device is 1.8 V logic compatible within the full operation voltage range to interface with low voltage DSP or MCU control logic. These traits make it ideal for one cell Li-ion battery direct power in portable applications. The DG2753 fully guarantees operation when V+ is as low as 1.8 V. When powered from a 3 V power supply, it has a 0.9 on-resistance, with 0.1 RON matching between channels, and 0.2 (Max) RON flatness. Each switch conducts signals across power rails equally well in both directions when on, and blocks up to the power supply level when off. It offers 30 nS Ton and 10 nS Toff. Breakbefore-make is guaranteed. The DG2753 is built on Vishay Siliconix's low voltage process. An epitaxial layer prevents latchup. It is available in QFN16 3 x 3 mm and TSSOP16 packages. As a committed partner to the community and the environment, Vishay Siliconix manufactures this product with lead (Pb)-free device terminations. For analog switching products manufactured in QFN packages, the lead (Pb)-free "-E4" suffix is being used as a designator for nickel-palladium-gold. The TSSOP-16 package is offered in lead (Pb)-free with 100 % matte Tin terminations. The "-E3" suffix is the designator. Both the 100 % matte Tin and nickel-palladium gold device terminations meet all JEDEC standards for reflow and MSL ratings.
FEATURES
* * * * * * Low Voltage Operation (1.65 to 4.3 V) Low On-Resistance - rON: 0.9 at 2.7 V Fast Switching: TON = 30 ns TOFF = 10 ns QFN-16 (3 x 3) Package Latch-Up Current > 300 mA (JESD78)
BENEFITS * Reduced Power Consumption
* High Accuracy * Reduce Board Space
* TTL/1.8 V Logic Compatible APPLICATIONS * Cellular Phones
* Speaker Headset Switching * Audio and Video Signal Routing * PCMCIA Cards
* Battery Operated Systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
QFN16 (3 x 3) Y1 Y0 Z1 Z Z0 Enable NC GND
TSSOP16
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 V Y X X1 X0 A B C
ORDERING INFORMATION
Temp Range - 40 to 85 C Package TSSOP-16 Part Number DG2753DQ-T1-E3
16-Pin QFN (3 mm x 3 mm) DG2753DN-T1-E4 Variation 2 www.vishay.com 1
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
DG2753
Vishay Siliconix
TRUTH TABLE
Enable Input H L L L L L L X = Do not care C X X X X X L H Select Inputs B X X X L H X X A X L H X X X X ON Switches DG2753 All switches open X - X0 X - X1 Y - Y0 Y - Y1 Z- Z0 Z - Z1
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Reference to GND Current (Any terminal except NO, NC or COM) Continuous Current (NO, NC, or COM) Peak Current (Pulsed at 1 ms, 10 % duty cycle) Storage Temperature (D Suffix) Package Solder Reflow Conditions Power Dissipation (Packages)b
d
Limit V+ IN, COM, NC, NOa - 0.3 to 5.0 - 0.3 to (V+ + 0.3) 30 300 500 - 65 to 150 16-Pin QFN (3 x 3 mm) QFN-16c 250 1385
Unit V
mA
C mW
Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 17.3 mW/C above 70 C. d. Manual soldering with iron is not recommended for leadless components. The QFN is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection.
SPECIFICATIONS
Test Conditions Otherwise Unless Specified Parameter Analog Switch Analog Signal Ranged VNO, VNC, VCOM V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.7 V On-Resistance rDS(on) V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.7 V V+ = 4.2 V, INO/NC = 100 mA, VCOM = 2.1 V V+ = 4.2 V, INO/NC = 100 mA, VCOM = 2.1 V rON Match rON Resistance Flatness r(on) r(on) Flatness INO(off) Switch Off Leakage Current ICOM(off) Channel-On Leakage Current ICOM(on) V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.7 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 2.1 V V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.7 V V+ = 4.3 V, VNO, VNC = 4 V/0.3 V, VCOM = 0.3 V/4 V V+ = 4.3 V, VCOM = VNO, VNC = 0.3 V/4 V Full Room Full Room Full Room Room Room Room Full Room Full Room Full -2 - 25 -2 - 25 -2 - 10 0.7 0 0.9 V+ 1.3 1.5 1.2 1.4 0.4 0.6 0.2 2 25 2 25 2 10 nA V Symbol V+, 10 %, VIN = 0.4 or 1.8 Ve Tempa Minb Limits - 40 to 85 C Typc Maxb Unit
www.vishay.com 2
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
DG2753
Vishay Siliconix
SPECIFICATIONS
Test Conditions Otherwise Unless Specified Parameter Digital Control V+ = 1.8 V Input High Voltage VINH V+ = 3 V V+ = 4.3 V V+ = 1.8 V Input Low Voltage Input Current Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Adress Transistion Time Charge Injectiond Off-Isolationd Crosstalk
d
Limits - 40 to 85 C Tempa Full Full Full Full Full Full Full Room Full Room Full Full Full Room Room Room Room 5 -1 30 10 30 40 - 25 - 90 dB - 90 35 35 80 80 1 A pF 80 pC Minb 1 1.4 1.8 0.4 0.5 0.5 1 60 65 30 40 ns A V Typc Maxb Unit
Symbol
V+, 10 %, VIN = 0.4 or 1.8 Ve
VINL IINL, IINH
V+ = 3 V V+ = 4.3 V VIN = 0 V or V+
tON tOFF tOPEN tTRANS QINJ OIRR XTALK CNO(off) CNC(off)
d
V+ = 2.7 V VNO, VNC = 1.5 V, RL = 50 , CL = 35 pF V+ = 2.7 V VNO, VNC = 1.5 V, RL = 50 , CL = 35 pF V+ = 2.7 V, CL = 1 nF, RGEN = 0 , f = 500 kHz VNC, VNO = 2 V (test at COM side) V+ = 2.7 V, CL = 1 nF, RGEN = 0 , f = 500 kHz VNC, VNO = 2 V (test at COM side) V+ = 2.7 V, CL = 1 nF, RGEN = 0 VNC, VNO = 2 V (test at COM side)
NO, NC Off Capacitanced Channel/On Capacitance Power Supply Power Supply Current
CNO(on) CNC(on) I+
VIN = 0 or V+, f = 1 MHz
Room Room Room
VIN = 0 or V+
Full
Notes: a. Room = 25 C, Full = as determined by the operating suffix. b. Typical values are for design aid only, not guaranteed nor subject to production testing. c. The algebraic convention where by the most negative value is a minimum and the most positive a maximum, is used in this datasheet. d. Guarantee by design, not subjected to production test. e. VIN = input voltage to perform proper function.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
www.vishay.com 3
DG2753
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
4.0 Is = 100 mA VCC = 1.6 V 3.0 rDS(on) - () rDS(on) - () 1.2 125 C 85 C 0.9 25 C 0.6 - 40 C 1.5 V+ = 2.7 V Is = 100 mA
2.0
VCC = 1.8 V VCC = 2.7 V VCC = 4.2 V VCC = 4.5 V
1.0
0.0 0 1 2 3 4 5 VCOM (volts)
0.3 0.0
0.6
1.2
1.8
2.4
3.0
VCOM - Analog Voltage (V)
rON vs. VCOM and Supply Voltage
100.0E V+ = 4.5 V 100000 ICC Supply Current (pA) I+ - Supply Current (A) 1.0E-3
rON vs. Analog Voltage and Temperature
1000000
V+ = 4.5 V
10000 VIN = 0 V 1000
10.0E-6
100.0E-9
100
1.0E-9
10 - 40
- 15
10
35
60
85
110
135
10.0E-12 10
100
1K
10K
100K
1M
10M
Temperature (C)
Input Switching Frequency (Hz)
Supply Current vs. Temperature
2000 V+ = 4.5 V
Supply Current vs. Input Switching Frequency
100000
V+ = 4.5 V
I+ - Supply Current (A)
Leakage Current (pA)
Leakage Current (pA)
10000
1000 ICOM(on)
1000 I(off)
I(on)
0 INC(off), INO(off) - 1000
100 I(off), I(on) 10 - 50
- 2000 - 25 0 25 50 Temp (C) 75 100 125 0 1 2 3 VCOM - Analog Voltage (V) 4 5
Leakage Current vs. Temperature
Leakage Current vs. Analog Voltage
www.vishay.com 4
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
DG2753
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
40 20 V+ = 4.5 V RL = 50 tON at V+ = 2.7 V Loss, OIRR, X TALK (dB) 30 0 LOSS
- 20
Time (ns)
XTA LK OIRR
tON at V+ = 4.5 V 20
- 40
- 60
10
tOFF V+ = 2.7 V
- 80 tOFF V+ = 4.5 V 0 - 60 - 40 - 20 0 20 40 60 80 100 - 100 100 k 1M 10 M F - Frequency 100 M 1G
Temperature (C)
Switching Time vs Temperature
Insertion Loss, Off Isolation, Cross Talk vs. Frequency
150 4.5 V 3.3 V 50
1.6
VT - Switching Threshold (V)
100 Q - Charge Injection (pC) 1.2
0.8
0
- 50 2.7 V - 100
0.4
0.0 0 1 2 3 4 5
- 150 0 1 2 3 4 5 V+ - Supply Voltage (V) VCOM - Analog Voltage (V)
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
www.vishay.com 5
DG2753
Vishay Siliconix
TEST CIRCUITS
V+ Logic Input V+ Switch Input Logic Input NO or NC IN GND 0V CL (includes fixture and stray capacitance) VOUT Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense. RL 50 CL 35 pF COM Switch Output VOUT 0.9 x VOUT Switch Output 0V tON tOFF
VINH 50% VINL
tr < 5 ns tf < 5 ns
=
VCOM
( R L + LR ON )
Figure 1. Switching Time
R
V+ Logic Input COM VO RL 50 CL 35 pF VINH VINL tr < 5 ns tf < 5 ns
V+ NO VNO VNC NC IN GND
VNC = V NO VO Switch 0V Output
90 %
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
V+
Rgen +
V+ NC or NO IN COM VOUT VOUT CL = 1 nF GND IN On
VOUT
Vgen
VIN = 0 - V+
Off Q = VOUT x CL
On
IN depends on switch configuration: input polarity determined by sense of switch.
Figure 3. Charge Injection
www.vishay.com 6
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
DG2753
Vishay Siliconix
TEST CIRCUITS
V+ 10 nF
V+ 10 nF
V+ NC or NO IN 0 V, 2.4 V
V+ COM Meter IN 0 V, 2.4 V HP4192A Impedance Analyzer or Equivalent f = 1 MHz
COM
COM
RL
GND
NC or NO GND
Analyzer
VCOM Off Isolation = 20 log V NO/NC
Figure 4. Off-Isolation
Figure 5. Channel Off/On Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73482.
Document Number: 73482 S-62653-Rev. B, 01-Jan-07
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG2753DN-T1-E4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X