Part Number Hot Search : 
SMP3968 R3002 5N65K MP810 AX8877C CY7C0 IRLI530N PP1DM
Product Description
Full Text Search
 

To Download CY62137FV30LL-45BVI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62137FV30 MoBL(R)
2-Mbit (128K x 16) Static RAM
Features

Very high speed: 45 ns
Temperature ranges Industrial: -40C to +85C Automotive-A: -40C to +85C Automotive-E: -40C to +125C Wide voltage range: 2.20V-3.60V

is ideal for providing More Battery LifeTM (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power down feature that significantly reduces power consumption by 90% when addresses are not toggling. Placing the device into standby mode reduces power consumption by more than 99% when deselected (CE HIGH or both BLE and BHE are HIGH). The input and output pins (IO0 through IO15) are placed in a high impedance state in the following conditions:

Deselected (CE HIGH) Outputs are disabled (OE HIGH Both Byte High Enable and Byte Low Enable are disabled (BHE, BLE HIGH) Write operation is active (CE LOW and WE LOW)
Pin compatible with CY62137CV/CV25/CV30/CV33, CY62137V, and CY62137EV30
Ultra low standby power Typical standby current: 1 A Maximum standby current: 5 A (Industrial) Ultra low active power Typical active current: 1.6 mA at f = 1 MHz (45 ns speed) Easy memory expansion with CE and OE features

Automatic power down when deselected CMOS for optimum speed and power Byte power down feature Available in Pb free 48-Ball VFBGA and 44-pin TSOP II package
Write to the device by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from IO pins (IO0 through IO7) is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from IO pins (IO8 through IO15) is written into the location specified on the address pins (A0 through A16). Read from the device by taking Chip Enable (CE) and Output Enable (OE) LOW, while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins appear on IO0 to IO7. If Byte High Enable (BHE) is LOW, then data from memory appears on IO8 to IO15. See the "Truth Table" on page 9 for a complete description of read and write modes. For best practice recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines.
Functional Description
The CY62137FV30 is a high performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra low active current. This
Logic Block Diagram
DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
ROW DECODER
128K x 16 RAM Array
SENSE AMPS
IO0-IO7 IO8-IO15
COLUMN DECODER POWER DOWN CIRCUIT
CE
A11
A12
A13
Cypress Semiconductor Corporation Document Number: 001-07141 Rev. *F
*
198 Champion Court
A14
A15
A16
BHE BLE
BHE WE CE OE BLE
*
San Jose, CA 95134-1709 * 408-943-2600 Revised January 2, 2008
[+] Feedback
CY62137FV30 MoBL(R)
Product Portfolio
Power Dissipation Product Range VCC Range (V) Min CY62137FV30LL Ind'l/Auto-A Auto-E 2.2V 2.2V Typ [1] 3.0V 3.0V Max 3.6V 3.6V 45 55 Speed (ns) Operating ICC (mA) f = 1MHz Typ [1] 1.6 2 Max 2.5 3 f = fmax Typ [1] 13 15 Max 18 25 Standby ISB2 (A) Typ [1] 1 1 Max 5 20
Pin Configuration
Figure 1. 48-Ball VFBGA Pinout [2, 3]
1 BLE IO8 IO9 VSS VCC IO14 IO15 NC 2 OE BHE IO10 IO11 IO12 IO13 NC A8 3 A0 A3 A5 NC NC A14 A12 A9 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE IO1 IO3 IO4 IO5 WE A11 6 NC IO0 IO2 VCC VSS IO6 IO7 NC A B C D E F G H
Figure 2. 44-Pin TSOP II [2]
A4 A3 A2 A1 A0 CE IO0 IO1 IO2 IO3 VCC VSS IO4 IO5 IO6 IO7 WE A16 A15 A14 A13 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE BHE BLE IO15 IO14 IO13 IO12 VSS VCC IO11 IO10 IO9 IO8 NC A8 A9 A10 A11 NC
Notes 1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C. 2. NC pins are not connected on the die. 3. Pins D3, H1, G2, and H6 in the VFBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb, respectively.
Document Number: 001-07141 Rev. *F
Page 2 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the device. These user guidelines are not tested. Storage Temperature ................................ -65C to + 150C Ambient Temperature with Power Applied .......................................... -55C to + 125C Supply Voltage to Ground Potential ...........................................................-0.3V to 3.9V DC Voltage Applied to Outputs in High Z state [4, 5] ............................................-0.3V to 3.9V DC Input Voltage [4, 5] .......................................-0.3V to 3.9V Output Current into Outputs (LOW) ............................ 20 mA Static Discharge Voltage ......................................... > 2001V (MIL-STD-883, Method 3015) Latch up Current .................................................... > 200 mA
Operating Range
Device Range Ambient Temperature -40C to +125C VCC [6]
CY62137FV30LL Ind'l/Auto-A -40C to +85C 2.2V to 3.6V Auto-E
Electrical Characteristics
Over the Operating Range Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Test Conditions 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 Input Leakage Current GND < VI < VCC Output Leakage Current VCC Operating Supply Current GND < VO < VCC, Output disabled f = fmax = 1/tRC f = 1 MHz VCC = VCC(max) IOUT = 0 mA CMOS levels IOH = -0.1 mA IOH = -1.0 mA IOL = 0.1 mA IOL = 2.1mA 1.8 2.2 -0.3 -0.3 -1 -1 13 1.6 1 45 ns (Ind'l/Auto-A) Min 2.0 2.4 0.4 0.4 VCC + 0.3 1.8 VCC + 0.3 2.2 0.6 0.8 +1 +1 18 2.5 5 -0.3 -0.3 -4 -4 15 2 1 Typ[1] Max 55 ns (Auto-E) Min Typ[1] 2.0 2.4 0.4 0.4 VCC + 0.3 VCC + 0.3 0.6 0.8 +4 +4 25 3 20 A Max Unit V V V V V V V V A A mA
ISB1
CE > VCC - 0.2V, Automatic CE Power Down Current - CMOS VIN > VCC - 0.2V, VIN < 0.2V Inputs f = fmax (address and data only), f = 0 (OE, WE, BHE, and BLE), VCC = 3.60V
[7]
ISB2
CE > VCC - 0.2V, Automatic CE Power Down Current - CMOS VIN > VCC - 0.2V or VIN < 0.2V, Inputs f = 0, VCC = 3.60V
1
5
1
20
A
Capacitance
Tested initially and after any design or process changes that may affect these parameters. Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = VCC(typ) Max 10 10 Unit pF pF
Notes 4. VIL(min) = -2.0V for pulse durations less than 20 ns. 5. VIH(max)=VCC+0.75V for pulse durations less than 20 ns. 6. Full device AC operation assumes a minimum of 100 s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization. 7. Only chip enable (CE) and byte enables (BHE and BLE) are tied to CMOS levels to meet the ISB2 / ICCDR specification. Other inputs can be left floating.
Document Number: 001-07141 Rev. *F
Page 3 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters. Parameter JA JC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Still air, soldered on a 3 x 4.5 inch, two layer printed circuit board VFBGA 75 10 TSOP II 77 13 Unit C/W C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveform R1 VCC OUTPUT 30 pF INCLUDING JIG AND SCOPE R2 VCC 10% GND Rise Time = 1 V/ns ALL INPUT PULSES 90% 90% 10% Fall Time = 1 V/ns
Equivalent to: THEVENIN EQUIVALENT RTH OUTPUT V 2.5V (2.2V to 2.7V) 16667 15385 8000 1.20 3.0V (2.7V to 3.6V) 1103 1554 645 1.75 Unit V
Parameters R1 R2 RTH VTH
Data Retention Characteristics
Over the Operating Range Parameter VDR ICCDR tCDR tR
[9] [7]
Description VCC for Data Retention Data Retention Current
Conditions
Min 1.5
Typ [1]
Max
Unit V A
VCC = 1.5V, CE > VCC - 0.2V, Ind'l/Auto-A VIN > VCC - 0.2V or VIN < 0.2V Auto-E 0 tRC
4 12
[8]
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform
Figure 4. Data Retention Waveform [10]
DATA RETENTION MODE
VCC CE or BHE.BLE
VCC(min)
tCDR
VDR > 1.5V
VCC(min)
tR
Notes 8. Tested initially and after any design or process changes that may affect these parameters. 9. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s. 10. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE.
Document Number: 001-07141 Rev. *F
Page 4 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Switching Characteristics
Over the Operating Range [11, 12] 45 ns (Ind'l/Auto-A) Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Read Cycle Time Address to Data Valid Data Hold From Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z [13] OE HIGH to High Z [13, 14] CE LOW to Low Z
[13]
55 ns (Auto-E) Unit Min Max
Description Min Max
45 45 10 45 22 5 18 10 18 0 45 45 5 18
55 55 10 55 25 5 20 10 20 0 55 55 10 20
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
CE HIGH to High Z [13, 14] CE LOW to Power Up CE HIGH to Power Down BLE/BHE LOW to Data Valid BLE/BHE LOW to Low Z [13, 15] BLE/BHE HIGH to High Z [13, 14]
Write Cycle [16] tWC tSCE tAW tHA tSA tPWE tBW tSD tHD tHZWE tLZWE Write Cycle Time CE LOW to Write End Address Setup to Write End Address Hold from Write End Address Setup to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Setup to Write End Data Hold From Write End WE LOW to High Z [13, 14] WE HIGH to Low Z
[13]
45 35 35 0 0 35 35 25 0 18 10
55 40 40 0 0 40 40 25 0 20 10
ns ns ns ns ns ns ns ns ns ns ns
Notes 11. Test conditions for all parameters, other than tri-state parameters, assume signal transition time of 3 ns (1V/ns) or less, timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in "AC Test Loads and Waveforms" on page 4. 12. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. Please see application note AN13842 for further clarification. 13. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device. 14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state. 15. If both byte enables are toggled together, this value is 10 ns. 16. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals are ACTIVE to initiate a write and any of these signals terminate a write by going INACTIVE. The data input setup and hold timing are referenced to the edge of the signal that terminates the write.
Document Number: 001-07141 Rev. *F
Page 5 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Switching Waveforms
Figure 5. Read Cycle 1: Address Transition Controlled [17, 18]
tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
Figure 6. Read Cycle 2: OE Controlled [18, 19]
ADDRESS
tRC CE tACE OE tDOE BHE/BLE tLZOE tHZBE tDBE tLZBE HIGHIMPEDANCE DATA OUT tLZCE tPU VCC SUPPLY CURRENT 50% 50% ISB ICC DATA VALID HIGH IMPEDANCE tHZOE tPD tHZCE
Notes 17. The device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL. 18. WE is HIGH for read cycle. 19. Address valid before or similar to CE and BHE, BLE transition LOW.
Document Number: 001-07141 Rev. *F
Page 6 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Switching Waveforms (continued)
Figure 7. Write Cycle 1: WE Controlled [16, 20, 21]
tWC ADDRESS tSCE CE tAW tSA WE tPWE tHA
BHE/BLE
tBW
OE NOTE 22 tHZOE
tSD DATAIN
tHD
DATA IO
Figure 8. Write Cycle 2: CE Controlled [16, 20, 21]
tWC ADDRESS tSCE CE
tSA
WE
tAW tPWE
tHA
BHE/BLE
tBW
OE tSD DATA IO NOTE 22 tHZOE DATAIN tHD
Notes 20. Data IO is high impedance if OE = VIH. 21. If CE goes HIGH simultaneously with WE = VIH, the output remains in a high impedance state. 22. During this period, the IOs are in output state. Do not apply input signals.
Document Number: 001-07141 Rev. *F
Page 7 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Switching Waveforms (continued)
Figure 9. Write Cycle 3: WE Controlled, OE LOW [21]
tWC ADDRESS tSCE CE
BHE/BLE tAW tSA WE
tBW
tHA tPWE
tSD DATA IO NOTE 22 tHZWE DATAIN
tHD
tLZWE
Figure 10. Write Cycle 4: BHE/BLE Controlled, OE LOW [21]
tWC ADDRESS
CE tSCE
tAW BHE/BLE tSA WE
tHZWE
tHA tBW
tPWE tSD DATAIN
tLZWE
tHD
DATA IO
NOTE 22
Document Number: 001-07141 Rev. *F
Page 8 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Truth Table
CE H X L L L L L L L L L WE X X H H H H H H L L L OE X X L L L H H H X X X BHE BLE X H L H L L H L L H L X H L L H L L H L L H Inputs or Outputs High Z High Z Data Out (IO0-IO15) Data Out (IO0-IO7); IO8-IO15 in High Z Data Out (IO8-IO15); IO0-IO7 in High Z High Z High Z High Z Data In (IO0-IO15) Data In (IO0-IO7); IO8-IO15 in High Z Data In (IO8-IO15); IO0-IO7 in High Z Mode Deselect or Power Down Deselect or Power Down Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC)
Document Number: 001-07141 Rev. *F
Page 9 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Ordering Information
Speed (ns) 45 Ordering Code CY62137FV30LL-45BVI CY62137FV30LL-45BVXI CY62137FV30LL-45ZSXI 45 55 CY62137FV30LL-45ZSXA CY62137FV30LL-55ZSXE Package Diagram 51-85150 48-Ball VFBGA 48-Ball VFBGA (Pb-free) 51-85087 44-Pin TSOP II (Pb-free) 51-85087 44-Pin TSOP II (Pb-free) 51-85087 44-Pin TSOP II (Pb-free) Automotive-A Automotive-E Package Type Operating Range Industrial
Contact your local Cypress sales representative for availability of these parts.
Package Diagram
Figure 11. 48-Ball VFBGA (6 x 8 x 1 mm)
TOP VIEW BOTTOM VIEW A1 CORNER O0.05 M C O0.25 M C A B A1 CORNER O0.300.05(48X) 1 2 3 4 5 6 6 5 4 3 2 1
A B C 8.000.10 8.000.10 0.75 5.25 D E F G H
A B C D E 2.625 F G H
A B 6.000.10
A
1.875 0.75 3.75 B 6.000.10
0.55 MAX.
0.25 C
0.15(4X) 0.210.05 0.10 C 1.00 MAX
SEATING PLANE 0.26 MAX. C
51-85150-*D
Document Number: 001-07141 Rev. *F
Page 10 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Package Diagram (continued)
Figure 12. 44-Pin TSOP II
51-85087-*A
Document Number: 001-07141 Rev. *F
Page 11 of 12
[+] Feedback
CY62137FV30 MoBL(R)
Document History Page
Document Title: CY62137FV30 MoBL(R) 2-Mbit (128K x 16) Static RAM Document Number: 001-07141 REV. ** *A ECN NO. 449438 464509 Issue Date See ECN See ECN Orig. of Change NXR NXR Description of Change New datasheet Changed the ISB2(typ) value from 1.0 A to 0.5 A Changed the ISB2(max) value from 4 A to 2.5 A Changed the ICC(typ) value from 2 mA to 1.6 mA and ICC(max) value from 2.5 mA to 2.25 mA for f=1 MHz test condition Changed the ICC(typ) value from 15 mA to 13 mA and ICC(max) value from 20 mA to 18 mA for f=1 MHz test condition Changed the ICCDR(typ) value from 0.7 A to 0.5 A and ICCDR(max) value from 3 A to 2.5 A Converted from preliminary to final Changed the ICC(max) value from 2.25 mA to 2.5 mA for test condition f=1 MHz Changed the ISB2(typ) value from 0.5 A to 1 A Changed the ISB2(max) value from 2.5 A to 5 A Changed the ICCDR(typ) value from 0.5 A to 1 A and ICCDR(max) value from 2.5 A to 4 A Added Automotive-A and Automotive-E information Updated Ordering Information Table Added footnote 13 related to tACE Added footnote 9 related to ISB2 and ICCDR Made footnote 14 applicable to AC parameters from tACE
*B
566724
See ECN
NXR
*C
869500
See ECN
VKN
*D *E
901800 1371124
See ECN
VKN
See ECN VKN/AESA Converted Automotive information from preliminary to final Changed IIX min spec from -1 A to -4 A and IIX max spec from +1 A to +4 A Changed IOZ min spec from -1 A to -4 A and IOZ max spec from +1 A to +4 A
*F
1875374 See ECN VKN/AESA Added -45BVI part in the Ordering Information table
(c) Cypress Semiconductor Corporation, 2006-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 001-07141 Rev. *F
Revised January 2, 2008
Page 12 of 12
MoBL is a registered trademark and More Battery Life is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY62137FV30LL-45BVI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X