Part Number Hot Search : 
UL1101N IC16F6 74004 4DFT1G MB905 FCE20 4050N 302A2400
Product Description
Full Text Search
 

To Download CD74HCT194 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD54HC194, CD74HC194, CD74HCT194
Data sheet acquired from Harris Semiconductor SCHS164G
September 1997 - Revised May 2006
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
Description
The 'HC194 and CD74HCT194 are 4-bit shift registers with Asynchronous Master Reset (MR). In the parallel mode (S0 and S1 are high), data is loaded into the associated flip-flop and appears at the output after the positive transition of the clock input (CP). During parallel loading serial data flow is inhibited. Shift left and shift right are accomplished synchronously on the positive clock edge with serial data entered at the shift left (DSL) serial input for the shift left mode, and at the shift right (DSR) serial input for the shift right mode. Clearing the register is accomplished by a Low applied to the Master Reset (MR) pin.
Features [ /Title (CD74 HC194, CD74H CT194) /Subject (HighSpeed CMOS Logic 4-Bit
* Four Operating Modes - Shift Right, Shift Left, Hold and Reset * Synchronous Parallel or Serial Operation * Typical fMAX = 60MHz at VCC = 5V, CL = 15pF, TA = 25oC * Asynchronous Master Reset * Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads * Wide Operating Temperature Range . . . -55oC to 125oC * Balanced Propagation Delay and Transition Times * Significant Power Reduction Compared to LSTTL Logic ICs * HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V * HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il 1A at VOL, VOH
Ordering Information
PART NUMBER CD54HC194F3A CD74HC194E CD74HC194M CD74HC194MT CD74HC194M96 CD74HC194NSR CD74HC194PW CD74HC194PWR TEMP. RANGE (oC) -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 PACKAGE 16 Ld CERDIP 16 Ld PDIP 16 Ld SOIC 16 Ld SOIC 16 Ld SOIC 16 Ld SOP 16 Ld TSSOP 16 Ld TSSOP 16 Ld TSSOP 16 Ld PDIP
Pinout
CD54HC194 (CERDIP) CD74HC194 (PDIP, SOIC, SOP, TSSOP) CD74HCT194 (PDIP) TOP VIEW
MR 1 DSR 2 D0 3 D1 4 D2 5 D3 6 DSL 7 GND 8 16 VCC 15 Q0 14 Q1 13 Q2 12 Q3 11 CP 10 S1 9 S0
CD74HC194PWT CD74HCT194E
NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright
(c) 2006, Texas Instruments Incorporated
1
CD54HC194, CD74HC194, CD74HCT194 Functional Diagram
D0 D1 D2 D3 DSL DSR S0 S1 MR CP 3 4 5 6 7 2 9 10 1 11 15 14 13 12 Q0 Q1 Q2 Q3
GND = 8 VCC = 16
TRUTH TABLE INPUTS OPERATING MODE Reset (Clear) Hold (Do Nothing) Shift Left CP X X Shift Right Parallel Load MR L H H H H H H S1 X l h h l l h S0 X l l l h h h DSR X X X X l h X DSL X X l h X X X Dn X X X X X X dn Q0 L q0 q1 q1 L H d0 OUTPUT Q1 L q1 q2 q2 q0 q0 d1 Q2 L q2 q3 q3 q1 q1 d2 Q3 L q3 L H q2 q2 d3
H = High Voltage Level, h = High Voltage Level One Set-up Time Prior To The Low to High Clock Transition, L = Low Voltage Level, l = Low Voltage Level One Set-up Time Prior to the Low to High Clock Transition, dn (qn) = Lower Case Letters Indicate the State of the Referenced Input (or output) One Set-up Time Prior to the Low To High Clock Transition, X = Don't Care, = Transition from Low to High Level
2
CD54HC194, CD74HC194, CD74HCT194
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .20mA DC Output Source or Sink Current per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .25mA DC VCC or Ground Current, ICC or IGND . . . . . . . . . . . . . . . . . .50mA
Thermal Information
Package Thermal Impedance, JA (see Note 2): E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Supply Voltage Range, VCC HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC Input Rise and Fall Time 2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max) 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max) 6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
TEST CONDITIONS PARAMETER HC TYPES High Level Input Voltage VIH 2 4.5 6 Low Level Input Voltage VIL 2 4.5 6 High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 -0.02 -0.02 High Level Output Voltage TTL Loads Low Level Output Voltage CMOS Loads VOL VIH or VIL -4 -5.2 0.02 0.02 0.02 Low Level Output Voltage TTL Loads 4 5.2 2 4.5 6 4.5 6 2 4.5 6 4.5 6 1.5 3.15 4.2 1.9 4.4 5.9 3.98 5.48 0.5 1.35 1.8 0.1 0.1 0.1 0.26 0.26 1.5 3.15 4.2 1.9 4.4 5.9 3.84 5.34 0.5 1.35 1.8 0.1 0.1 0.1 0.33 0.33 1.5 3.15 4.2 1.9 4.4 5.9 3.7 5.2 0.5 1.35 1.8 0.1 0.1 0.1 0.4 0.4 V V V V V V V V V V V V V V V V SYMBOL VI (V) IO (mA) VCC (V) MIN 25oC TYP MAX -40oC TO 85oC MIN MAX -55oC TO 125oC MIN MAX UNITS
3
CD54HC194, CD74HC194, CD74HCT194
DC Electrical Specifications
(Continued) TEST CONDITIONS PARAMETER Input Leakage Current Quiescent Device Current HCT TYPES High Level Input Voltage Low Level Input Voltage High Level Output Voltage CMOS Loads High Level Output Voltage TTL Loads Low Level Output Voltage CMOS Loads Low Level Output Voltage TTL Loads Input Leakage Current Quiescent Device Current Additional Quiescent Device Current Per Input Pin: 1 Unit Load NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. II ICC ICC (Note 3) VCC to GND VCC or GND VCC -2.1 VOL VIH or VIL VIH VIL VOH 4.5 to 5.5 4.5 to 5.5 4.5 2 2 2 V SYMBOL II ICC VI (V) VCC or GND VCC or GND IO (mA) VCC (V) 6 MIN 25oC TYP MAX 0.1 8 -40oC TO 85oC MIN MAX 1 80 -55oC TO 125oC MIN MAX 1 160 UNITS A A
0
6
-
-
-
-
-
-
-
-
0.8
-
0.8
-
0.8
V
VIH or VIL
-0.02
4.4
-
-
4.4
-
4.4
-
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
0
5.5
-
-
0.1 8
-
1 80
-
1 160
A A A
0
5.5
-
-
-
-
-
4.5 to 5.5
-
100
360
-
450
-
490
HCT Input Loading Table
INPUT CP MR DSL, DSR, Dn Sn UNIT LOADS 0.6 0.55 0.25 1.10
NOTE: Unit Load is ICC limit specified in DC Electrical Specifications table, e.g. 360A max at 25oC.
4
CD54HC194, CD74HC194, CD74HCT194
Prerequisite For Switching Function
25oC PARAMETER HC TYPES Max. Clock Frequency (Figure 1) fMAX 2 4.5 6 MR Pulse Width (Figure 2) tW 2 4.5 6 Clock Pulse Width (Figure 1) tW 2 4.5 6 Set-up Time Data to Clock (Figure 3) tSU 2 4.5 6 Removal Time, MR to Clock (Figure 2) tREM 2 4.5 6 Set-Up Time S1, S0 to Clock (Figure 4) tSU 2 4.5 6 Set-up Time DSL, DSR to Clock (Figure 4) tSU 2 4.5 6 Hold Time S1, S0 to Clock (Figure 4) tH 2 4.5 6 Hold Time Data to Clock (Figure 3) tH 2 4.5 6 HCT TYPES Max. Clock Frequency (Figure 1) MR Pulse Width (Figure 2) Clock Pulse Width (Figure 1) Set-up Time, Data to Clock (Figure 3) Removal Time MR to Clock (Figure 2) fMAX tW tW tSU tREM 4.5 4.5 4.5 4.5 27 16 16 14 22 20 20 18 18 24 24 21 MHz ns ns ns 6 30 35 80 16 14 80 16 14 70 14 12 60 12 10 80 16 14 70 14 12 0 0 0 0 0 0 5 24 28 100 20 17 100 20 17 90 18 15 75 15 13 100 20 17 90 18 15 0 0 0 0 0 0 4 20 23 120 24 20 120 24 20 105 21 19 90 18 15 120 24 20 105 21 18 0 0 0 0 0 0 MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL TEST CONDITIONS VCC (V) MIN MAX -40oC TO 85oC -55oC TO 125oC MIN MAX MIN MAX UNITS
-
4.5
12
-
15
-
18
-
ns
5
Prerequisite For Switching Function
(Continued) 25oC -40oC TO 85oC -55oC TO 125oC MIN 25 MAX MIN 30 MAX UNITS ns
PARAMETER Set-up Time S1, S0 to Clock (Figure 4) Set-up Time DSL, DSR to Clock (Figure 4) Hold Time S1, S0 to Clock (Figure 4) Hold Time Data to Clock (Figure 3)
SYMBOL tSU tSU tH tH
TEST CONDITIONS VCC (V) 4.5
MIN 20
MAX -
-
4.5
14
-
18
-
21
-
ns
-
4.5
0
-
0
-
0
-
ns
-
4.5
0
-
0
-
0
-
ns
Switching Specifications
PARAMETER HC TYPES Propagation Delay, Clock to Output (Figure 1)
Input tr, tf = 6ns TEST CONDITIONS VCC (V) 25oC TYP MAX -40oC TO 85oC -55oC TO 125oC MAX MAX UNITS
SYMBOL
tPLH, tPHL
CL = 50pF
2 4.5 6
14 60 55
175 35 30 75 15 13 140 28 24 10 -
220 44 37 95 19 16 175 35 30 10 -
265 53 45 110 22 19 210 42 36 10 -
ns ns ns ns ns ns ns ns ns ns pF MHz pF
Propagation Delay, Clock to Q Output Transition Time (Figure 1)
tPLH, tPHL tTLH, tTHL
CL = 50pF
5 2 4.5 6
Propagation Delay, MR to Output (Figure 2)
tPHL
CL = 50pF
2 4.5 6
Input Capacitance Maximum Clock Frequency Power Dissipation Capacitance (Notes 4, 5) HCT TYPES Propagation Delay, Clock to Output (Figure 1) Propagation Delay, Clock to Q Output Transition Times (Figure 1) Propagation Delay, MR to Output (Figure 2) Input Capacitance Maximum Clock Frequency Power Dissipation Capacitance (Notes 4, 5) NOTES:
CIN fMAX CPD
-
5 5
tPLH, tPHL tPLH, tPHL tTLH, tTHL tPHL CIN fMAX CPD
CL = 50pF CL = 50pF CL = 50pF -
4.5 5 4.5 4.5 5 5
15 50 60
37 15 40 10 -
46 19 50 10 -
56 22 60 10 -
ns ns ns ns pF MHz pF
3. CPD is used to determine the dynamic power consumption, per gate. 4. PD = VCC2 fi + (CL VCC2) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
6
Test Circuits and Waveforms
tr INPUT LEVEL CP 10% 90% VS tW tPHL Q VS tTHL 90% VS 10% tTLH tf VS 10% VS GND tPLH CP Q VS MR VS tW VS tREM VS tPHL INPUT LEVEL GND INPUT LEVEL GND
FIGURE 1. CLOCK PREREQUISITE TIMES AND PROPAGATION AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESET PREREQUISITE TIMES AND PROPAGATION DELAYS
VALID INPUT LEVEL DATA tSU CP VS tH VS GND INPUT LEVEL GND CP S OR DS
VALID VS tSU tH VS INPUT LEVEL GND INPUT LEVEL GND
FIGURE 3. DATA PREREQUISITE TIMES
FIGURE 4. PARALLEL LOAD OR SHIFT-LEFT/SHIFT-RIGHT PREREQUISITE TIMES
7
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
PACKAGING INFORMATION
Orderable Device 5962-8682601EA CD54HC194F3A CD74HC194E CD74HC194EE4 CD74HC194M CD74HC194M96 CD74HC194M96E4 CD74HC194M96G4 CD74HC194ME4 CD74HC194MG4 CD74HC194MT CD74HC194MTE4 CD74HC194MTG4 CD74HC194NSR CD74HC194NSRE4 CD74HC194NSRG4 CD74HC194PW CD74HC194PWE4 CD74HC194PWG4 CD74HC194PWR CD74HC194PWRE4 CD74HC194PWRG4 CD74HC194PWT CD74HC194PWTE4 CD74HC194PWTG4 CD74HCT194E Status (1) ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE Package Type CDIP CDIP PDIP PDIP SOIC SOIC SOIC SOIC SOIC SOIC SOIC SOIC SOIC SO SO SO TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP PDIP Package Drawing J J N N D D D D D D D D D NS NS NS PW PW PW PW PW PW PW PW PW N Pins Package Eco Plan (2) Qty 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 1 1 25 25 40 TBD TBD Pb-Free (RoHS) Pb-Free (RoHS) Green (RoHS & no Sb/Br) Lead/Ball Finish A42 SNPB A42 SNPB CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU MSL Peak Temp (3) N / A for Pkg Type N / A for Pkg Type N / A for Pkg Type N / A for Pkg Type Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM Level-1-260C-UNLIM N / A for Pkg Type
2500 Green (RoHS & no Sb/Br) 2500 Green (RoHS & no Sb/Br) 2500 Green (RoHS & no Sb/Br) 40 40 250 250 250 Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br)
2000 Green (RoHS & no Sb/Br) 2000 Green (RoHS & no Sb/Br) 2000 Green (RoHS & no Sb/Br) 90 90 90 Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br)
2000 Green (RoHS & no Sb/Br) 2000 Green (RoHS & no Sb/Br) 2000 Green (RoHS & no Sb/Br) 250 250 250 25 Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Green (RoHS & no Sb/Br) Pb-Free
Addendum-Page 1
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Orderable Device
Status (1)
Package Type PDIP
Package Drawing N
Pins Package Eco Plan (2) Qty (RoHS) 16 25 Pb-Free (RoHS)
Lead/Ball Finish
MSL Peak Temp (3)
CD74HCT194EE4
(1)
ACTIVE
CU NIPDAU
N / A for Pkg Type
The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device.
(2)
Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 2
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package Package Pins Type Drawing SOIC SO TSSOP D NS PW 16 16 16
SPQ
Reel Reel Diameter Width (mm) W1 (mm) 330.0 330.0 330.0 16.4 16.4 12.4
A0 (mm)
B0 (mm)
K0 (mm)
P1 (mm) 8.0 12.0 8.0
W Pin1 (mm) Quadrant 16.0 16.0 12.0 Q1 Q1 Q1
CD74HC194M96 CD74HC194NSR CD74HC194PWR
2500 2000 2000
6.5 8.2 7.0
10.3 10.5 5.6
2.1 2.5 1.6
Pack Materials-Page 1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
*All dimensions are nominal
Device CD74HC194M96 CD74HC194NSR CD74HC194PWR
Package Type SOIC SO TSSOP
Package Drawing D NS PW
Pins 16 16 16
SPQ 2500 2000 2000
Length (mm) 333.2 346.0 346.0
Width (mm) 345.9 346.0 346.0
Height (mm) 28.6 33.0 29.0
Pack Materials-Page 2
MECHANICAL DATA
MTSS001C - JANUARY 1995 - REVISED FEBRUARY 1999
PW (R-PDSO-G**)
14 PINS SHOWN
PLASTIC SMALL-OUTLINE PACKAGE
0,65 14 8
0,30 0,19
0,10 M
0,15 NOM 4,50 4,30 6,60 6,20 Gage Plane 0,25 1 A 7 0- 8 0,75 0,50
Seating Plane 1,20 MAX 0,15 0,05 0,10
PINS ** DIM A MAX
8
14
16
20
24
28
3,10
5,10
5,10
6,60
7,90
9,80
A MIN
2,90
4,90
4,90
6,40
7,70
9,60
4040064/F 01/97 NOTES: A. B. C. D. All linear dimensions are in millimeters. This drawing is subject to change without notice. Body dimensions do not include mold flash or protrusion not to exceed 0,15. Falls within JEDEC MO-153
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
IMPORTANT NOTICE
Texas Instruments Incorporated and its subsidiaries (TI) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to TI's terms and conditions of sale supplied at the time of order acknowledgment. TI warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with TI's standard warranty. Testing and other quality control techniques are used to the extent TI deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. TI assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using TI components. To minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. TI does not warrant or represent that any license, either express or implied, is granted under any TI patent right, copyright, mask work right, or other TI intellectual property right relating to any combination, machine, or process in which TI products or services are used. Information published by TI regarding third-party products or services does not constitute a license from TI to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from TI under the patents or other intellectual property of TI. Reproduction of TI information in TI data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. TI is not responsible or liable for such altered documentation. Information of third parties may be subject to additional restrictions. Resale of TI products or services with statements different from or beyond the parameters stated by TI for that product or service voids all express and any implied warranties for the associated TI product or service and is an unfair and deceptive business practice. TI is not responsible or liable for any such statements. TI products are not authorized for use in safety-critical applications (such as life support) where a failure of the TI product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. Buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of TI products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by TI. Further, Buyers must fully indemnify TI and its representatives against any damages arising out of the use of TI products in such safety-critical applications. TI products are neither designed nor intended for use in military/aerospace applications or environments unless the TI products are specifically designated by TI as military-grade or "enhanced plastic." Only products designated by TI as military-grade meet military specifications. Buyers acknowledge and agree that any such use of TI products which TI has not designated as military-grade is solely at the Buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. TI products are neither designed nor intended for use in automotive applications or environments unless the specific TI products are designated by TI as compliant with ISO/TS 16949 requirements. Buyers acknowledge and agree that, if they use any non-designated products in automotive applications, TI will not be responsible for any failure to meet such requirements. Following are URLs where you can obtain information on other Texas Instruments products and application solutions: Products Amplifiers Data Converters DSP Clocks and Timers Interface Logic Power Mgmt Microcontrollers RFID RF/IF and ZigBee(R) Solutions amplifier.ti.com dataconverter.ti.com dsp.ti.com www.ti.com/clocks interface.ti.com logic.ti.com power.ti.com microcontroller.ti.com www.ti-rfid.com www.ti.com/lprf Applications Audio Automotive Broadband Digital Control Medical Military Optical Networking Security Telephony Video & Imaging Wireless www.ti.com/audio www.ti.com/automotive www.ti.com/broadband www.ti.com/digitalcontrol www.ti.com/medical www.ti.com/military www.ti.com/opticalnetwork www.ti.com/security www.ti.com/telephony www.ti.com/video www.ti.com/wireless
Mailing Address: Texas Instruments, Post Office Box 655303, Dallas, Texas 75265 Copyright (c) 2008, Texas Instruments Incorporated


▲Up To Search▲   

 
Price & Availability of CD74HCT194

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X