Part Number Hot Search : 
0J100 284971 MAX14 MAX187 AN12969A SMD1812 ISL12028 S1D13
Product Description
Full Text Search
 

To Download APT26F120B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT26F120B2 APT26F120L
1200V, 26A, 0.65 Max, trr 335ns
N-Channel FREDFET
Power MOS 8TM is a high speed, high voltage N-channel switch-mode power MOSFET. This 'FREDFET' version has a drain-source (body) diode that has been optimized for high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The intrinsic gate resistance and capacitance of the poly-silicon gate structure help control di/dt during switching, resulting in low EMI and reliable paralleling, even when switching at very high frequency.
T-Max(R)
TO-264
APT26F120B2
APT26F120L
D
Single die FREDFET
G S
FEATURES
* Fast switching with low EMI * Low trr for high reliability * Ultra low Crss for improved noise immunity * Low gate charge * Avalanche energy rated * RoHS compliant
TYPICAL APPLICATIONS
* ZVS phase shifted and other full bridge * Half bridge * PFC and other boost converter * Buck converter * Single and two switch forward * Flyback
Absolute Maximum Ratings
Symbol ID IDM VGS EAS IAR Parameter Continuous Drain Current @ TC = 25C Continuous Drain Current @ TC = 100C Pulsed Drain Current Gate-Source Voltage Single Pulse Avalanche Energy 2 Avalanche Current, Repetitive or Non-Repetitive
1
Ratings 26 16 105 30 2165 14
Unit
A
V mJ A
Thermal and Mechanical Characteristics
Symbol PD RJC RCS TJ,TSTG TL WT Characteristic Total Power Dissipation @ TC = 25C Junction to Case Thermal Resistance Case to Sink Thermal Resistance, Flat, Greased Surface Operating and Storage Junction Temperature Range Soldering Temperature for 10 Seconds (1.6mm from case) Package Weight 0.22 6.2 10 1.1 -55 0.11 150 300 Min Typ Max 1135 0.11 Unit W C/W
C
6-2007 050-8143 Rev A
oz g in*lbf N*m
Torque
Mounting Torque ( TO-264 Package), 4-40 or M3 screw
Microsemi Website - http://www.microsemi.com
Static Characteristics
Symbol
VBR(DSS) VBR(DSS)/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS
TJ = 25C unless otherwise specified
Test Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 250A VGS = 10V, ID = 14A VGS = VDS, ID = 2.5mA VDS = 1200V VGS = 0V TJ = 25C TJ = 125C
APT26F120B2_L
Typ 1.41 0.55 4 -10 Max Unit V V/C V mV/C A nA
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain-Source On Resistance
3
Min 1200
Gate-Source Threshold Voltage Threshold Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Source Leakage Current
3
0.65 5 250 1000 100
VGS = 30V
Dynamic Characteristics
Symbol
gfs Ciss Crss Coss Co(cr) Co(er) Qg Qgs Qgd td(on) tr td(off) tf
4
TJ = 25C unless otherwise specified
Test Conditions
VDS = 50V, ID = 14A VGS = 0V, VDS = 25V f = 1MHz
Parameter
Forward Transconductance Input Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance, Charge Related
Min
Typ 31 9670 115 715 275
Max
Unit S
pF
5
VGS = 0V, VDS = 0V to 800V
Effective Output Capacitance, Energy Related Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Current Rise Time Turn-Off Delay Time Current Fall Time
VGS = 0 to 10V, ID = 14A, VDS = 600V Resistive Switching VDD = 800V, ID = 14A RG = 2.2 6 , VGG = 15V
140 300 50 140 50 31 170 48 nC
ns
Source-Drain Diode Characteristics
Symbol
IS ISM VSD trr Qrr Irrm dv/dt
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) 1 Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Peak Recovery dv/dt
Test Conditions
MOSFET symbol showing the integral reverse p-n junction diode (body diode)
Min
D
Typ
Max 26
Unit A
G S
TJ = 25C TJ = 125C
105 1.1 335 640 1.72 4.67 11 16 25 V ns C A V/ns
ISD = 14A, TJ = 25C, VGS = 0V
ISD = 14A 3 VDD = 100V diSD/dt = 100A/s
TJ = 25C TJ = 125C TJ = 25C TJ = 125C
ISD 14A, di/dt 1000A/s, VDD = 800V, TJ = 125C
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature. 2 Starting at TJ = 25C, L = 22.09mH, RG = 2.2, IAS = 14A. 3 Pulse test: Pulse Width < 380s, duty cycle < 2%. 4 Co(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS. 5 Co(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of VDS less than V(BR)DSS, use this equation: Co(er) = -4.40E-7/VDS^2 + 5.34E-8/VDS + 7.59E-11. 6 RG is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein. 6-2007 050-8143 Rev A
70 60 ID, DRAIN CURRENT (A) 50 40 30
V
GS
= 10V
25
APT26F120B2_L
T = 125C
J
V
ID, DRIAN CURRENT (A)
TJ = -55C
20
GS
= 6, 7, 8 & 9V
15
5V
TJ = 25C
10
20 10 0
TJ = 125C
5
4.5V
TJ = 150C
30 25 20 15 10 5 0 VDS(ON), DRAIN-TO-SOURCE VOLTAGE (V) Figure 1, Output Characteristics
NORMALIZED TO VGS = 10V @ 14A
0
0
30 25 20 15 10 5 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 2, Output Characteristics
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
3.0 2.5 2.0 1.5 1.0 0.5
100
VDS> ID(ON) x RDS(ON) MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
80 ID, DRAIN CURRENT (A)
60
TJ = -55C TJ = 25C TJ = 125C
40
20
0 25 50 75 100 125 150 0 -55 -25 TJ, JUNCTION TEMPERATURE (C) Figure 3, RDS(ON) vs Junction Temperature 40 35
0
0
8 7 6 5 4 3 2 1 VGS, GATE-TO-SOURCE VOLTAGE (V) Figure 4, Transfer Characteristics
20,000 10,000
TJ = -55C TJ = 25C TJ = 125C
Ciss
gfs, TRANSCONDUCTANCE
25 20 15 10 5 0 0 2
C, CAPACITANCE (pF)
30
1000
100
Coss
Crss
14 10 12 8 6 4 ID, DRAIN CURRENT (A) Figure 5, Gain vs Drain Current
16
800 1000 1200 600 400 200 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 6, Capacitance vs Drain-to-Source Voltage 0 100 ISD, REVERSE DRAIN CURRENT (A) 90 80 70 60 50 40 30 20 10 0 0
TJ = 25C
10
16 VGS, GATE-TO-SOURCE VOLTAGE (V) 14 12 10 8 6 4 2
ID = 14A
VDS = 240V
VDS = 600V
VDS = 960V
050-8143
50 100 150 200 250 300 350 400 Qg, TOTAL GATE CHARGE (nC) Figure 7, Gate Charge vs Gate-to-Source Voltage 0
0
1.2 1.0 0.8 0.6 0.4 0.2 VSD, SOURCE-TO-DRAIN VOLTAGE (V) Figure 8, Reverse Drain Current vs Source-to-Drain Voltage
Rev A
6-2007
TJ = 150C
200 100 ID, DRAIN CURRENT (A) ID, DRAIN CURRENT (A)
I
DM
200 100
I
DM
APT26F120B2_L
10
13s
100s
1ms
10
Rds(on)
13s
100s
1ms
1
Rds(on)
10ms
100ms
1
TJ = 150C TC = 25C
10ms
0.1
TJ = 125C TC = 75C
DC line
1
10 100 1200 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 9, Forward Safe Operating Area
0.1
Scaling for Different Case & Junction Temperatures: 100ms ID = ID(T = 25C)*(TJ - TC)/125 C DC line
10 100 1200 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 10, Maximum Forward Safe Operating Area
1
TJ (C)
0.0166 Dissipated Power (Watts) 0.0147 0.0330 0.479 0.0401
TC (C)
0.0525 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
Figure 11, Transient Thermal Impedance Model 0.12 Z JC, THERMAL IMPEDANCE (C/W) 0.10 0.08 0.06 0.04 0.02 0
D = 0.9
0.7
0.5
ZEXT
Note:
PDM
t1 t2
0.3 SINGLE PULSE 0.1 0.05
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t1 = Pulse Duration
t
10
-5
10-3 10-2 10-1 RECTANGULAR PULSE DURATION (seconds) Figure 12. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
10-4
1.0
T-MAX(R) (B2) Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
TO-264 (L) Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
e3 100% Sn Plated
Drain
20.80 (.819) 21.46 (.845)
Drain
25.48 (1.003) 26.49 (1.043)
4.50 (.177) Max.
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
6-2007
0.40 (.016) 0.79 (.031)
19.81 (.780) 20.32 (.800)
1.01 (.040) 1.40 (.055)
Gate Drain Source
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
Gate Drain Source
Rev A
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
050-8143
These dimensions are equal to the TO-247 without the mounting hole. Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT26F120B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X