Part Number Hot Search : 
M64895GP KTA1266 B0100 01500 EPA240B DT7201 2SC6054G 1N5404G
Product Description
Full Text Search
 

To Download AN1102W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN1102W
Features
Package 3216 type, Water clear epoxy
Surface Mount IRED/Inner Lens Type
Product features
Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H ) Inner Lenz type Total Output Power : 2mW TYP. (IF=20mA) Lead-free soldering compatible RoHS compliant
Peak Wavelength Half Intensity Angle Die materials Rank grouping parameter Assembly method Soldering methods
950nm x = 60 deg., GaAs Sorted by radiant intensity per rank taping Auto pick & place machine (Auto Mounter) Reflow soldering and manual soldering Please refer to Soldering Conditions about soldering. y = 90 deg.
Taping and reel ESD
2,500pcs per reel in a 8mm width tape. (Standard) Reel diameter:180mm 2kV (HBM)
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
2007.8.31
Page 1
AN1102W
Surface Mount IRED/Inner Lens Type
Absolute Maximum Ratings
Item Power Dissipation Forward Current Pulse Forward Current Derating (Ta=25 or higher) Reverse Voltage Operating Temperature Storage Temperature
1
(Ta=25)
Symbol Pd IF IFRM IF IFRM VR Topr Tstg
Absolute Maximum Ratings 75 50 300 0.67 4 5 -30+85 -40+100
Unit mW mA mA mA/ mA/ V
1 IFRM Measurement condition : Pulse Width100s, Duty1/100
Electro-Optical Characteristics
Item Symbol Characteristics TYP. MAX. MAX. MIN. TYP. TYP. TYP. TYP. TYP. MIN. TYP. TYP. 1.22 1.4 10 0.5 0.8 2 950 45 60(x) 90(y) 0.5 700
(Ta=25)
Conditions IF=20mA VR =5V IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA DC5mA, -3db from 0.1MHz IF=20mA
Unit
Forward Voltage Reverse Current Radiant Intensity Total Output Power Peak Wavelength Spectral Half-width Half Intensity Angle
VF IR IE Po p 21/2
V A mW/sr mW nm nm deg.
Cut-off Frequency Response Time
fc tr/tf
MHz ns
2004.11.17
Page 2
AN1102W
Surface Mount IRED/Inner Lens Type
Radiant Intensity Rank
IEmW/s r R ank MIN. A B C D E 0.5 0.7 1.0 1.4 2.0 MAX . 1.0 1.4 2.0 2.8 IF = 20mA Condition
(Ta=25)
Please contact our sales staff concerning rank designation.
2004.11.17
Page 3
AN1102W
Surface Mount IRED/Inner Lens Type
Technical Data
Spectral Distribution
Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 50mA
Spatial Distribution Example
Condition : Ta = 25
Relative Intensity
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25, tw 100s
Forward Current IF(mA)
Forward Voltage : VF(V)
Pulse Forward Current IFRM(A)
Duty Ratio
2004.11.17
Page 4
AN1102W
Surface Mount IRED/Inner Lens Type
Technical Data
Ambient Temperature vs. Forward Current
Ambient Temperature vs. Pulse Forward Current
Condition : tw100s, Duty1/100
Pulse Forward Current IFRM(mA)
Forward Current : IF (mA)
Ambient Temperature : Ta()
Ambient Temperature : Ta()
Ambient Temperature vs. Forward Voltage
Condition : IF = 50mA
Pulse Forward Voltage vs. Pulse Forward Current
Condition : Ta=25, tw100s, Duty1/100
Pulse Forward Current IFRM(mA)
Forward Voltage VF(V)
Ambient Temperature : Ta ()
Pulse Forward Voltage : VFM(V)
2004.11.17
Page 5
AN1102W
Surface Mount IRED/Inner Lens Type
Technical Data
Ambient Temperature vs. Peak Wavelength
Condition : IF = 50mA
Forward Current vs. Relative Total Power
Condition : - - Pulse, tw100s, Duty1/100, Ta = 25
Peak Wavelength p (nm)
Ambient Temperature : Ta()
Relative Total Power
Forward Current : IF (mA)
Ambient Temperature vs. Relative Total Power
Condition : IF = 50mA
Relative Total Power
Ambient Temperature : Ta ()
2004.11.17
Page 6
AN1102W
Surface Mount IRED/Inner Lens Type
Package Dimensions
(Unit: mm) Weight: (7.80)mg
Recommended Soldering Pattern
(Unit: mm)
Taping Specification
Quantity: 2,500pcs/ reel (standard)
(Unit: mm)
2004.11.17
Page 7
AN1102W
Surface Mount IRED/Inner Lens Type
Reflow Soldering Conditions
1) The above profile temperature gives the maximum temperature of the LED resin surface. Please set the temperature so as to avoid exceeding this range. 2) Total times of reflow soldering process shall be no more than 2 times. When the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the LED from absorbing moisture. 3) Temperature fluctuation to the LED during the pre-heating process shall be minimized.
Manual Soldering Conditions
Iron tip temp. Soldering time and frequency 350 3s 1 time (MAX.) (30 W Max.) (MAX.) (MAX.)
2007.8.31
Page 8
AN1102W
Surface Mount IRED/Inner Lens Type
Reliability Testing Result
Reliability Testing Result Room Temp. Operating Life Applicable Standard EIAJ ED4701/100(101) Testing Conditions Ta = 25, IF = Maxium Rated Current (Pretreatment) Individual standard (Reflow Soldering) Pre-heating 150180 120s Operating Heating 230 Min. Peak temperature 260 Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 602, RH = 905% Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction
2
Duration 1,000 h
Failure 0/25
Resistance to Soldering Heat
EIAJ ED4701/300(301)
Twice
0/25
Temperature Cycling Wet High Temp. Storage Life High Temp. Storage Life Low Temp. Storage Life Vibration, Variable Frequency
EIAJ ED4701/100(105) EIAJ ED4701/100(103) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(403)
5 cycles
0/25
1,000 h 1,000 h 1,000 h 2h
0/25 0/25 0/25 0/10
Failure Criteria
Items
Radiant Intensity Forward Voltage Reverse Current Cosmetic Appearance
Symbols
IE VF IR -
Conditions
IF Value of each product Radiant Intensity IF Value of each product Forward Voltage VR = Maximum Rated Reverse Voltage V -
Failure criteria
Testing Min. Value Initial Value x 0.5 Testing Max. Value Spec. Max. Value x 1.2 Testing Max. Value Spec. Max. Value x 2.5 Occurrence of notable decoloration, deformation and cracking
2007.8.31
Page 9
AN1102W
Surface Mount IRED/Inner Lens Type
Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products that have been described to this catalog are manufactured so that they will be used for the electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument). The application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong operation might influence the life or the human body. Please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument. 5) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 7) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com
2007.8.31
Page 10


▲Up To Search▲   

 
Price & Availability of AN1102W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X