Part Number Hot Search : 
CEPC105 EP1576 F0918 TG9025 1117G A5800410 16N50 CXP5084
Product Description
Full Text Search
 

To Download AL-513RGBW-C-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round Diff No.002 TypeLED Lamps
Package Dimension:
Red Common Cathode Blue Green
Notes: 1. All dimensions are in millimeter. 2. An epoxy meniscus may extend about. 1.5mm(0.059") down to the lead. 3. Tolerances unless Dimension 0.25mm.
Features
Choice of various viewing angles. Available on Tape and Reel. Reliable and robust.
Descriptions
The series is specially designed for application requiring higher brightness. The LED lamps are available with different color, intensities, epoxy colors etc.
Applications
TV set Monitor Telephone
1
2008/6/10
x
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round
Chip Material
AlGaInP AL-513RGBW-C-002 InGaN InGaN
Diff No.002 TypeLED Lamps
Lens Color
LED Parts P/N.
Emitted Color
Super Red Super Green Super Blue
White Diffused
Absolute Maximum Ratings at Ta=25
Parameter Continuous Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current Duty 1/10@1KHz Reverse Voltage Symbol IF Topr Tstg Tsol ESD PD IFPeak VR Rating Red 30 -40~+85 -40~+85 Green 30 Blue 30 Unit mA V mW mA V
-20~+80 -30~+100 2605 1000 120 100 5
2
2008/6/10
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
Parameter Luminous Intensity
AL-513RGBW-C-002 Round
Color Symbol Min. Red Green Blue Red 21/2 IV 420 700 140
Diff No.002 TypeLED Lamps
Typ. Max. Unit Condition 600 1000 200 mcd IF=20mA
Electronic Optical Characteristics :
Viewing Angle
Green Blue Red
45 630 525 472 625 520 470 20 30 35 2.0 3.5 3.5
deg
---
p d VF
2.4 4.0 4.0 V IF=20mA nm IF=20mA nm IF=20mA nm IF=20mA
Peak Wavelength
Green Blue Red
Dominant Wavelength
Green Blue Red
Spectrum Radiation Bandwidth
Green Blue Red
Forward Voltage
Green Blue Red
Reverse Current
Green Blue
IR
10
A
VR=5V
3
2008/6/10
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round Diff No.002 TypeLED Lamps
Reliability test items and conditions :
The reliability of products shall be satisfied with items listed below. Confidence level: 90% LTPD: 10% Test Sample NO ITEM Test Conditions Ac/Re hours/cycle Q'ty 1 Solder Heat Temp2605 H+100 15min 2 Temperature Cycle 5min 50 cycles 22 pcs 0/1 5 sec 22 pcs 0/1
L-40 15min H+100 15min 3 Thermal Shock 10sec 50 cycles 22 pcs 0/1
L-10 15min 4 5 6 7 High Temperature Storage Low Temperature Storage DC Operating Life High Temperature High Humidity Temp100 Temp-40 IF=20mA 8585%RH 1000 hrs 1000 hrs 1000 hrs 1000 hrs 22 pcs 22 pcs 22 pcs 22 pcs 0/1 0/1 0/1 0/1
4
2008/6/10
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round Diff No.002 TypeLED Lamps
Typical electro-optical characteristics curves :
The data typical and the value are not guaranteed.
5
2008/6/10
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round Diff No.002 TypeLED Lamps
Typical electro-optical characteristics curves :
The data typical and the value are not guaranteed.
6
2008/6/10
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm AL-513RGBW-C-002 Round Diff No.002 TypeLED Lamps
Typical electro-optical characteristics curves :
The data typical and the value are not guaranteed.
7
2008/6/10


▲Up To Search▲   

 
Price & Availability of AL-513RGBW-C-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X