Part Number Hot Search : 
56BC1 Z5234 LR112012 M3201 74279203 YM26B 83C51 1A330
Product Description
Full Text Search
 

To Download ACTZTTCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT ZTTCC SMD Resonators
The ACT ZTTCC family of Ceramic SMD Resonators offers a cost effective solution for applications requiring good stability over a wide temperature range, together with accuracy to 0.5%.
Specification
Part Type/ Number Frequency Range MHz Test IC Vdd Frequency accuracy @25C (%) 1.8 ~ 2.4 2.4 ~ 8.0 Stability over temp. range (-20 +80C)(%) Aging over 10 years (%) Internal Cap. (pF) C1 & C2 33/20 INTERNAL 22/20 INTERNAL
ZTTCC MG
CD4069UBE x 2
+5V
0.5
0.3
0.3
Pad surface material Sn over Sn/Cu/Ag
P2 P1
P2
Important note when using Ceramic resonators with micro controllers: Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too great to be able to be practically shown in a data sheet. However, these parameters can be critical when the resonators are used with micro controllers. Even if two different resonators appear to have the same specification the typical values of these critical parameters can be considerably different. When enquiring about resonators for use with micro controllers it is important to supply the make and part number of the IC to be used and/or the list of recommended resonators, if this is given.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Issue : 9 C1r Date : 01/108/07
http://www.actcrystals.com
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT ZTTCC SMD TAPE AND REEL / SOLDERING INFORMATION
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Issue : 9 C1r Date : 01/108/07
http://www.actcrystals.com


▲Up To Search▲   

 
Price & Availability of ACTZTTCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X