Part Number Hot Search : 
MAX68 6KE30A IMD3A DMF09RF 54ACT174 DTC14 ZX84C10 120EI
Product Description
Full Text Search
 

To Download ACTZTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT ZTB Through Hole Resonators
The ACT ZTB family of Ceramic Through Hole Resonators offers a cost effective solution for applications requiring good stability over a wide temperature range, together with accuracy.
Specification
Part Type/ Number Frequency range KHz Frequency accuracy @25C Resonant imp. (W) Stability over temp. range (-20 +80C)(%) Aging over 10 years (%) C1 Ext. Capacitance (pF) C2
190 ~ 249 1KHz 250 ~ 374 1KHz 375 ~ 429 2KHz 430 ~ 509 2KHz 510 ~ 699 2KHz 700 ~ 1000 0.5% 1001 ~ 1250 0.5% Vibration Mode: Area vibration
ZTB
<20 <20 <20 <20 <30 <70 <100
0.3 0.3 0.3 0.3 0.3 0.3 0.3
0.3 0.3 0.3 0.3 0.3 0.3 0.3
330 220 120 100 100 100 100
470 470 470 100 100 100 100
Dimensions Type No. mm ZTB
Freq. (KHz) 190 ~ 249 250 ~ 374 375 ~ 410 411 ~ 699 700 ~ 1250
Tolerance
H 14.7 12.2 9.3 9.0 6.3
+/-0.5
W 13.5 11.0 7.9 7.0 5.1
+/-0.5
D 3.8 3.8 3.6 3.5 2.3
+/-0.5
P 10.0 7.7 5.0 5.0 2.5
+/-0.5
L 8.0 7.0 7.7 4.0~6.0 4.0
+/-0.5
T2/T3 0.9/0.15 0.9/0.15 0.9/0.15 0.9/0.23 0.7/0.23
+/-0.1 / +/-0.05
Important note when using Ceramic resonators with micro controllers Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too great to be able to be practically shown in a data sheet. However these parameters can be critical when the resonators are used with micro controllers. Even if two different resonators appear to have the same specification the typical values of these critical parameters can be considerably different. When enquiring about resonators for use with micro controllers it is important to supply the make and part number of the IC to be used and/or the list of recommended resonators if this is given.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK Issue :7 C1r http://www.actcrystals.com Date :17/08/06


▲Up To Search▲   

 
Price & Availability of ACTZTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X