Part Number Hot Search : 
TLYE17T PD3012 M5M5256 SE125 IZ74LV04 010LF IDT71024 WJ176
Product Description
Full Text Search
 

To Download ACT711S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT711S
The ACT711S is an ultra thin, plastic moulded package with a maximum height of 1.4 mm. The package contains a highly reliable cylinder type quartz crystal and is ideally suitable for automatic insertion, especially where PCB component mounting space is at a premium. Applications include Wireless Communications Equipment, Pagers, PDAs, Cellular Phones, Portable applications, and a variety of clock sources.
Specification
Parameter
Frequency Range Frequency Tolerance Frequency v Temperature @25C Turnover Temperature Temp. Coefficient Temp Operating Range Temp Storage Range Equivalent Series Resistance Shunt Capacitance Load Capacitance Drive Level Aging Reflow Profile Symbol fo f/fo TC Tp K Topr Tstg ESR C0 CL DL max Fa Tsol
Specification
32.768KHz 20ppm / 50ppm See Drawing +25C 5C (-3.51.0) x 10-8/C -40 ~+85C -55 ~ +125C 65K max 0.8pF typical 7.0pF / 12.5pF 1.0W ( 0.1W Recommended ) 3ppm max 25C 3C, First Year 260C max x 5 secs x 2 times (max IR reflow)
0.3 0.55
#1
7.0 max 6.7
0.6
#3
1.5 max
#2
0.3 0.4 0.2 1.2 5.1 1.2
0.4 0.2
#1 #4
#2 #3
Suggested Footprint
1.4 max
Dimensions in mm
Temperature C -20 -10 0 -10 -20 -30 -40 -50 -60
f/f (ppm)
0 +10 +20 +30 +40 +50 +60
Pad Plating Material SnBi
Typical Temperature Characteristics
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency Tolerance, Load Capacitance In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 6 A3 Date: 14/09/05
1 of 4
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT711S TAPE & REELING SPECIFICATION
Standard Reel Quantity 3.000
MATERIAL Tape Reel A_PET Cardboard
ORIENTATION IN CARRIER TAPE
LAYOUT OF TAPE
No Components 20 Pockets Minimum Cover Tape Leader 150mm Minimum Start of carrier tape bent vertically and hooked into reel slot.
COVER TAPE OVERLAP
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 6 A3 Date: 14/09/05
2 of 4
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT711S TAPE & REELING SPECIFICATION cont'd
PEEL STRENGTH Using method below the force to start the tape peeling with a pull speed of 30010 mm/min shall be 0.1~1.3N.
REEL DIMENSIONS (mm)
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 6 A3 Date: 14/09/05
3 of 4
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT711S TAPE & REELING SPECIFICATION cont'd
CARRIER TAPE DIMENSIONS (mm)
ACT711S REFLOW SOLDERING PROFILE
Temperatures are PCB temperatures.
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 6 A3 Date: 14/09/05
4 of 4


▲Up To Search▲   

 
Price & Availability of ACT711S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X