Part Number Hot Search : 
MC339 02000 BZX3VX FKPF2N80 UC2635DW IX4R11 UPD75 CR2424
Product Description
Full Text Search
 

To Download AAT280607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications General Description
The AAT2806 is a dual charge pump designed to support both the white LED backlight and flash applications for systems operating with lithium-ion/polymer batteries. The backlight charge pump is capable of driving up to four LEDs at a total of 80mA. The current sinks may be operated individually or in parallel for driving higher current LEDs. To maximize power efficiency, the charge pump operates in 1X, 1.5X, or 2X mode, where the mode of operation is automatically selected by comparing the forward voltage of each LED with the input voltage. AnalogicTech's S2CwireTM (Simple Serial ControlTM) serial digital input is used to enable, disable, and set current for each LED with an eight-level logarithmic scale plus four low-current settings down to 50A for optimized efficiency, with a typical operating quiescent current of less than 50A. The flash charge pump is a charge pump doubler with a regulated output voltage. It is designed to deliver 120mA of continuous current and up to 250mA of pulsed current. It has an independent enable pin for improved power savings. The AAT2806 has thermal protection and built-in softstart circuitry. A low-current shutdown feature disconnects the load from VIN and reduces quiescent current to less than 1A. The AAT2806 is available in a Pb-free, space-saving, thermally-enhanced TDFN44-16 package and is rated over the -40C to +85C temperature range.
Features
* * *
ChargePumpTM
*
* * * * *
VIN Range: 2.7V to 5.5V Dual Charge Pump to Support Backlight and Flash LEDs Backlight Charge Pump: -- Regulated Current -- Four Current Sink Inputs -- S2Cwire Brightness Control -- Tri-Mode Charge Pump -- Maximum 20mA of Current Per Input -- Low IQ (50A) in Light Load Mode Flash Charge Pump: -- Regulated Output Voltage -- Up to 250mA of Pulsed Current Independent Backlight/Flash Control Low Noise 1MHz Constant Frequency Operation Automatic Soft Start No Inductors Available in TDFN44-16 Package
Applications
* * * Color (RGB) Lighting White LED Backlighting White LED Photo Flash
Typical Application
C1 1F C2 1F C3 1F
C1+ C1- C2+ C2- C3+ C3VOUT_FL VIN VIN COUT 1F
VOUT_FLASH Flash
AAT2806
CIN 1F VOUT_BL
Backlight
D1 EN/SET EN_FLSH EN/SET EN_FLSH D1 D2 D3 D4
D2
D3
D4
COUT 1F
GND
2806.2007.09.1.9
1
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Pin Descriptions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 EP
Symbol
C3C3+ VOUT_FL VIN D4 D3 D2 D1 GND EN/SET C1+ C1VOUT_BL C2+ C2EN_FLSH
Function
Flying capacitor 3 negative terminal. Flying capacitor 3 positive terminal. Connect a 1F capacitor between C3+ and C3-. Regulated output voltage for the flash LED. Requires 1F capacitor connected between this pin and ground. Input power supply. Requires 1F capacitor connected between this pin and ground. Current sink input 4. Current sink input 3. Current sink input 2. Current sink input 1. Ground. S2Cwire serial interface control pin. It is used to enable/disable the backlight charge pump and to control the brightness of the white LEDs. Flying capacitor 1 positive terminal. Connect a 1F capacitor between C1+ and C1-. Flying capacitor 1 negative terminal. Regulated output voltage for the white LEDs. Requires 1F capacitor connected between this pin and ground. Flying capacitor 2 positive terminal. Connect a 1F capacitor between C2+ and C2-. Flying capacitor 2 negative terminal. Enable/disable pin for the flash charge pump. Exposed paddle (bottom); connect to GND directly beneath package.
Pin Configuration
TDFN44-16 (Top View)
C3C3+ VOUT_FL VIN D4 D3 D2 D1
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
EN_FLSH C2C2+ VOUT_BL C1C1+ EN/SET GND
2
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Absolute Maximum Ratings1
Symbol
VIN VEN/SET; EN_FL TLEAD
Description
Input Voltage EN/SET; EN_FL to GND Voltage Maximum Soldering Temperature (at leads, 10 sec)
Value
-0.3 to 6.0 -0.3 to VIN + 0.3 300
Units
V V C
Thermal Information2
Symbol
PD JA
Description
Maximum Power Dissipation Maximum Thermal Resistance
3
Value
2.0 50
Units
W C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3. Derate 6.25mW/C above 25C. 2806.2007.09.1.9
3
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Electrical Characteristics1
VIN = 3.6V; CIN = COUT = C1 = C2 = C3 = 1.0F; TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C. Symbol
VIN
Description
Operation Range
Conditions
Min Typ Max Units
5.5 1 3.0 3.7 A 4.5 1.0 10 mA A % % 4.68 V 4.7 mA s MHz V V s ns s s s A mA V
Input Power Supply
ICC
ISHDN IDX I(D-Match) RSINK VOUT_FL
IOUT_FL TSS FCLK VEN(L) VEN(H) TEN/SET LO TEN/SET_HI_MIN TEN/SET_HI_MAX TOFF TLAT II
2.7 1X Mode, 3.0 VIN 5.5, Active, No Load 0.3 Current; EN_FLSH = GND, EN/SET = VIN 1.5X Mode, 3.0 VIN 5.5, Active, No Load 1.0 Current; EN_FLSH = GND, EN/SET = VIN 2X Mode, 3.0 VIN 5.5, Active, No Load Operating Current 2.0 Current; EN_FLSH = GND, EN/SET = VIN EN_FLSH = GND, 50A Output Setting, 50 1X Mode 3.0 VIN 5.5, No Load Current; 2.0 EN_FLSH = VIN, EN/SET = GND Shutdown Current EN_FLSH = EN/SET = 0 2, 3 Input Current Accuracy ISET = 20mA and ISET = 4.1mA; TA = 25C -10 Current Matching Between Any VD1:D4 = 3.6V, VIN = 3.5V 0.5 Two Current Sink Inputs2, 4 Sink Switch Impedance (each)2 7 3.0V < VIN < 5V, IOUT = 100mA; 4.32 4.5 Flash Charge Pump Output EN_FLSH = VIN 3.0V < VIN < 5V, IOUT = 150mA; Voltage5 4.3 4.5 EN_FLSH = VIN Maximum Continuous IOUT5 VIN = 3.6V; VOUT = 4.5V; EN_FLSH = VIN 120 Maximum Pulsed IOUT5 VIN = 3.6V; VOUT = 4.5V; IPULSED < 500ms 250 Soft-Start Time 100 Clock Frequency 1.0 Enable Threshold Low Enable Threshold High 1.4 EN/SET Low Time 0.3 Minimum EN/SET High Time 50 Maximum EN/SET High Time EN/SET Off Timeout EN/SET Latch Timeout Enable and EN/SET Input -1.0 Leakage
0.4 75 75 500 500 1.0
1. The AAT2806 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. Specification applies only to the tri-mode charge pump. 3. Determined by the average of all active channels. 4. Current matching is defined as the deviation of any sink current from the average of all active channels. 5. Specification applies only to the charge pump doubler.
4
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Typical Characteristics- Flash Driver Charge Pump Section
Output Voltage vs. Output Current
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
4.60
Maximum Current Pulse vs. Supply Voltage
(VOUT_FL = 4.5V; EN_FL = VIN; EN/SET = GND)
Maximum Current Pulse (mA)
450 400 350 300 250 200 150 100 50 0 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Output Voltage (V)
One-shot pulse duration = 250ms VOUT > 4.0V
4.56 4.52 4.48
3.6V
3.0V
4.44
3.3V
2.7V
4.40 0.1 1.0 10.0 100.0 1000.0
Output Current (mA)
Supply Voltage (V)
Load Response vs. Time
(50mA Load) VIN = 3.5V VOUT_FL (10mV/div) VOUT_FL (10mV/div)
Load Response vs. Time
(100mA Load) VIN = 3.5V
IOUT (20mA/div)
IOUT (50mA/div)
Time (5ms/div)
Time (5ms/div)
Output Ripple Voltage vs. Time
(IOUT = 50mA @ VIN = 3.5V) VIN (10mV/div) VOUT (10mV/div) VIN (10mV/div) VOUT (20mV/div)
Output Ripple Voltage vs. Time
(IOUT = 100mA @ VIN = 3.5V)
IIN (10mA/div)
IIN (10mA/div)
Time (500ns/div)
Time (500ns/div)
2806.2007.09.1.9
5
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Typical Characteristics- Flash Driver Charge Pump Section
Supply Current vs. Supply Voltage
IOUT = 0A C3 = 1F VEN_FL = VIN
Oscillator Frequency vs. Supply Voltage
Oscillator Frequency (MHz)
1.30
3.00
Supply Current (mA)
2.75 2.50 2.25 2.00 1.75 1.50 1.25 1.00 2.5
1.25
+25C
1.20
+85C -40C
1.15
1.10 2.7 3.2 3.7 4.2 4.7
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
Supply Voltage (V)
6
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Typical Characteristics- White LED Backlight Driver Section
Turn-On to 1X Mode
(VIN = 4.2V; 20mA Load)
Turn-On to 1.5X Mode
(VIN = 3.5V; 20mA Load)
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div) Time (100s/div)
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div)
Time (100s/div)
Turn-On to 2X Mode
(VIN = 2.8V; 20mA Load) EN (2V/div) VF (1V/div)
Turn-Off from 1.5X Mode
(VIN = 3.5V; 20mA Load)
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div)
IIN (100mA/div)
Time (100s/div)
Time (500s/div)
Efficiency vs. Supply Voltage
100 10mA VF = 3.1V 90 20mA VF = 3.4V 20.4 20.2
Current Matching vs. Temperature
Channel 2 Channel 4 Channel 3 Channel 1
Efficiency (%)
Current (mA)
20.0 19.8 19.6 19.4 19.2 19.0
80
70
60
50 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
-40
-20
0
20
40
60
80
Supply Voltage (V)
Temperature (C)
2806.2007.09.1.9
7
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Typical Characteristics- White LED Backlight Driver Section
Load Characteristics
(VIN = 3.7V; 1.5X Mode; 14mA Load)
Load Characteristics
(VIN = 2.7V; 2X Mode; 14mA Load)
VIN (40mV/div) CP (40mV/div)
VIN (40mV/div) CP (40mV/div)
VSINK (40mV/div)
VSINK (40mV/div)
Time (500ns/div)
Time (500ns/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 20mA Load)
Load Characteristics
(VIN = 2.9V; 2X Mode; 20mA Load)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
Time (500ns/div)
Time (500ns/div)
EN/SET Latch Timeout vs. Input Voltage
EN/SET Latch Timeout (s)
350 400
EN/SET Off Timeout vs. Input Voltage
EN/SET Off Timeout (s)
300 250 200 150 100 50 0 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
350 300 250 200 150 100 50 0 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40C
-40C
25C
85C
25C
85C
Input Voltage (V)
Input Voltage (V)
8
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Typical Characteristics- White LED Backlight Driver Section
Input Ripple vs. Input Voltage
Enable Threshold High (V)
18 16 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Enable Threshold High vs. Input Voltage
Amplitude (mV)
14 12 10 8 6 4 2 0 2.50 2.67 2.84 3.01 3.18 3.35 3.52 3.69 3.86 4.03 4.20
-40C
20mA
25C
85C
10mA
Input Voltage (V)
Input Voltage (V)
Enable Threshold Low vs. Input Voltage
Enable Threshold Low (V)
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40C
25C
85C
Input Voltage (V)
2806.2007.09.1.9
9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Functional Block Diagram
C3+
Soft-Start
C3-
EN_FLSH
1MHz Oscillator
2X Charge Pump
VOUT_FLSH
VIN
VREF Soft-Start Control 1MHz Oscillator Voltage Reference D/A 6 x 16 Bit ROM D/A D/A 1X 1.5X 2X Charge Pump
C1+ C1C2+ C2VOUT_BL D1 D2 D3 D4 GND
EN/SET
Control Logic
6 x 16 Bit ROM
D/A
Functional Description
The AAT2806 is a dual charge pump designed for flash and white LED applications. The backlight charge pump is a tri-mode load switch (1X) and high efficiency (1.5X or 2X) charge pump device. To maximize power conversion efficiency, an internal sensing circuit monitors the voltage required on each constant current sink input and sets the load switch and charge pump modes based on the input battery voltage and the current sink input voltage. As the battery voltage discharges over time, the white LED charge pump is enabled when any of the four current sink
inputs near dropout. The charge pump initially starts in 1.5X mode. If the charge pump output drops enough for any current source output to become close to dropout, the charge pump will automatically transition to 2X mode. The four constant current sink inputs D1 to D4 can drive four individual LEDs with a maximum current of 20mA per LED. The unused sink inputs must be connected to VOUT_BL; otherwise, the part will operate only in 2X charge pump mode. The S2Cwire serial interface enables and sets the constant current sink magnitudes. S2Cwire addressing allows the LED main channels D1 to D3 to be controlled independently from the LED sub-channel D4.
10
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications
The flash charge pump is a charge pump doubler with regulated output voltage. It is designed to deliver 120mA of continuous current and 250mA of pulsed current. The AAT2806 requires six external components: three 1F ceramic capacitors for the charge pump flying capacitors (C1, C2, and C3), one 1F ceramic input capacitor (CIN), one 0.33F to 1F ceramic capacitor for the backlight charge pump output capacitor (COUT), and one 1F ceramic capacitor for the flash charge pump output capacitor (COUT). IOUT (mA) D1-D3 Sub-Group D4
20 14 10 7 20 14 10 7 0 0 0 0 0.05 0.5 1 2 20 14 10 7 0 0 0 0 20 14 10 7 0.05 0.5 1 2
Data
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Constant Current Output Level Settings
The constant current level for the LED channels is set via the S2Cwire serial interface (see Table 1). Because the inputs D1 to D4 are true independent constant current sinks, the voltage observed on any single given input will be determined by the difference between VOUT and the actual forward voltage (VF) of the LED being driven. Since the constant current levels are programmable, no PWM (pulse width modulation) or additional control circuitry is needed to control LED brightness. This feature greatly reduces the burden on a microcontroller or system IC to manage LED or display brightness, allowing the user to "set it and forget it." With its high-speed serial interface (>1MHz data rate), the LED current drive can be changed successively to brighten or dim LEDs, in smooth transitions (e.g., to fade-out) or in abrupt steps, giving the user complete programmability and realtime control of LED brightness. The AAT2806 offers an additional Low Current mode with reduced quiescent current (Data 13 to 16). This mode is especially useful for low-current applications where a continuous, low-current state is maintained. The reduction in quiescent current significantly reduces the impact due to maintaining a continuous backlighting state.
Table 1: Constant Current Programming Levels.
S2Cwire Serial Interface
The current sink input magnitude on the backlight charge pump is controlled by AnalogicTech's S2Cwire serial digital input. The interface relies on the number of rising edges of the EN/SET pin to address and load the registers. S2Cwire latches data or address after the EN/SET pin has been held high for time TLAT. The interface records rising edges of the EN/SET pin and decodes them into 16 different states, as indicated in Table 1. There are four brightness levels for the main or sub-display group with the possibility of individually turning ON or OFF each group. To further optimize power efficiency, the device also offers four low-current levels for dim LED operation (Data 13 to 16). During this low-current mode, the internal supply current reduces to only 50A typical. The counter can be clocked at speeds up to 1MHz, such that intermediate states are not visible. The first rising edge of EN/SET enables the IC and initially sets the output LED current to 20mA. Once the final clock cycle is input for the desired brightness level, the EN/SET pin is held high to maintain the device output current at the programmed level. The device is disabled 500s (TOFF) after the EN/SET pin transitions to a logic low state.
2806.2007.09.1.9
11
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications
S2Cwire Serial Interface Timing Diagram
T HI TLO TLAT TOFF
EN/SET
1 2 n-1 n 16
Data Reg
0
n
0
Disabled Current Sinks
The backlight charge pump is equipped with an auto-disable feature to protect against an LED failure condition. Current sink inputs that are not used should be disabled. To disable and properly terminate unused current sink inputs, they must be tied to VOUT. If left unconnected or terminated to ground, the part will be forced to operate in 2X charge pump mode. Properly terminating unused current sink inputs is important to prevent the charge pump modes from activating prematurely. When properly terminated, only a small sense current flows for each disabled channel. The sense current for each disabled channel is less than 10A.
In some instances (e.g., in high-luminous-output applications such as photo-flash), it may be necessary to drive high-VF type LEDs. The low-dropout current-sinks in the AAT2806 make it capable of driving LEDs with forward voltages as high as 4.3V at full current from an input supply as low as 3.0V. Outputs can be paralleled to drive high-current LEDs without complication.
Device Switching Noise Performance
The AAT2806 operates at a fixed frequency of approximately 1MHz to control noise and limit harmonics that can interfere with the RF operation of cellular telephone handsets or other communication devices. Back-injected noise appearing on the input pin of the charge pump is 20mV peak-to-peak, typically ten times less than inductor-based DC/DC boost converter white LED backlight solutions. The AAT2806 soft-start feature prevents noise transient effects associated with inrush currents during start-up of the charge pump circuit.
Applications Information
LED Selection
The AAT2806 is specifically intended for driving white LEDs. However, the device design will allow the AAT2806 to drive most types of LEDs with forward voltage specifications ranging from 2.0V to 4.3V. LED applications may include main display backlighting, camera photo-flash applications, color (RGB) LEDs, infrared (IR) diodes for remotes, and other loads benefiting from a controlled output current generated from a varying input voltage. Since the D1 to D4 input current sinks are matched with negligible voltage dependence, the LED brightness will be matched regardless of the specific LED forward voltage (VF) levels.
Capacitor Selection
Careful selection of the six external capacitors CIN, C1, C2, C3, and COUT (for backlight and flash) is important because they will affect turn-on time, output ripple, and transient performance. Optimum performance will be obtained when low equivalent series resistance (ESR) ceramic capacitors are used. In general, low ESR may be defined as less than 100m. A value of 1F for all six capacitors is a good starting point when choosing capacitors.
12
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT2806. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lowest cost, has a smaller PCB footprint, and is non-polarized. Low ESR ceramic capacitors help maximize charge pump transient response. Since ceramic capacitors are non-polarized, they are not prone to incorrect connection damage.
Charge Pump Power Efficiency
Backlight Charge Pump: The charge pump efficiency discussion in the following sections only accounts for the efficiency of the charge pump section itself. Due to the unique circuit architecture, it is very difficult to measure efficiency in terms of a percent value comparing input power over output power. Since the outputs are pure constant current sinks and typically drive individual loads, it is difficult to measure the output voltage for a given output (D1 to D4) to derive an overall output power measurement. For any given application, white LED forward voltage levels can differ, yet the output drive current will be maintained as a constant. This makes quantifying output power a difficult task when taken in the context of comparing to other white LED driver circuit topologies. A better way to quantify total device efficiency is to observe the total input power to the device for a given LED current drive level. The best white LED driver for a given application should be based on trade-offs of size, external components count, reliability, operating range, and total energy usage...not just "% efficiency." Efficiency of the AAT2806 may be quantified under very specific conditions and is dependent upon the input voltage versus the output voltage seen across the loads applied to outputs D1 through D4 for a given constant current setting. Depending on the combination of VIN and voltages sensed at the current sinks, the device will operate in load switch mode. When any one of the voltages sensed at the current sinks nears dropout, the device will operate in 1.5X or 2X charge pump mode. Each of these modes will yield different efficiency values. Refer to the following two sections for explanations for each operational mode. Load Switch Mode Efficiency: The load switch mode is operational at all times and functions alone to enhance device power conversion efficiency when VIN is greater than the voltage across the load. When in load switch mode, the voltage conversion efficiency is defined as output power divided by input power:
Equivalent Series Resistance
ESR is an important characteristic to consider when selecting a capacitor. ESR is a resistance internal to a capacitor that is caused by the leads, internal connections, size or area, material composition, and ambient temperature. Capacitor ESR is typically measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors (i.e., greater than 2.2F) are often available in lowcost Y5V and Z5U dielectrics, but capacitors greater than 1F are not typically required for AAT2806 applications. Capacitor area is another contributor to ESR. Capacitors that are physically large will have a lower ESR when compared to an equivalent material smaller capacitor. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size.
Thermal Protection
The AAT2806 has a thermal protection circuit that will shut down the two charge pumps if the die temperature rises above the thermal limit.
=
POUT PIN
2806.2007.09.1.9
13
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications
The expression to define the ideal efficiency () can be rewritten as:
POUT VOUT x IOUT VOUT = = PIN VIN x IOUT VIN
=
-or VOUT VIN
For a charge pump with an output of 5V and a nominal input of 3.5V, the theoretical efficiency is 95%. Due to internal switching losses and IC quiescent current consumption, the actual efficiency can be measured at 93%. These figures are in close agreement for output load conditions from 1mA to 100mA. Efficiency will decrease as load current drops below 0.05mA or when the level of VIN approaches VOUT. Flash Charge Pump: The flash charge pump is a regulated output voltage doubling charge pump. The efficiency is defined as a linear voltage regulator with an effective output voltage that is equal to two times the input voltage. The expression to define the ideal efficiency can be written as:
POUT VOUT x IOUT VOUT = = PIN VIN x 2.0IOUT 2.0VIN
(%) = 100
Charge Pump Mode Efficiency: Fractional charge pumps will boost the input supply voltage in the event where VIN is less than the voltage required on the constant current source outputs. The efficiency () can be simply defined as a linear voltage regulator with an effective output voltage that is equal to one and a half or two times the input voltage. Efficiency () for an ideal 1.5X charge pump can typically be expressed as the output power divided by the input power:
=
-or VOUT 2.0VIN
(%) = 100
=
POUT PIN
In addition, with an ideal 1.5X charge pump, the output current may be expressed as 2/3 of the input current. The expression to define the ideal efficiency () can be rewritten as:
VOUT x IOUT VOUT POUT = = PIN VIN x 1.5IOUT 1.5VIN
=
For a charge pump with an output of 5V and a nominal input of 3V, the theoretical efficiency is 83.3%. Due to internal switching losses and IC quiescent current consumption, the actual efficiency can be measured at approximately 82%. Efficiency will decrease as the level of VIN approaches that of the regulated VOUT. Refer to the device typical characteristics curves for expected actual efficiency based on either input voltage or load current.
-or VOUT 1.5VIN
(%) = 100
14
2806.2007.09.1.9
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications Ordering Information
Package
TDFN44-16
Marking1
NPXYY
Part Number (Tape and Reel)2
AAT2806IXN-4.5-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
TDFN44-16
Index Area (D/2 x E/2) Detail "B"
4.00 0.05
3.30 0.05
0.3 0.10 0.16
0.375 0.125
0.075 0.075 0.1 REF Detail "A"
Top View
Bottom View
Pin 1 Indicator (optional)
7.5 7.5
+ 0.05 0.8 -0.20
0.229 0.051
Detail "B"
Option A: C0.30 (4x) max Chamfered corner Option B: R0.30 (4x) max Round corner
0.05 0.05
Side View Detail "A"
All dimensions in millimeters.
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD. 2806.2007.09.1.9
0.23 0.05
0.45 0.05
4.00 0.05
2.60 0.05
15
AAT2806
Dual High Efficiency Charge Pump for White LED and Flash Applications
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Advanced Analogic Technologies, Inc.
3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737- 4600 Fax (408) 737- 4611 16
2806.2007.09.1.9


▲Up To Search▲   

 
Price & Availability of AAT280607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X