Part Number Hot Search : 
D471K SE540L S6530MG W6631CS 1N4739 AD8842AR 351307 10X10
Product Description
Full Text Search
 

To Download 65-21-GVC-AK2M1Z-3AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet Mini Top LEDs (Reverse Gull Wing) (Preliminary)
65-21/GVC-AK2M1Z/3AA
Features
White SMT package. Optical indicator. Wide viewing angle. Soldering methods: IR reflow soldering. Available on tape and reel. Pb-free The product itself will remain within RoHS compliant version.
Descriptions
The 65-21 series is available in soft orange, green, blue, and yellow. Due to the package design, the LED has wide viewing angle and optimized light coupling by inter reflector. Besides, LED is mounted top down and emits through the PCB. This feature makes the SMT TOP LED ideal for light pipe application.
Applications
Optical indicators. Coupling into light guides. Backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising, general lighting). Coupling into light guides; Interior automotive lighting (e.g. dashboard backlighting, etc.).
Device Selection Guide
Chip Emitted Color Material AlGaInP Green Water Clear Resin Color
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 1 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Package Outline Dimensions
Notes: All dimensions are in millimeters. Tolerances unspecified are 0.1mm.
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 2 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Absolute Maximum Ratings (Ta=25)
Parameter Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge(HBM) Operating Temperature Storage Temperature Soldering Temperature Symbol VR IF IFP Pd ESD Topr Tstg Tsol Rating 5 25 60 60 2000 -40 ~ +85 -40 ~ +90 Unit V mA mA mW V
Reflow Soldering : 260 for 10 sec. Hand Soldering : 350 for 3 sec.
Electro-Optical Characteristics (Ta=25)
Parameter
Luminous Intensity Viewing Angle
Symbol Iv 21/2 p d VF IR
Min. 9.0 --------563.5 -------------
Typ. ----120 568 ----20 2.0 -----
Max. 22.5 --------571.5 ----2.4 10
Unit mcd deg nm nm nm V A
Condition IF=10mA IF=10mA IF=10mA IF=10mA IF=10mA IF=10mA VR=5V
Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth
Forward Voltage
Reverse Current
Notes:
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 3 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Bin Range of Dominant Wavelength
Group Bin Code C13 A C14 C15 C16 Min 563.5 565.5 567.5 569.5 Max 565.5 567.5 569.5 571.5 mcd IF=10mA Unit Condition
Bin Range of Luminous Intensity
Bin Code K2 L1 L2 M1 Min 9.0 11.5 14.5 18.0 Max 11.5 14.5 18.0 22.5 mcd IF=10mA Unit Condition
Notes:
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 4 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Typical Electro-Optical Characteristics Curves
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 5 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA Packing specification
Label explanation
(1) CPNCustomer's Production Number (2) P/NProduction Number (3) QTYPacking Quantity (4) CATLuminous Intensity Rank (5) HUEDom. Wavelength Rank (6) REFForward Voltage Rank (7) LOT NoLot Number
RoHS
Reel Dimensions
2.2 0.5
178.0 1.0
13.0 0.5
9.0 1.0 12.0 1.0
60.0 1.0
NoteTolerances unless dimension 0.1mm. Unit = mm
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 6 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Carrier Tape Dimensions; Loaded quantity per reel 3000 PCS/reel
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 7 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Reliability Test Items and Conditions
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
No. 1
Items Reflow Soldering
Test Condition Temp. : 2605 Min. 5sec. H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85%RH
Test Hours/Cycles 6 min
Sample Size 22 PCS.
Ac/Re 0/1
2
Temperature Cycle
300 Cycles
22 PCS.
0/1
3 4 5 6 7
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles
22 PCS. 22 PCS. 22 PCS. 22 PCS. 22 PCS.
0/1 0/1 0/1 0/1 0/1
1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 8 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
Precautions for Use
1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package: The LEDs should be kept at 30 or less and 90%RH or less. 2.3 After opening the package: The LED's floor life is 1 year under 30 or less and 60% RH or less. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment: 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
1~5 C / Sec. 260C. Max. 10 Sec. Max. 1~5 C / Sec. Pre-heating 180~200C 60 Sec. Max. Above 220C
120 Sec. Max.
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board. 4. Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder.
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 9 of 10
Prepared by: Ray Yuan
EVERLIGHT ELECTRONICS CO., LTD.
65-21/GVC-AK2M1Z/3AA
5. Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device No.:
http://www.everlight.com Prepared date: 30-Apr-2007
Rev. 3
Page: 10 of 10
Prepared by: Ray Yuan


▲Up To Search▲   

 
Price & Availability of 65-21-GVC-AK2M1Z-3AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X