|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
30D Vishay Sprague Aluminum Capacitors + 105 C, Miniature, Axial Lead, General Purpose FEATURES * Long life * High performance Fig.1 Component outline * High CV per case size * Case sizes to 0.709" [18.0 mm] diameters QUICK REFERENCE DATA DESCRIPTION Nominal case size O D x L in mm Operating temperature Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Termination VALUE 0.248" x 0.512" [6.3 x 13.0] to 0.709" x 1.574" [18.0 x 40.0] - 40 C to + 105 C 1 F to 4700 F 20 % 3 WVDC to 250 WVDC axial leads 2000 hours: CAP 20 % from initial measurement. ESR 1.5 x initial specified limit. DCL initial specified limit. 500 hours: CAP 20 % from initial measurement. ESR 1.5 x initial specified limit. DCL 2.0 x initial specified limit. 3 WVDC to 16 WVDC: I = 0.1 CV + 2 DC leakage current 25 WVDC to 250 WVDC: I = 0.2 CV + 2 I in A, C in F, V in Volts RIPPLE CURRENT MULTIPLIERS TEMPERATURE AMBIENT TEMPERATURE + 105 C + 85 C 65 C FREQUENCY (Hz) WVDC 3 - 50 51 - 250 50 - 60 0.9 0.8 100 - 120 1.0 1.0 300 - 400 1.1 1.3 1K - 100K 1.4 1.6 MULTIPLIERS 0.5 1.0 2.0 Life validation test at 105 C Shelf life at 85 C DIMENSIONS in inches [millimeters] CASE CODE BA BB CB CC DC DD DF DH EF EH FH FK GH GK LS NOMINAL D 0.248 [6.300] 0.248 [6.300] 0.315 [8.000] 0.315 [8.000] 0.374 [9.500] 0.374 [9.500] 0.374 [9.500] 0.374 [9.500] 0.433 [11.000] 0.433 [11.000] 0.492 [12.500] 0.492 [12.500] 0.630 [16.000] 0.630 [16.000] 0.709 [18.000] L 0.512 [13.000] 0.689 [17.500] 0.689 [17.500] 0.807 [20.500] 0.807 [20.500] 0.945 [24.000] 1.260 [32.000] 1.496 [38.000] 1.260 [32.000] 1.496 [38.000] 1.496 [38.000] 1.752 [44.500] 1.496 [38.000] 1.752 [44.500] 1.575 [40.000] D (max.) 0.276 [7.000] 0.276 [7.000] 0.339 [8.600] 0.339 [8.600] 0.402 [10.200] 0.402 [10.200] 0.402 [10.200] 0.402 [10.200] 0.465 [11.800] 0.465 [11.800] 0.516 [13.100] 0.516 [13.100] 0.654 [16.600] 0.654 [16.600] 0.736 [18.700] STYLE 2 L (max.) 0.567 [14.400] 0.756 [19.200] 0.756 [19.200] 0.878 [22.300] 0.878 [22.300] 1.01 [25.500] 1.319 [33.500] 1.567 [39.800] 1.319 [33.500] 1.567 [39.800] 1.567 [39.800] 1.831 [46.500] 1.567 [39.800] 1.831 [46.500] 1.673 [42.500] STYLE 5 RESIN END SEAL APPLIED D (max.) 0.276 [7.000] 0.276 [7.000] 0.339 [8.600] 0.339 [8.600] 0.402 [10.200] 0.402 [10.200] 0.402 [10.200] 0.402 [10.200] 0.465 [11.800] 0.465 [11.800] 0.516 [13.100] 0.516 [13.100] 0.654 [16.600] 0.654 [16.600] 0.736 [18.700] L (max.) 0.626 [15.900] 0.815 [20.700] 0.815 [20.700] 0.937 [23.800] 0.937 [23.800] 1.063 [27.000] 1.378 [35.000] 1.626 [41.300] 1.378 [35.000] 1.626 [41.300] 1.626 [41.300] 1.890 [48.000] 1.626 [41.300] 1.890 [48.000] 1.693 [43.000] Document Number: 42041 Revision: 22-Jul-08 For technical questions, contact: aluminumcaps4@vishay.com www.vishay.com 485 30D Vishay Sprague ORDERING EXAMPLE Electrolytic capacitor 30D series: 30D 128 M 025 EH 2 A Aluminum Capacitors + 105 C, Miniature, Axial Lead, General Purpose DESCRIPTION CODE 30D 128 M 025 EH 2 A EXPLANATION product type capacitance value (1200 F) tolerance (M = 20 %) voltage rating at 105 C (024 = 25 V) can size (see dimensions table) sleeve and sealing (2 = P. V. C. sleeve) packaging (A = bulk) ELECTRICAL DATA AND ORDERING INFORMATION CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL [mm] 6.3 WVDC at + 105 C, SURGE = 8 V 150.0 330.0 1200.0 2200.0 4700.0 30D157M6R3BB2A 30D337M6R3CC2A 30D128M6R3DF2A 30D228M6R3EF2A 30D478M6R3GH2A 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.433 x 1.260 [11.0 x 32.0] 0.630 x 1.496 [16.0 x 38.0] 10 WVDC at + 105 C, SURGE = 12 V 47.0 100.0 330.0 470.0 1000.0 2200.0 30D476M010BA2A 30D107M010BB2A 30D337M010CC2A 30D477M010DC2A 30D108M010DF2A 30D228M010EH2A 0.248 x 0.512 [6.3 x 13.0] 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 16 WVDC at + 105 C, SURGE = 20 V 33.0 150.0 330.0 470.0 1200.0 4700.0 30D336M016BA2A 30D157M016CB2A 30D337M016DC2A 30D477M016DD2A 30D128M016DH2A 30D478M016GK2A 0.248 x 0.512 [6.3 x 13.0] 0.315 x 0.689 [8.0 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 0.945 [9.5 x 24.0] 0.374 x 1.496 [9.5 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 20 WVDC at + 105 C, SURGE = 25 V 150.0 220.0 1000.0 1500.0 3300.0 www.vishay.com 486 30D157M020CC2A 30D227M020DC2A 30D108M020EF2A 30D158M020EH2A 30D338M020GK2A 0.315 x 0.807 [8.0 x 20.5] 0.374 x 0.807 [9.5 x 20.5] 0.433 x 1.260 [11.0 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 2.110 1.410 0.323 0.221 0.118 0.233 0.318 0.863 1.140 2.040 Document Number: 42041 Revision: 22-Jul-08 9.814 2.208 1.981 0.679 0.265 0.093 0.078 0.212 0.379 0.483 0.947 2.290 7.487 3.561 1.081 0.748 0.356 0.184 0.089 0.147 0.325 0.434 0.755 1.240 2.875 1.277 0.345 0.206 0.118 0.163 0.299 0.767 1.080 1.910 MAX. ESR at + 25 C 120 Hz () MAX. RIPPLE at + 85 C 120 Hz (A) For technical questions, contact: aluminumcaps4@vishay.com 30D Aluminum Capacitors + 105 C, Miniature, Axial Lead, General Purpose ELECTRICAL DATA AND ORDERING INFORMATION CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL [mm] 25 WVDC at + 105 C, SURGE = 35 V 22.0 47.0 100.0 220.0 330.0 470.0 1200.0 3300.0 30D226M025BA2A 30D476M025BB2A 30D107M025CC2A 30D227M025DC2A 30D337M025DD2A 30D477M025DF2A 30D128M025EH2A 30D338M025LS2A 0.248 x 0.512 [6.3 x 13.0] 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 0.945 [9.5 x 24.0] 0.374 x 1.260 [9.5 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 0.709 x 1.575 [18.0 x 40.0] 35 WVDC at + 105 C, SURGE = 45 V 33.0 100.0 220.0 330.0 1000.0 2200.0 30D336M035BB2A 30D107M035DC2A 30D227M035DD2A 30D337M035DF2A 30D108M035EH2A 30D228M035GK2A 0.248 x 0.689 [6.3 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 0.945 [9.5 x 24.0] 0.374 x 1.260 [9.5 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 40 WVDC at + 105 C, SURGE = 50 V 15.0 22.0 47.0 100.0 470.0 1000.0 2200.0 30D156M040BA2A 30D226M040BB2A 30D476M040CB2A 30D107M040DC2A 30D477M040DH2A 30D108M040FK2A 30D228M040LS2A 0.248 x 0.512 [6.3 x 13.0] 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.689 [8.0 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 1.496 [9.5 x 38.0] 0.492 x 1.752 [12.5 x 44.5] 0.709 x 1.575 [18.0 x 40.0] 50 WVDC at + 105 C, SURGE = 65 V 10.0 22.0 33.0 100.0 220.0 330.0 1500.0 30D106M050BA2A 30D226M050BB2A 30D336M050CB2A 30D107M050DC2A 30D227M050DF2A 30D337M050DH2A 30D158M050GK2A 0.248 x 0.512 [6.3 x 13.0] 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.689 [8.0 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.374 x 1.496 [9.5 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 63 WVDC at + 105 C, SURGE = 75 V 15.0 33.0 47.0 100.0 220.0 470.0 1000.0 30D156M063BB2A 30D336M063CB2A 30D476M063CC2A 30D107M063DD2A 30D227M063EF2A 30D477M063EH2A 30D108M063GK2A 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.689 [8.0 x 17.5] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 0.945 [9.5 x 24.0] 0.433 x 1.260 [11.0 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 16.580 7.370 5.100 2.426 1.105 0.510 0.242 0.068 0.116 0.149 0.256 0.467 0.745 1.420 25.85 11.700 7.850 2.585 1.177 0.785 0.176 0.048 0.081 0.112 0.233 0.417 0.551 1.670 17.600 11.700 5.435 2.585 0.543 0.258 0.125 0.058 0.081 0.134 0.234 0.663 1.210 2.040 8.330 2.740 1.250 0.830 0.274 0.125 0.096 0.212 0.356 0.495 1.020 1.980 13.270 6.128 2.914 1.327 0.885 0.612 0.239 0.108 0.067 0.112 0.197 0.326 0.423 0.575 1.090 2.190 MAX. ESR at + 25 C 120 Hz () MAX. RIPPLE at + 85 C 120 Hz (A) Vishay Sprague Document Number: 42041 Revision: 22-Jul-08 For technical questions, contact: aluminumcaps4@vishay.com www.vishay.com 487 30D Vishay Sprague Aluminum Capacitors + 105 C, Miniature, Axial Lead, General Purpose ELECTRICAL DATA AND ORDERING INFORMATION CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL [mm] 75 WVDC at + 105 C, SURGE = 85 V 12.0 47.0 120.0 1000.0 4.7 10.0 100.0 220.0 470.0 1.5 3.3 10.0 22.0 33.0 47.0 100.0 1.2 4.7 8.2 10.0 22.0 33.0 47.0 100.0 1.0 3.3 12.0 47.0 30D126M075BB2A 30D476M075DC2A 30D127M075DF2A 30D108M075LS2A 30D475M100BB2A 30D106M100CB2A 30D107M100DH2A 30D227M100EK2A 30D477M100LS2A 30D155M160BA2A 30D335M160CB2A 30D106M160DC2A 30D226M160DF2A 30D336M160EF2A 30D476M160EH2A 30D107M160GK2A 30D125M200BA2A 30D475M200CC2A 30D825M200DC2A 30D106M200DD2A 30D226M200DH2A 30D336M200EH2A 30D476M200EK2A 30D107M200LS2A 30D105M250BA2A 30D335M250CC2A 30D126M250DF2A 30D476M250GH2A 0.248 x 0.689 [6.3 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.709 x 1.575 [18.0 x 40.0] 100 WVDC at + 105 C, SURGE = 125 V 0.248 x 0.689 [6.3 x 17.5] 0.315 x 0.689 [8.0 x 17.5] 0.374 x 1.496 [9.5 x 38.0] 0.492 x 1.752 [12.5 x 44.5] 0.709 x 1.575 [18.0 x 40.0] 160 WVDC at + 105 C, SURGE = 180 V 0.248 x 0.512 [6.3 x 13.0] 0.315 x 0.689 [8.0 x 17.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.433 x 1.260 [11.0 x 32.0] 0.433 x 1.496 [11.0 x 38.0] 0.630 x 1.752 [16.0 x 44.5] 200 WVDC at + 105 C, SURGE = 250 V 0.248 x 0.512 [6.3 x 13.0] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 0.807 [9.5 x 20.5] 0.374 x 0.945 [9.5 x 24.0] 0.374 x 1.496 [9.5 x 38.0] 0.433 x 1.496 [11.0 x 38.0] 0.492 x 1.752 [12.5 x 44.5] 0.709 x 1.575 [18.0 x 40.0] 250 WVDC at + 105 C, SURGE = 300 V 0.248 x 0.512 [6.3 x 13.0] 0.315 x 0.807 [8.0 x 20.5] 0.374 x 1.260 [9.5 x 32.0] 0.630 x 1.496 [16.0 x 38.0] 160.97 48.010 13.210 3.384 0.021 0.049 0.124 0.355 132.01 33.850 19.410 16.090 7.331 4.880 3.384 1.609 0.022 0.058 0.085 0.101 0.181 0.241 0.334 0.571 110.10 48.880 16.097 7.333 4.888 3.384 1.609 0.023 0.045 0.093 0.166 0.222 0.289 0.552 33.840 16.097 1.609 0.733 0.338 0.048 0.079 0.386 0.717 1.240 13.200 3.384 1.320 0.160 0.076 0.204 0.392 1.810 MAX. ESR at + 25 C 120 Hz () MAX. RIPPLE at + 85 C 120 Hz (A) www.vishay.com 488 For technical questions, contact: aluminumcaps4@vishay.com Document Number: 42041 Revision: 22-Jul-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of 30D107M063DD2A |