Part Number Hot Search : 
AD7821 VSP945 22AC1 RD18UM 5D102 1H333J LM371 4805D
Product Description
Full Text Search
 

To Download 2SK4203LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1289
2SK4203LS
SANYO Semiconductors
DATA SHEET
2SK4203LS
Features
* *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
4V drive. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 45 20 18 72 2.0 22 150 --55 to +150 28 18 Unit V V A A W W C C mJ A
Note : *1 VDD=20V, L=100H, IAV=18A *2 L100H, Single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) Conditions ID=1mA, VGS=0V VDS=45V, VGS=0V VGS=16V, VDS=0V VDS=10V, ID=1mA 1.2 Ratings min 45 1 10 2.6 typ max Unit V A A V
Marking : K4203
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
82008QA TI IM TC-00001543 No. A1289-1/5
2SK4203LS
Continued from preceding page.
Parameter Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol | yfs | RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=10V, ID=9A ID=9A, VGS=10V ID=9A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=24V, VGS=10V, ID=18A VDS=24V, VGS=10V, ID=18A VDS=24V, VGS=10V, ID=18A IS=18A, VGS=0V Ratings min 5.4 typ 9.0 26 46 1020 140 100 12 71 76 59 21 4 5 1.0 1.2 34 64 max Unit S m m pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7509-002
10.0 3.2 3.5 7.2 4.5 2.8
16.1
16.0
0.9 1.2 0.75 14.0
3.6
1.2 0.7
123 2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS)
2.55
2.55
Switching Time Test Circuit
VIN VDD=24V
0.6
Avalanche Resistance Test Circuit
10V 0V
L VIN ID=9A RL=2.67 D VOUT 10V 0V 50 50 2SK4203LS VDD
PW=10s D.C.1% G
2SK4203LS P.G 50 S
No. A1289-2/5
2SK4203LS
40 35 30 25 20 15 10 5 0
ID -- VDS
6V
Tc=25C
40
ID -- VGS
--25 C Tc=
1.5 2.0
8V
35 30 25 20 15
Drain Current, ID -- A
4V
Drain Current, ID -- A
10 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0
0.5
1.0
25
VGS=3V
5
C Tc= 75 C --25 C
10
2.5
3.0
3.5
4.0
4.5
25
5.0 5.5
Drain-to-Source Voltage, VDS -- V
80
RDS(on) -- VGS
13930 90
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Tc
13931
Static Drain-to-Source On-State Resistance, RDS(on) -- m
70 60 50 40
Static Drain-to-Source On-State Resistance, RDS(on) -- m
ID=9A Single pulse
Single pulse
80 70 60 50 40 30 20 10 0 --50 --25 0 25 50 75 100 125 150
=9A , ID =4V VGS
Tc=75C
30 20 10 0 2
25C
--25C
9A , I D= =10V VGS
3
4
5
6
7
8
9
10 13932
Gate-to-Source Voltage, VGS -- V
3
| yfs | -- ID
Case Temperature, Tc -- C
7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
IS -- VSD
13933
Forward Transfer Admittance, | yfs | -- S
2
VDS=10V
VGS=0V Single pulse
7 5 3 2
C 25
C -25 =75
Tc
Tc=7 5C
C
Source Current, IS -- A
10
1.0 7 5 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
0.1 7 5 3 2 0.01 7 5 3 2 0.001 0.2
0.4
0.6
0.8
25C
--25C
1.0
1.2
1.4
C
1.6 13935
Drain Current, ID -- A
3 2
SW Time -- ID
13934
5
Ciss, Coss, Crss -- VDS
Diode Forward Voltage, VSD -- V
VDD=24V VGS=10V Ciss, Coss, Crss -- pF
td(off)
f=1MHz
3 2
Switching Time, SW Time -- ns
100 7 5 3 2
1000 7 5 3
2 100
Ciss
tf
tr
td(on)
10 7 5 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
Coss Crss
7 5
3
0
5
10
15
20
25
75 C
30 13936
VDS=10V
Drain Current, ID -- A
13938
Drain-to-Source Voltage, VDS -- V
No. A1289-3/5
2SK4203LS
10 9
VGS -- Qg
VDS=24V ID=18A Drain Current, ID -- A
2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
ASO
IDP=72A ID=18A PW10s 10 s 0 s 1m 10 s ms DC 100m s op era tio n
Gate-to-Source Voltage, VGS -- V
8 7 6 5 4 3 2 1 0 0 5 10 15 20 25 IT13937
10
Operation in this area is limited by RDS(on).
0.1 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3 57 IT13941
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
Drain-to-Source Voltage, VDS -- V
30
PD -- Tc
Allowable Power Dissipation, PD -- W
Allowable Power Dissipation, PD -- W
0 20 40 60 80 100 120 140 160
2.0
25 22 20
1.5
15
1.0
10
0.5
5
0
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
120
EAS -- Ta
IT13939
Case Temperature, Tc -- C
IT13940
Avalanche Energy derating factor -- %
100
80
60
40
20
0
0
25
50
75
100
125
150
175 IT13942
Ambient Temperature, Ta -- C
No. A1289-4/5
2SK4203LS
Note on usage : Since the 2SK4203LS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of August, 2008. Specifications and information herein are subject to change without notice.
PS No. A1289-5/5


▲Up To Search▲   

 
Price & Availability of 2SK4203LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X