Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download 2SK4200LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1333
2SK4200LS
SANYO Semiconductors
DATA SHEET
2SK4200LS
Features
* * * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance, low input capacitance, ultrahigh-speed switching. Adoption of high reliability HVP process. Attachment workability is good by Mica-less package. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *4 Avalanche Current *5 Symbol VDSS VGSS IDc*1 IDpack*2 IDP PD Tch Tstg EAS IAV Limited only by maximum temperature Tc=25C (SANYO's ideal heat dissipation condition*3) PW10s, duty cycle1% Tc=25C (SANYO's ideal heat dissipation condition*3) Conditions Ratings 650 30 4 3.7 16 2.0 30 150 --55 to +150 47 4 Unit V V A A A W W C C mJ A
Note : *1 Shows chip capability *2 Package limited *3 SANYO's condition is radiation from backside. The method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made of aluminium. *4 VDD=99V, L=5mH, IAV=4A *5 L5mH, single pulse Marking : K4200
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
O0108QB TI IM TC-00001615 No. A1333-1/5
2SK4200LS
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=10mA, VGS=0V VDS=520V, VGS=0V VGS=30V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=2A ID=2A, VGS=10V VDS=30V, f=1MHz VDS=30V, f=1MHz VDS=30V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=200V, VGS=10V, ID=4A VDS=200V, VGS=10V, ID=4A VDS=200V, VGS=10V, ID=4A IS=4A, VGS=0V Ratings min 650 100 100 3 1.1 2.2 2.1 360 63 14 13 23 40 16 14.5 3.1 8.2 0.9 1.2 2.73 5 typ max Unit V A nA V S pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7509-002
10.0 3.2 3.5 7.2 4.5 2.8
16.1
16.0
0.9 1.2 0.75 14.0
3.6
1.2 0.7
123 2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS)
2.55
2.55
Switching Time Test Circuit
PW=10s D.C.0.5% VGS=10V D VDD=200V
0.6
Avalanche Resistance Test Circuit
L ID=2A RL=100 VOUT 10V 0V 2SK4200LS 2SK4200LS 50 VDD 50 RG
G
P.G
RGS=50
S
No. A1333-2/5
2SK4200LS
10 9 8
ID -- VDS
Tc=25C
12
ID -- VGS
VDS=20V
Drain Current, ID -- A
7 6 5 4 3 2 1 0 0 5 10 15 20 25
Drain Current, ID -- A
15V 10V
8V
10
Tc= --25C
8
25C
6
75C
4
6V VGS=5V
30 IT14066
2
0
0
2
4
6
8
10
12
14
16
18
20
Drain-to-Source Voltage, VDS -- V
6
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
7
RDS(on) -- Tc
IT14067
ID=2.0A
Static Drain-to-Source On-State Resistance, RDS(on) --
Static Drain-to-Source On-State Resistance, RDS(on) --
5
6 5 4 3 2 1 0 --50
4
Tc=75C
3
2
25C
--25C
=1 S VG
=2 , ID 0V
.0A
1
0 6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
--25
0
25
50
75
100
125
150
Gate-to-Source Voltage, VGS -- V
7
| yfs | -- ID
IT14068 3 2 10 7 5
Case Temperature, Tc -- C
IS -- VSD
IT14069
Forward Transfer Admittance, | yfs | -- S
5 3 2
VDS=10V
VGS=0V
Source Current, IS -- A
C 25
C --25 Tc= C 75
3 2 1.0 7 5 3 2 0.1 7 5 3 2
1.0 7 5 3 2
0.1 0.1
2
3
5
7
1.0
2
3
5
Drain Current, ID -- A
5 3
10 IT14070
7
0.01 0.2
0.4
Tc=7 5C
0.6
25C --25C
0.8
1.0
1.2
1.4 IT14071
SW Time -- ID
2
Ciss, Coss, Crss -- VDS
Diode Forward Voltage, VSD -- V
VDD=200V VGS=10V Ciss, Coss, Crss -- pF
f=1MHz
1000 7 5 3 2 100 7 5 3 2
Switching Time, SW Time -- ns
2
Ciss
100 7 5 3 2
tf
td (off)
Coss
tr
Crss
10 7 0.1 2 3 5 7
td(on)
1.0 2 3 5 10 IT14072 7
10 7
0
10
20
30
40
50 IT14073
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
No. A1333-3/5
2SK4200LS
10
VGS -- Qg
VDS=200V ID=4A Drain Current, ID -- A
9
3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
ASO
IDP=16A IDc(*1)=4A IDpack(*2)=3.7A PW<10s 10 s s1 00 s 1 1 0m DC 00m s s op er ati on
Gate-to-Source Voltage, VGS -- V
1m
8 7 6 5
4 3
2
1 0
Operation in this area is limited by RDS(on). Tc=25C Single pulse
23 5 7 1.0
0
2
4
6
8
10
12
14
16
0.01 0.1
*1. Shows chip capability *2. SANYO's ideal heat dissipation condition
23 5 7 10 23 5 7 100 23
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
IT14074 35
Drain-to-Source Voltage, VDS -- V
PD -- Tc
57 1000 IT14075
Allowable Power Dissipation, PD -- W
Allowable Power Dissipation, PD -- W
30 25 20 15 10 5 0
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
120
EAS -- Ta
IT14064
Case Temperature, Tc -- C
IT14076
Avalanche Energy derating factor -- %
100
80
60
40
20
0
0
25
50
75
100
125
150
175 IT10478
Ambient Temperature, Ta -- C
No. A1333-4/5
2SK4200LS
Note on usage : Since the 2SK4200LS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of October, 2008. Specifications and information herein are subject to change without notice.
PS No. A1333-5/5


▲Up To Search▲   

 
Price & Availability of 2SK4200LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X