Part Number Hot Search : 
P1300 SHM80F AD16312 MSR126R A25L05P 7K025 MV8412 MLC241B
Product Description
Full Text Search
 

To Download 2SJ278MYTR-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ278
Silicon P Channel MOS FET
REJ03G0856-0200 (Previous: ADE-208-1190) Rev.2.00 Sep 07, 2005
Description
High speed power switching
Features
* * * * * Low on-resistance High speed switching Low drive current 4 V gate drive device can be driven from 5 V source Suitable for switching regulator, DC-DC converter
Outline
RENESAS Package code: PLZZ0004CA-A (Package name: UPAK R )
D
3
2
1 G 4
1. Gate 2. Drain 3. Source 4. Drain
S
Note: Marking is "MY". *UPAK is a trademark of Renesas Technology Corp.
Rev.2.00 Sep 07, 2005 page 1 of 6
2SJ278
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Symbol VDSS VGSS ID ID (pulse) IDR
Note 1
Value -60 20 -1 -4 -1 1 150 -55 to +150
Unit V V A A A W C C
Pch Tch
Note 2
Storage temperature Tstg Notes: 1. PW 10 s, duty cycle 1% 2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics
(Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 3. Pulse test Symbol V (BR) DSS V (BR) GSS IGSS IDSS VGS (off) RDS (on) RDS (on) |yfs| Ciss Coss Crss td (on) tr td (off) tf VDF trr Min -60 20 -- -- -1.0 -- -- 0.6 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.7 0.9 1.0 160 80 28 7 8 30 25 -1.1 90 Max -- -- 5 -10 -2.25 0.83 1.2 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns Test Conditions ID = -10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = -50 V, VGS = 0 ID = -1 mA, VDS = -10 V ID = -0.5 A, VGS = -10 V Note 3 ID = -0.5 A, VGS = -4 V ID = -0.5 A, VDS = -10 V VDS = -10 V VGS = 0 f = 1 MHz ID = -0.5 A VGS = -10 V RL = 60 IF = -1 A, VGS = 0 IF = -1 A, VGS = 0 diF/dt = 50 A/s
Note 3
Note 3
Rev.2.00 Sep 07, 2005 page 2 of 6
2SJ278
Main Characteristics
Power vs. Temperature Derating
2.0
Maximum Safe Operation Area
-5 -3
10 s
Channel Dissipation Pch (W) (on the alumina ceramic board)
ID (A)
1.5
-1 -0.3
) ot s sh 0 10 ms s (1 n m 1 tio ra
PW
=
10
Drain Current
C D
1.0
pe O
-0.1 -0.03 -0.01 Operation in this area is limited by RDS (on)
0.5
0
0
50
100
150
200
Ta = 25C -0.005 -0.1 -0.3 -1
-3
-10
-30
-100
Ambient Temperature
Ta (C)
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
-2.0 -10 V -6 V -4 V -1.0 Pulse Test -3 V
Typical Transfer Characteristics
VDS = -10 V Pulse Test
ID (A)
-1.6
ID (A) Drain Current
-0.8
-1.2
-0.6 Tc = 75C -0.4 25C -0.2 -25C
Drain Current
-0.8 -2.5 V -0.4 VGS = -2 V 0 0 -2 -4 -6 -8 -10
0
0
-1
-2
-3
-4
-5
Drain to Source Voltage
VDS (V)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage VDS (on) (V)
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Pulse Test -0.8 ID = -1 A
Static Drain to Source on State Resistance vs. Drain Current
Drain to Source on State Resistance RDS (on) ()
5 Pulse Test 2 1 0.5 VGS = -4 V
-1.0
-0.6
-10 V
-0.4
-0.5 A
0.2 0.1 0.05 -0.05 -0.1 -0.2
-0.2
-0.2 A
0 0 -2 -4 -6 -8 -10
-0.5
-1
-2
-5
Gate to Source Voltage
VGS (V)
Drain Current
ID (A)
Rev.2.00 Sep 07, 2005 page 3 of 6
2SJ278
Static Drain to Source on State Resistance vs. Temperature Forward Transfer Admittance vs. Drain Current
Forward Transfer Admittance |yfs| (S)
Static Drain to Source on State Resistance RDS (on) ()
2.0 Pulse Test 1.6 -0.5 A, -0.2 A 1.2 VGS = -4 V -1 A 0.8 -0.5 A, -0.2 A -10 V 0.4 ID = -1 A
5
2 Tc = -25C 1 25C 0.5 75C
0.2 0.1 0.05 -0.01 -0.02 VDS = -10 V Pulse Test -0.05 -0.1 -0.2 -0.5 -1
0 -40
0
40
80
120
160
Case Temperature
Tc (C)
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
1000 300 Ciss 100 Coss 30 Crss 10 3 1
Body-Drain Diode Reverse Recovery Time
500
Reverse Recovery Time trr (ns)
100 50
20 10 di / dt = 50 A / s VGS = 0, duty 1 % -0.5 -1 -2
Capacitance C (pF)
200
VGS = 0 f = 1 MHz 0 -10 -20 -30 -40 -50
5 -0.02 -0.05 -0.1 -0.2
Reverse Drain Current
IDR (A)
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Switching Characteristics
VDS (V)
VGS (V)
0
-20
-4
Switching Time t (ns)
VDD = -10 V -25 V -40 V
0
500
VGS = -10 V, VDD = -30 V PW = 2 s, duty 1 %
200 100 50 td(off) tf
Drain to Source Voltage
-40
VDS VDD = -10 V -25 V -40 V ID = -1 A
-8 VGS -12
-60
Gate to Source Voltage
20 10 td(on) -0.05 -0.1 -0.2 tr
-80
-16
-100 0 4 8 12 16
-20 20
5 -0.01 -0.02
-0.5
-1
Gate Charge
Qg (nc)
Drain Current
ID (A)
Rev.2.00 Sep 07, 2005 page 4 of 6
2SJ278
Reverse Drain Current vs. Source to Drain Voltage
-1.0
Reverse Drain Current IDR (A)
Pulse Test
-0.8 -10 V -0.6 -5 V -0.4
-0.2
VGS = 0, 5 V
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Source to Drain Voltage
VSD
(V)
Switching Time Test Circuit
Vin Vin Monitor D.U.T. RL Vout Monitor 10%
Waveform
90% 90% 90%
Vin -10 V
50
VDD = -30 V Vout td(on) 10% tr td(off) 10% tf
Rev.2.00 Sep 07, 2005 page 5 of 6
2SJ278
Package Dimensions
JEITA Package Code SC-62 RENESAS Code
PLZZ0004CA-A Package Name UPAK / UPAKV MASS[Typ.] 0.050g
Unit: mm
4.5 0.1
0.4
1.8 Max 1
1.5 0.1 0.44 Max
(1.5)
2.5 0.1 4.25 Max
1.5 1.5 3.0
Ordering Information
Part Name 2SJ278MYTL-E 2SJ278MYTR-E 1000 pcs 1000 pcs Quantity Taping Taping Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.2.00 Sep 07, 2005 page 6 of 6
0.8 Min
0.44 Max
(0.4)
0.53 Max 0.48 Max
(2.5)
(0.2)
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of 2SJ278MYTR-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X