Part Number Hot Search : 
25L4005 0D002X 364704 C100B 08500 NSR2N PC1602C LM337D2T
Product Description
Full Text Search
 

To Download 2SC1623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23-3L Plastic-Encapsulate Transistors
SOT-23-3L
2SC1623
FEATURES Power dissipation
TRANSISTOR (NPN)
1. BASE 2. EMITTER 3. COLLECTOR
1. 02
PCM: 200
mW (Tamb=25)
0. 0. 95 A 025
2. 80 A 05 0. 1. 60 A0. 05
Collector current mA ICM: 100 Collector-base voltage V V(BR)CBO: 60 Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS(Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat) VBE(sat)
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=100A, IE=0 Ic=1mA, IB=0 IE=100A, IC=0 VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=1mA IC=100mA, IB=10mA IC=100mA, IB=10mA VCE=6V, IC=10mA
60 50 5 0.1 0.1 90 600 0.3 1 250
0. 35
2. 92 A0. 05
1. 9
A A
V V MHz
fT
CLASSIFICATION OF hFE(1) Rank Range Marking L4 90-180 L4 L5 135-270 L5 L6 200-400 L6 L7 300-600 L7


▲Up To Search▲   

 
Price & Availability of 2SC1623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X