Part Number Hot Search : 
HEF4020B S3022 102M1 BFQ19S MCM94256 FNTRPBF UF5406G 5X050Z2
Product Description
Full Text Search
 

To Download 293D1051025B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, Standard Industrial Grade
FEATURES
* Terminations: 100 % matte tin, standard, Pb-free tin/lead available Available * Compliant terminations RoHS* * Molded case available in six case codes COMPLIANT * Compatible with "High Volume" automatic pick and place equipment * Optical character recognition qualified * Meets IEC Specification QC300801/US0001 and EIA535BAAC mechanical and performance requirements
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 C to + 125 C
Note: Refer to Doc. 40088
Capacitance Tolerance: 5 %, 10 % , 20 % 100 % Surge Current Tested (D and E Case Codes) Voltage Rating: 4 VDC to 50 VDC
Capacitance Range: 0.10 F to 1000 F
ORDERING INFORMATION
293D TYPE 107 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X9 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % X5 = 5 % 010 DC VOLTAGE RATING AT + 85 C This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V). D CASE CODE See Ratings and Case Codes table 2WE3 TERMINATION AND PACKAGING 2TE3: Matte tin, 7" (178 mm) reel 2WE3: Matte tin, 13" (330 mm) reel 8T: Tin/lead, 7" (178 mm) reel 8W: Tin/lead, 13" (330 mm) reel
Notes: We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating. Effective July 15, 2008, part numbers with solderable termination codes "2T" and "2W" may have either matte tin or tin/lead terminations. Codes 2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
DIMENSIONS in inches [millimeters]
L W H TH MIN. P TW
CASE CODE A B C D E V
EIA SIZE 3216-18 3528-21 6032-28 7343-31 7343-43 7343-20
L 0.126 0.008 [3.2 0.20] 0.138 0.008 [3.5 0.20] 0.236 0.012 [6.0 0.30] 0.287 0.012 [7.3 0.30] 0.287 0.012 [7.3 0.30] 0.287 0.012 [7.3 0.30]
W 0.063 0.008 [1.6 0.20] 0.110 0.008 [2.8 0.20] 0.126 0.012 [3.2 0.30] 0.170 0.012 [4.3 0.30] 0.170 0.012 [4.3 0.30] 0.170 0.012 [4.3 0.30]
H 0.063 0.008 [1.6 0.20] 0.075 0.008 [1.9 0.20] 0.098 0.012 [2.5 0.30] 0.110 0.012 [2.8 0.30] 0.158 0.012 [4.0 0.30] 0.079 max. [2.0 max.]
P 0.031 0.012 [0.80 0.30] 0.031 0.012 [0.80 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30]
TW 0.047 0.004 [1.2 0.10] 0.087 0.004 [2.2 0.10] 0.087 0.004 [2.2 0.10] 0.095 0.004 [2.4 0.10] 0.095 0.004 [2.4 0.10] 0.095 0.004 [2.4 0.10]
TH MIN. 0.028 [0.70] 0.028 [0.70] 0.039 [1.0] 0.039 [1.0] 0.039 [1.0] 0.039 [1.0]
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 40002 Revision: 05-May-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 41
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, Standard Industrial Grade
RATINGS AND CASE CODES
F 4V 6.3 V 10 V 16 V 20 V 25 V 35 V A A A A A/B A/B A/B B/C B/C B/C B/C/D C/D C/D D/E D/E 50 V A A/B A/B A/B A/B/C B/C B/C B/C C/D C/D D D/E D/E 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 A 2.2 A A 3.3 A A A 4.7 A A/B A/B 6.8 A A/B A/B 10 A/B A/B/C A/B/C 15 A/B A/B/C A/B/C 22 A/BC A/B/C A/B/C 33 A/B/C A/B/C B/C/D 47 A/B/C A/B/C/D B/C/D 68 B/C/D B/C/D B/C/D/V 100 A/B/C/D B/C/D/V C/D/V 150 B/C/D C/D/E D/E 220 B/C/D/E C/D/E D/E 330 D/E D/E D/E 470 D/E D/E E 680 E E 1000 E Note: * Preliminary values, contact factory for availability.
A A A/B A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D D D/E D/E E
A A A A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D D/E D/E E
A A A/B A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D/V D/E D/E
MARKING
"A" CASE VOLTAGE CODE
Capacitance Code, pF Indicates Lead (Pb)-free Indicates Lead (Pb)-free
4.0 6.3 10
G J A C D E V T
Capacitance F Polarity Band (+)
Voltage
Vishay Sprague Logo
V
104L
22 XX
10L
16
Voltage Code
2
Vishay Sprague Logo
20 25 35
Polarity Band (+)
Date Code
"A" Case Size
50
"B, C, D, E, V" Case Sizes
Marking: Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. "A" Case capacitors use a letter code for the voltage and EIA capacitance code. The Vishay Sprague(R) trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V. A manufacturing date code is marked on all capacitors. Call the factory for further explanation.
www.vishay.com 42
For technical questions, contact: tantalum@vishay.com
Document Number: 40002 Revision: 05-May-08
293D
Solid Tantalum Surface Mount Capacitors Vishay Sprague (R) Molded Case, Standard Industrial Grade TANTAMOUNT
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 4 VDC AT + 85 C, 2.7 VDC AT + 125 C 293D335(1)004A(2) 0.5 6 293D475(1)004A(2) 0.5 6 293D685(1)004A(2) 0.5 6 293D106(1)004A(2) 0.5 6 293D106(1)004B(2) 0.5 6 293D156(1)004A(2) 0.6 6 293D156(1)004B(2) 0.6 6 293D226(1)004A(2) 0.9 6 293D226(1)004B(2) 0.9 6 293D226(1)004C(2) 0.9 6 293D336(1)004A(2) 1.3 6 293D336(1)004B(2) 1.3 6 293D336(1)004C(2) 1.3 6 293D476(1)004A(2) 1.9 14 293D476(1)004B(2) 1.9 6 293D476(1)004C(2) 1.9 6 293D686(1)004B(2) 2.7 6 293D686(1)004C(2) 2.7 6 293D686(1)004D(2) 2.7 6 293D107(1)004A(2) 10.0 30 293D107(1)004B(2) 4.0 8 293D107(1)004C(2) 4.0 6 293D107(1)004D(2) 4.0 6 293D157(1)004B(2) 6.0 14 293D157(1)004C(2) 6.0 12 293D157(1)004D(2) 6.0 8 293D227X0004B(2) 8.8 18 293D227(1)004C(2) 8.8 8 293D227(1)004D(2) 8.8 8 293D227(1)004E(2) 8.8 8 293D337(1)004D(2) 13.2 8 293D337(1)004E(2) 13.2 8 293D477(1)004D(2) 18.8 10 293D477(1)004E(2) 18.8 10 293D687(1)004E(2) 27.2 12 293D108X0004E(2) 40.0 20 6.3 VDC AT + 85 C, 4 VDC AT + 125 C 293D225(1)6R3A(2) 0.5 6 293D335(1)6R3A(2) 0.5 6 293D475(1)6R3A(2) 0.5 6 293D685(1)6R3A(2) 0.5 6 293D685(1)6R3B(2) 0.5 6 293D106(1)6R3A(2) 0.6 6 293D106(1)6R3B(2) 0.6 6 293D156(1)6R3A(2) 0.9 6 293D156(1)6R3B(2) 0.9 6 293D156(1)6R3C(2) 0.9 6 293D226(1)6R3A(2) 1.3 6 293D226(1)6R3B(2) 1.3 6 293D226(1)6R3C(2) 1.3 6 293D336(1)6R3A(2) 2.0 14 293D336(1)6R3B(2) 2.0 6 293D336(1)6R3C(2) 2.0 6 293D476(1)6R3A(2) 2.8 12 293D476(1)6R3B(2) 2.8 6 293D476(1)6R3C(2) 2.8 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 7.6 6.3 5.5 5.1 3.5 3.4 2.9 2.9 2.5 1.8 2.9 2.0 1.8 2.5 1.9 1.8 1.9 1.4 0.8 2.5 1.8 0.8 0.7 1.6 0.7 0.6 1.5 0.7 0.6 0.5 0.6 0.5 0.6 0.5 0.5 0.5 7.6 6.3 5.5 5.0 3.4 3.4 2.9 2.9 2.5 1.8 2.9 2.0 1.8 2.5 1.9 1.5 1.6 1.9 1.4 MAX. RIPPLE 100 kHz Irms (A) 0.10 0.11 0.12 0.12 0.16 0.15 0.17 0.16 0.18 0.25 0.16 0.21 0.25 0.17 0.21 0.25 0.21 0.28 0.43 0.22 0.22 0.37 0.46 0.23 0.40 0.50 0.24 0.40 0.50 0.57 0.50 0.57 0.50 0.57 0.57 0.57 0.10 0.11 0.12 0.12 0.16 0.15 0.17 0.16 0.18 0.25 0.16 0.21 0.25 0.17 0.21 0.27 0.22 0.21 0.28
3.3 4.7 6.8 10 10 15 15 22 22 22 33 33 33 47 47 47 68 68 68 100 100 100 100 150 150 150 220 220 220 220 330 330 470 470 680 1000 2.2 3.3 4.7 6.8 6.8 10 10 15 15 15 22 22 22 33 33 33 47 47 47
A A A A B A B A B C A B C A B C B C D A B C D B C D B C D E D E D E E E A A A A B A B A B C A B C A B C A B C
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40002 Revision: 05-May-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 43
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, Standard Industrial Grade
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 6.3 VDC AT + 85 C, 4 VDC AT + 125 C 293D476(1)6R3D(2) 2.8 6 293D686(1)6R3B(2) 4.1 6 293D686(1)6R3C(2) 4.1 6 293D686(1)6R3D(2) 4.1 6 293D107(1)6R3B(2) 6.0 15 293D107(1)6R3C(2) 6.0 6 293D107(1)6R3D(2) 6.0 6 293D107(1)6R3V(2) 6.0 8 293D157(1)6R3C(2) 9.0 8 293D157(1)6R3D(2) 9.0 8 293D157(1)6R3E(2) 9.0 8 293D227(1)6R3C(2) 13.9 14 293D227(1)6R3D(2) 13.2 8 293D227(1)6R3E(2) 13.2 8 293D337(1)6R3D(2) 19.8 8 293D337(1)6R3E(2) 19.8 8 293D477X06R3D(2) 28.2 14 293D477(1)6R3E(2) 28.2 10 293D687X06R3E(2) 42.8 20 10 VDC AT + 85 C, 7 VDC AT + 125 C 293D155(1)010A(2) 0.5 6 293D225(1)010A(2) 0.5 6 293D335(1)010A(2) 0.5 6 293D475(1)010A(2) 0.5 6 293D475(1)010B(2) 0.5 6 293D685(1)010A(2) 0.7 6 293D685(1)010B(2) 0.7 6 293D106(1)010A(2) 1.0 6 293D106(1)010B(2) 1.0 6 293D106(1)010C(2) 1.0 6 293D156(1)010A(2) 1.5 6 293D156(1)010B(2) 1.5 6 293D156(1)010C(2) 1.5 6 293D226(1)010A(2) 2.2 8 293D226(1)010B(2) 2.2 6 293D226(1)010C(2) 2.2 6 293D336(1)010B(2) 3.3 6 293D336(1)010C(2) 3.3 6 293D336(1)010D(2) 3.3 6 293D476(1)010B(2) 4.7 6 293D476(1)010C(2) 4.7 6 293D476(1)010D(2) 4.7 6 293D686(1)010B(2) 6.8 14 293D686(1)010C(2) 6.8 6 293D686(1)010D(2) 6.8 6 293D686(1)010V(2) 6.8 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 0.8 1.8 0.8 0.7 1.7 0.8 0.7 0.7 0.7 0.6 0.5 0.7 0.6 0.5 0.6 0.5 0.5 0.5 0.5 8.0 6.3 5.5 5.0 3.4 4.2 2.9 3.4 2.5 1.8 2.9 2.0 1.8 2.5 1.9 1.5 1.9 1.4 0.8 1.8 1.1 0.7 1.8 1.0 0.7 0.7 MAX. RIPPLE 100 kHz Irms (A) 0.43 0.22 0.37 0.46 0.22 0.37 0.46 0.42 0.40 0.50 0.57 0.39 0.50 0.57 0.50 0.57 0.55 0.57 0.57 0.10 0.11 0.12 0.12 0.16 0.13 0.17 0.15 0.18 0.25 0.16 0.21 0.25 0.17 0.21 0.27 0.21 0.28 0.43 0.22 0.32 0.46 0.22 0.33 0.46 0.42
47 68 68 68 100 100 100 100 150 150 150 220 220 220 330 330 470 470 680 1.5 2.2 3.3 4.7 4.7 6.8 6.8 10 10 10 15 15 15 22 22 22 33 33 33 47 47 47 68 68 68 68
D B C D B C D V C D E C D E D E D E E A A A A B A B A B C A B C A B C B C D B C D B C D V
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
www.vishay.com 44
For technical questions, contact: tantalum@vishay.com
Document Number: 40002 Revision: 05-May-08
293D
Solid Tantalum Surface Mount Capacitors Vishay Sprague (R) Molded Case, Standard Industrial Grade TANTAMOUNT
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 10 VDC AT + 85 C, 7 VDC AT + 125 C 293D107(1)010C(2) 10 8 293D107(1)010D(2) 10 8 293D107(1)010V(2) 10 8 293D157(1)010D(2) 15 8 293D157(1)010E(2) 15 8 293D227(1)010D(2) 22 8 293D227(1)010E(2) 22 8 293D337X0010D(2) 33 10 293D337(1)010E(2) 33 10 293D477X0010E(2) 47 15 16 VDC AT + 85 C, 10 VDC AT + 125 C 293D105(1)016A(2) 0.5 4 293D155(1)016A(2) 0.5 6 293D225(1)016A(2) 0.5 6 293D225(1)016B(2) 0.5 6 293D335(1)016A(2) 0.5 6 293D335(1)016B(2) 0.5 6 293D475(1)016A(2) 0.8 6 293D475(1)016B(2) 0.8 6 293D685(1)016A(2) 1.1 6 293D685(1)016B(2) 1.1 6 293D685(1)016C(2) 1.1 6 293D106(1)016A(2) 1.6 6 293D106(1)016B(2) 1.6 6 293D106(1)016C(2) 1.6 6 293D156(1)016B(2) 2.4 6 293D156(1)016C(2) 2.4 6 293D226X0016B(2) 3.5 6 293D226(1)016C(2) 3.5 6 293D226(1)016D(2) 3.5 6 293D336(1)016B(2) 5.3 6 293D336(1)016C(2) 5.3 6 293D336(1)016D(2) 5.3 6 293D476(1)016C(2) 7.5 6 293D476(1)016D(2) 7.5 6 293D686(1)016D(2) 10.9 6 293D107(1)016D(2) 16 8 293D107(1)016E(2) 16 8 293D157(1)016D(2) 24 8 293D157(1)016E(2) 24 8 293D227(1)016E(2) 35.2 14 20 VDC AT + 85 C, 13 VDC AT + 125 C 293D684(1)020A(2) 0.5 4 293D105(1)020A(2) 0.5 4 293D155(1)020A(2) 0.5 6 293D225(1)020A(2) 0.5 6 293D225(1)020B(2) 0.5 6 293D335(1)020A(2) 0.7 6 293D335(1)020B(2) 0.7 6 293D475(1)020A(2) 0.9 6 293D475(1)020B(2) 0.9 6 293D475(1)020C(2) 0.9 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 0.9 0.6 0.7 0.6 0.5 0.6 0.5 0.5 0.5 0.5 9.3 6.7 5.9 4.6 5.0 3.5 5.0 2.9 4.2 2.5 1.9 3.0 2.0 1.8 2.0 1.5 1.9 1.4 0.8 1.8 1.1 0.7 1.0 0.7 0.6 0.6 0.6 0.6 0.5 0.5 10.0 8.4 6.3 5.9 3.5 5.9 3.0 5.0 2.9 2.3 MAX. RIPPLE 100 kHz Irms (A) 0.35 0.50 0.42 0.50 0.57 0.50 0.57 0.57 0.57 0.57 0.09 0.11 0.11 0.14 0.12 0.16 0.12 0.17 0.13 0.18 0.24 0.16 0.21 0.25 0.21 0.27 0.21 0.28 0.43 0.22 0.32 0.46 0.33 0.46 0.50 0.50 0.52 0.50 0.57 0.57 0.09 0.09 0.11 0.11 0.16 0.11 0.17 0.12 0.17 0.22
100 100 100 150 150 220 220 330 330 470 1.0 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 6.8 10 10 10 15 15 22 22 22 33 33 33 47 47 68 100 100 150 150 220 0.68 1.0 1.5 2.2 2.2 3.3 3.3 4.7 4.7 4.7
C D V D E D E D E E A A A B A B A B A B C A B C B C B C D B C D C D D D E D E E A A A A B A B A B C
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40002 Revision: 05-May-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 45
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, Standard Industrial Grade
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 20 VDC AT + 85 C, 13 VDC AT + 125 C 293D685(1)020A(2) 1.4 6 293D685(1)020B(2) 1.4 6 293D685(1)020C(2) 1.4 6 293D106(1)020B(2) 2.0 6 293D106(1)020C(2) 2.0 6 293D156(1)020B(2) 3.0 6 293D156(1)020C(2) 3.0 6 293D156(1)020D(2) 3.0 6 293D226(1)020B(2) 4.4 6 293D226(1)020C(2) 4.4 6 293D226(1)020D(2) 4.4 6 293D336(1)020C(2) 6.6 6 293D336(1)020D(2) 6.6 6 293D476(1)020D(2) 9.4 6 293D476(1)020E(2) 9.4 6 293D686(1)020D(2) 13.6 6 293D686(1)020E(2) 13.6 6 293D107(1)020E(2) 20.0 8 25 VDC AT + 85 C, 17 VDC AT + 125 C 293D474(1)025A(2) 0.5 4 293D684(1)025A(2) 0.5 4 293D105(1)025A(2) 0.5 4 293D105(1)025B(2) 0.5 4 293D155(1)025A(2) 0.5 6 293D155(1)025B(2) 0.5 6 293D225(1)025A(2) 0.6 6 293D225(1)025B(2) 0.6 6 293D335(1)025A(2) 0.8 6 293D335(1)025B(2) 0.8 6 293D335(1)025C(2) 0.8 6 293D475(1)025A(2) 1.2 6 293D475(1)025B(2) 1.2 6 293D475(1)025C(2) 1.2 6 293D685(1)025B(2) 1.7 6 293D685(1)025C(2) 1.7 6 293D106(1)025B(2) 2.5 6 293D106(1)025C(2) 2.5 6 293D106(1)025D(2) 2.5 6 293D156(1)025B(2) 3.8 6 293D156(1)025C(2) 3.8 6 293D156(1)025D(2) 3.8 6 293D226(1)025C(2) 5.5 6 293D226(1)025D(2) 5.5 6 293D226(1)025V(2) 5.5 6 293D336(1)025D(2) 8.3 6 293D336(1)025E(2) 8.3 6 293D476(1)025D(2) 11.8 8 293D476(1)025E(2) 11.8 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 4.5 2.5 1.9 2.5 1.7 2.3 1.5 0.9 2.1 1.1 0.7 1.0 0.7 0.7 0.6 0.7 0.6 0.5 12.0 8.4 7.6 5.0 6.7 4.6 6.3 3.8 4.0 3.1 2.3 5.5 2.8 2.0 2.4 1.7 2.3 1.5 1.0 2.2 1.2 0.8 1.2 0.7 0.7 0.7 0.6 0.7 0.6 MAX. RIPPLE 100 kHz Irms (A) 0.13 0.18 0.24 0.18 0.25 0.19 0.27 0.41 0.20 0.32 0.46 0.33 0.46 0.46 0.52 0.46 0.52 0.57 0.08 0.09 0.10 0.13 0.11 0.14 0.11 0.15 0.14 0.17 0.22 0.12 0.17 0.24 0.19 0.25 0.19 0.27 0.39 0.20 0.30 0.43 0.30 0.46 0.42 0.46 0.52 0.46 0.52
6.8 6.8 6.8 10 10 15 15 15 22 22 22 33 33 47 47 68 68 100 0.47 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10 10 10 15 15 15 22 22 22 33 33 47 47
A B C B C B C D B C D C D D E D E E A A A B A B A B A B C A B C B C B C D B C D C D V D E D E
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W www.vishay.com 46 For technical questions, contact: tantalum@vishay.com Document Number: 40002 Revision: 05-May-08
293D
Solid Tantalum Surface Mount Capacitors Vishay Sprague (R) Molded Case, Standard Industrial Grade TANTAMOUNT
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 35 VDC AT + 85 C, 23 VDC AT + 125 C 293D104(1)035A(2) 0.5 4 293D154(1)035A(2) 0.5 4 293D224(1)035A(2) 0.5 4 293D334(1)035A(2) 0.5 4 293D474(1)035A(2) 0.5 4 293D474(1)035B(2) 0.5 4 293D684(1)035A(2) 0.5 4 293D684(1)035B(2) 0.5 4 293D105(1)035A(2) 0.5 4 293D105(1)035B(2) 0.5 4 293D155(1)035B(2) 0.5 6 293D155(1)035C(2) 0.5 6 293D225(1)035B(2) 0.8 6 293D225(1)035C(2) 0.8 6 293D335(1)035B(2) 1.2 6 293D335(1)035C(2) 1.2 6 293D475(1)035B(2) 1.7 6 293D475(1)035C(2) 1.6 6 293D475(1)035D(2) 1.6 6 293D685(1)035C(2) 2.4 6 293D685(1)035D(2) 2.4 6 293D106(1)035C(2) 3.5 6 293D106(1)035D(2) 3.5 6 293D156(1)035D(2) 5.3 6 293D156(1)035E(2) 5.3 6 293D226(1)035D(2) 7.7 6 293D226(1)035E(2) 7.7 6 50 VDC AT + 85 C, 33 VDC AT + 125 C 293D104(1)050A(2) 0.5 4 293D154(1)050A(2) 0.5 4 293D154(1)050B(2) 0.5 4 293D224(1)050A(2) 0.5 4 293D224(1)050B(2) 0.5 4 293D334(1)050A(2) 0.5 4 293D334(1)050B(2) 0.5 4 293D474(1)050A(2) 0.5 4 293D474(1)050B(2) 0.5 4 293D474(1)050C(2) 0.5 4 293D684(1)050B(2) 0.5 4 293D684(1)050C(2) 0.5 4 293D105(1)050B(2) 0.5 4 293D105(1)050C(2) 0.5 4 293D155(1)050B(2) 0.8 6 293D155(1)050C(2) 0.8 6 293D225(1)050C(2) 1.1 6 293D225(1)050D(2) 1.1 6 293D335(1)050C(2) 1.7 6 293D335(1)050D(2) 1.7 6 293D457(1)050C(2) 2.4 6 293D475(1)050D(2) 2.4 6 293D685(1)050D(2) 3.4 6 293D685(1)050E(2) 3.4 6 293D106(1)050D(2) 5.0 6 293D106(1)050E(2) 5.0 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 20.0 18.0 15.0 13.0 10.0 8.0 7.6 6.5 7.5 5.0 4.2 3.8 3.8 2.9 3.5 2.1 3.1 1.9 1.3 1.8 1.1 1.6 0.8 0.7 0.7 0.6 0.6 19.0 17.0 14.0 15.0 12.0 14.0 10.0 12.0 8.4 6.7 7.6 5.9 6.7 4.6 6.0 3.4 2.9 2.1 2.5 1.7 1.5 1.2 0.9 0.9 0.8 0.8 MAX. RIPPLE 100 kHz Irms (A) 0.06 0.07 0.07 0.08 0.09 0.10 0.10 0.11 0.10 0.13 0.14 0.17 0.15 0.20 0.16 0.23 0.17 0.24 0.34 0.25 0.37 0.26 0.43 0.46 0.49 0.52 0.52 0.06 0.07 0.08 0.07 0.08 0.07 0.09 0.08 0.10 0.13 0.11 0.14 0.11 0.16 0.12 0.18 0.20 0.27 0.21 0.30 0.27 0.37 0.41 0.43 0.43 0.45
0.10 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10 10 15 15 22 22 0.10 0.15 0.15 0.22 0.22 0.33 0.33 0.47 0.47 0.47 0.68 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10
A A A A A B A B A B B C B C B C B C D C D C D D E D E A A B A B A B A B C B C B C B C C D C D C D D E D E
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40002 Revision: 05-May-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 47
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, Standard Industrial Grade
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
100 IMPEDANCE ESR 10 10 100 IMPEDANCE ESR
4.7 F, 10 VDC-B CASE 1 4.7 F, 10 VDC-D CASE
10 F 16 VDC-C CASE , 1
0.1 1K
10K
100K
1M
10M
100M
0.1 1K
10K
100K
1M
10M
100M
FREQUENCY IN (Hz)
FREQUENCY IN (Hz)
100 IMPEDANCE ESR 10
100 IMPEDANCE ESR 10
6.8 F 20 VDC-C CASE , 1 22 F 20 VDC-D CASE ,
1
1 F 35 VDC-B CASE ,
6.8 F 35 VDC-D CASE ,
0.1 1K
10K
100K
1M
10M
100M
0.1 1K
10K
100K
1M
10M
100M
FREQUENCY IN (Hz)
FREQUENCY IN (Hz)
www.vishay.com 48
For technical questions, contact: tantalum@vishay.com
Document Number: 40002 Revision: 05-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 293D1051025B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X