Part Number Hot Search : 
XXXGP IRFP450 PS9121 26300 TIP14 A2228 F1034 PMBS3906
Product Description
Full Text Search
 

To Download 26MB140A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB High Voltage Series
Vishay High Power Products
Single Phase Bridge (Power Modules), 25 A/35 A
FEATURES
* Universal, 3 way terminals: push-on, wrap around or solder * High thermal conductivity package, electrically insulated case * Center hole fixing * Excellent power/volume ratio * Nickel plated terminals solderable using lead (Pb)-free solder; solder alloy Sn/Ag/Cu (SAC305); solder temperature 260 to 275 C
D-34
RoHS
COMPLIANT
* UL E300359 approved * RoHS compliant * Designed and qualified for industrial and consumer level
PRODUCT SUMMARY
IO 25 A/35 A
DESCRIPTION
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IO IFSM I2 t VRRM TJ CHARACTERISTICS 26MB-A 25 TC 50 Hz 60 Hz 50 Hz 60 Hz Range 70 400 420 790 725 1400 to 1600 - 55 to 150 36MB-A 35 55 475 500 1130 1030 1400 to 1600 - 55 to 150 UNITS A C A
A2s V C
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS
TYPE NUMBER 26MB..A 36MB..A VOLTAGE CODE 140 160 VRRM, MAXIMUM REPETITIVE PEAK REVERSE VOLTAGE V 1400 1600 VRSM, MAXIMUM NON-REPETITIVE PEAK REVERSE VOLTAGE V 1500 1700 IRRM MAXIMUM AT TJ MAXIMUM mA 2
Document Number: 93564 Revision: 17-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
MB High Voltage Series
Vishay High Power Products
Single Phase Bridge (Power Modules), 25 A/35 A
FORWARD CONDUCTION
PARAMETER Maximum DC output current at case temperature SYMBOL TEST CONDITIONS Resistive or inductive load IO Capacitive load 26MB-A 25 20 65 t = 10 ms Maximum peak, one cycle non-repetitive forward current IFSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing Low level of threshold voltage High level of threshold voltage Low level forward slope resistance High level forward slope resistance I2t VF(TO)1 VF(TO)2 rt1 rt2 No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied 400 420 335 Initial TJ = TJ maximum 350 790 725 560 512 5.6 0.70 0.75 7.0 6.4 36MB-A 35 28 60 475 500 400 420 1130 1030 800 730 11.3 0.74 0.79 5.5 5.2 m kA2s A2 s A UNITS A C
I2t for time tx = I2t x tx; 0.1 tx 10 ms, VRRM = 0 V (16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum (16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum TJ = 25 C, IFM = 40 Apk (26MB) TJ = 25 C, IFM = 55 Apk (36MB) TJ = 25 C, at VRRM f = 50 Hz, t = 1 s
V
Maximum forward voltage drop
VFM
tp = 400 s
1.25
1.3
V
Maximum DC reverse current per diode RMS isolation voltage base plate
IRRM VISOL
10 2700
10 2700
A V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Junction and storage temperature range Maximum thermal resistance, junction to case per bridge Maximum thermal resistance, case to heatsink Mounting torque 10 % Approximate weight SYMBOL TJ, TStg RthJC RthCS Mounting surface, smooth, flat and greased Bridge to heatsink 1.7 0.2 2.0 20 Nm g TEST CONDITIONS 26MB-A 36MB-A UNITS C 1.35 K/W
- 55 to 150
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93564 Revision: 17-Jun-08
MB High Voltage Series
Single Phase Bridge Vishay High Power Products (Power Modules), 25 A/35 A
Maximum Allowable Case temperature (C)
150 130 110 90 70 50 0 5 10 15 20 25 30
Average Forward Current (A)
1000
26MB..A Series
Instantaneous Forward Current (A)
Tj = 150C
100
180 (Rect) 180 (Sine)
10
Tj = 25C
26MB..A Series
1 0.5
1
1.5
2
2.5
3
3.5
Instantaneous Forward Voltage (V)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
50
26MB..A Series Tj = 150C
40 30 20 10 0 0 5 10 15
180 (Sine)
2
K/ W
180 (Rect)
3K /W 4K /W 5K /W
7 K/W
10 K /W
A hS Rt = 1 W K/ ta el -D R
20
25 0
25
50
75
100
125
150
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
400 350 300 250 200 150
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
450
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = 150 C No Voltage Reapplied 350 Rated Vrrm Reapplied
250
150
26MB..A Series
26MB..A series
100 1 10 100
50 0.01
0.1
Pulse Train Duration (s)
1
Number of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Document Number: 93564 Revision: 17-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
MB High Voltage Series
Vishay High Power Products
Single Phase Bridge (Power Modules), 25 A/35 A
1000
36MB..A Series
Instantaneous Forward Current (A)
Maximum Allowable Case temperature (C)
150 130 110 90 70 50 0 5 10 15 20 25 30 35 40
Average Forward Current (A)
Tj = 150C
100
180 (Rect) 180 (Sine)
10
Tj = 25C
36MB..A Series
1 0.5
1
1.5
2
2.5
3
3.5
Instantaneous Forward Voltage (V)
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
80
36MB..A Series Tj = 150C 180 (Sine) 180 (Rect)
Rt hS A
60
=
1K /W
0. 7
K/ W
40
2K /W
-D elt a
R
3K /W 4 K/W
20
5 K/W
7 K/W
0 0 5 10 15 20 25 30 35 0 25 50 75 100 125 150
Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 8 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
450 400 350 300 250 200 150 100 1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
500 450
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = 150C No Voltage Reapplied 400 Rated Vrrm Reapplied
350 300 250 200 150
36MB..A Series
36MB..A Series
10
100
100 0.01
0.1
Pulse Train Duration (s)
1
Number of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
www.vishay.com 4
For technical questions, contact: ind-modules@vishay.com
Document Number: 93564 Revision: 17-Jun-08
MB High Voltage Series
Single Phase Bridge Vishay High Power Products (Power Modules), 25 A/35 A
ORDERING INFORMATION TABLE
Device code
36
1
1 2
MB
2 -
160
3
A
4 26 = 25 A (average) 36 = 35 A (average)
Current rating code Circuit configuration:
MB = Single phase european coding
3 4
-
Voltage code x 10 = VRRM Diode bridge rectifier: A = 26 MB, 36MB series
CIRCUIT CONFIGURATION
+
~
-
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95326
Document Number: 93564 Revision: 17-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 26MB140A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X