Part Number Hot Search : 
C4468 DS1012 ADN4662 CP4725 DL6NC FSP33035 1450C CS536608
Product Description
Full Text Search
 

To Download 1N5402G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
GLASS PASSIVATED RECTIFIERS
FEATURES
The plastic package carries underwrites laboratory flammability classification 94V-O High current capability Low reverse leakage Glass passivated junction Low forward voltage drop High temperature soldering guaranteed: vvvvv350 /10 seconds, 0.375"(9.5mm) lead length, wwc5lbs, (2.3kg) tension
1N5400G --- 1N5408G
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 3.0 A
DO - 27
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces,1.15 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1N 1N 1N 1N 1N 1N 1N 1N 1N UNITS 5400G 5401G 5402G 5403G 5404G 5405G 5406G 5407G 5408G
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 9.5mm lead length, @TA= 75
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 3.0
500 350 500
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load @TJ=125
IFSM
200.0
A
Maximum instantaneous forward voltage at 3.0 A Maximum reverse current @TA=25 (Note1) (Note2)
VF IR CJ RJA TJ TSTG
1.1 10.0 100.0 35.0 20.0 - 55 ---- + 175 - 55 ---- + 175
V A pF /W
at rated DC blocking voltage @TA=100 Typical junction capacitance Typical thermal Resistance
Operating junction temperature range Storage temperature range 2.Thermal Resistance Junction Ambient.
Document Number 0269003
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
www.galaxycn.com
1.
BLGALAXY ELECTRICAL
RATINGS AND CHARACTERISTIC CURVES
FIG.1 --FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
4
1N5400G---1N5408G
INSTANTANEOUS FORWARD CURRENT AMPERES
FIG.2--TYPICAL FORWARD CHARACTERISTIC
4
3
3
2
1
Single Phase Half Wave 60Hz Resistive or Inductive Load
2
0
TJ=25 Pulse Width=300S
0
25
50
75
100
125
150
175
1
0.6
0.8
1.0
1.2
1.4
1.6 1.8
2.0
AMBIENT TEMPERATURE, FIG.3 -- PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.4 -- TYPICAL JUNCTION CAPACITANCE
200 100
PEAK FORWARD SURGE CURRENT, AMPERES
250
8.3ms Single Half sine=wave (JEDEC Method)
JUNCTION CAPACITANCE, pF
300
30
TJ=25
200
10
150
100
0
0
0.1
1
4
10
100
1
10
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
FIG.5 -- TYPICAL REVERSE CHARCTERISTICS INSTANTANEOUS REVERSE CURRENT, A
10
1.0
0.1
TJ=25
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
www.galaxycn.com
Document Number 0269003
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 1N5402G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X