Part Number Hot Search : 
28C17A LVCH16 AP450 48CTQ060 04815 R1607 S4128B 2SC4499
Product Description
Full Text Search
 

To Download 1N5402G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G - 1N5408G
3.0 AMPS. Glass Passivated Rectifiers DO-201AD
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.2 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 75 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @3.0A Maximum DC Reverse Current @ TA=25 C at Rated DC Blocking Voltage @ TA=125 oC Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 )
o
Symbol VRRM VRMS VDC I(AV) IFSM VF IR
1N 1N 1N 1N 1N 1N 1N 5400G 5401G 5402G 5404G 5406G 5407G 5408G
Units
V V V A
50 35 50
100 70 100
200 140 200
400 280 400 3.0
600 420 600
800 560 800
1000 700 1000
125 1.1 1.0 5.0 100 25 45 - 65 to + 150
A V uA uA pF o C/W o C
Cj RJA
Operating and Storage Temperature Range TJ,TSTG 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. Notes: 2. Mount on Cu-Pad size 16mm x 16mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N5400G THRU 1N5408G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
4
INSTANTANEOUS REVERSE CURRENT. ( mA )
3
10
Tj=125 0C
2
Tj=75 0C 1
1
0
0
25
50
75
100
o
125
150
175
Tj=25 0C 0.1
AMBIENT TEMPERATURE. ( C)
250
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.01 0 20 40 60 80 100 120 140
PEAK FORWARD SURGE CURRENT. (A)
200 150 100
PERCENT RATED PEAK REVERSE VOLTAGE. (%)
50
0
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
1000 30
FIG.5- TYPICAL FORWARD VOLTAGE
10
INSTANTANEOUS FORWARD CURRENT. (A)
JUNCTION CAPACITANCE.(pF)
1N5400G-1N5401G
1
100
1N5402G-1N5408G
0.1
10 1
10 REVERSE VOLTAGE. (V)
5
50
100
0.01
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N5402G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X