Part Number Hot Search : 
DG409 S1010 DSP16 4HC140 BZX84B5V 2SK1636L HT82M 74HC45
Product Description
Full Text Search
 

To Download 1F4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1F1
1.0 AMP FAST RECOVERY RECTIFIERS
THRU
1F7
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability
1.0 Ampere
R-1
.102(2.6) .091(2.3) DIA.
.787(20.0) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.19 grams
.126(3.2) .106(2.7)
.025(0.65) .021(0.55) DIA.
.787(20.0) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=25 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
1F1 50 35 50
1F2 100 70 100
1F3 200 140 200
1F4 400 280 400 1.0 25 1.3 5.0 100
1F5 600 420 600
1F6 800 560 800
1F7 1000 700 1000
UNITS V V V A A V A
150 -65 15 +150
250
500
A nS pF C
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (1F1 THRU 1F7)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE,( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
25
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLT AGE,(V)
20
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
15
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
10
5
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of 1F4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X