Part Number Hot Search : 
74HC7540 LBS13701 HYB31 24101 RTL8201 C2008 10EL5 5BR10
Product Description
Full Text Search
 

To Download ZURMG56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZURMG56W
www.SunLED.com
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. ZURMG56W Red Green GaAsP/GaP GaP Water Clear 4 4 V7 typ. 11 11 627 565 140 VF VF IR UR (GaAsP/ GaP) 2.0 2.5 10 MG (GaP) 2.2 2.5 10 Unit
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
UR (GaAsP/ GaP) 5 30 160 75
MG (GaP) 5 25 140 62.5
V V uA
P
627
565
nm
-40 ~ +85 -40 ~ +85
D
625
568
nm
45
30
nm
C
15
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2
Published Date : FEB 25, 2008
Drawing No : SDSA1453
Checked : B.L.LIU
P.1/5
Part Number:
ZURMG56W
www.SunLED.com
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
UR
Published Date : FEB 25, 2008
Drawing No : SDSA1453
V7
Checked : B.L.LIU
P.2/5
Part Number:
ZURMG56W
www.SunLED.com
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
MG
Published Date : FEB 25, 2008
Drawing No : SDSA1453
V7
Checked : B.L.LIU
P.3/5
Part Number:
ZURMG56W
www.SunLED.com
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25, 2008 Drawing No : SDSA1453 V7 Checked : B.L.LIU P.4/5
Part Number:
ZURMG56W
www.SunLED.com
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZURMG56W
Published Date : FEB 25, 2008
Drawing No : SDSA1453
V7
Checked : B.L.LIU
P.5/5


▲Up To Search▲   

 
Price & Availability of ZURMG56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X