Part Number Hot Search : 
MT093AE PSB7230 FR301G CA3252E 10095050 00568 EP100 UDA1384
Product Description
Full Text Search
 

To Download ZMO46W-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMO46W-8
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
Features
SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. YOKE LEAD. LONG LIFE-SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MO (InGaAlP) 5 30 195 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MO (InGaAlP) 2.0 2.5 10 Unit V V uA
P
610
nm
D
601
nm
29
nm
C
30
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 1990
Wavelength nm P
Viewing Angle 2 1/2
ZMO46W-8
Orange
InGaAlP
Water Clear
1200
610
20
Published Date : FEB 26,2008
Drawing No : SDSA3680
V5
Checked : B.L.LIU
P.1/4
Part Number:
ZMO46W-8
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
MO
Published Date : FEB 26,2008
Drawing No : SDSA3680
V5
Checked : B.L.LIU
P.2/4
Part Number:
ZMO46W-8
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 26,2008 Drawing No : SDSA3680 V5 Checked : B.L.LIU P.3/4
Part Number:
ZMO46W-8
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
ZMO46W-8
Published Date : FEB 26,2008
Drawing No : SDSA3680
V5
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMO46W-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X