Part Number Hot Search : 
25LQ64C KBU600 XN5601 CR0800SC 70HF100R FR801 AN3978 LTL2P
Product Description
Full Text Search
 

To Download ZMG53W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZMG53W-1
1.6X0.8mm SMD CHIP LED LAMP
Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. typ. 14 565 VF VF IR
MG (GaP) 2.2 2.5 10
Unit V V uA
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2
ZMG53W-1
Green
GaP
Water Clear
4
120
Published Date : MAR 08,2008
Drawing No : SDSA2406
V8
Checked : Shin Chi
P.1/4
Part Number:
www.SunLED.com
ZMG53W-1
1.6X0.8mm SMD CHIP LED LAMP
MG
Published Date : MAR 08,2008
Drawing No : SDSA2406
V8
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
ZMG53W-1
1.6X0.8mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 08,2008
Drawing No : SDSA2406
V8
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
ZMG53W-1
1.6X0.8mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMG53W-1
Published Date : MAR 08,2008
Drawing No : SDSA2406
V8
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMG53W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X