|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: ZMG46W-8 www.SunLED.com SUBMINIATURE SOLID STATE LAMP Features SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. YOKE LEAD. LONG LIFE-SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MG (GaP) 2.2 2.5 10 Unit V V uA P 565 nm D 568 nm 30 nm C 15 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 79 Wavelength nm P Viewing Angle 2 1/2 ZMG46W-8 Green GaP Water Clear 36 565 20 Published Date : FEB 27,2008 Drawing No : SDSA3682 V5 Checked : B.L.LIU P.1/4 Part Number: ZMG46W-8 www.SunLED.com SUBMINIATURE SOLID STATE LAMP MG Published Date : FEB 27,2008 Drawing No : SDSA3682 V5 Checked : B.L.LIU P.2/4 Part Number: ZMG46W-8 www.SunLED.com SUBMINIATURE SOLID STATE LAMP Recommended Soldering Pattern (Units : mm;Tolerance: 0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 27,2008 Drawing No : SDSA3682 V5 Checked : B.L.LIU P.3/4 Part Number: ZMG46W-8 www.SunLED.com SUBMINIATURE SOLID STATE LAMP PACKING & LABEL SPECIFICATIONS ZMG46W-8 Published Date : FEB 27,2008 Drawing No : SDSA3682 V5 Checked : B.L.LIU P.4/4 |
Price & Availability of ZMG46W-8 |